Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1051A Datasheet(PDF) 7 Page - Analog Devices

Part # ADM1051A
Description  Precision Dual Voltage Regulator Controllers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1051A Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM1051A_15 Datasheet HTML 2Page - Analog Devices ADM1051A_15 Datasheet HTML 3Page - Analog Devices ADM1051A_15 Datasheet HTML 4Page - Analog Devices ADM1051A_15 Datasheet HTML 5Page - Analog Devices ADM1051A_15 Datasheet HTML 6Page - Analog Devices ADM1051A_15 Datasheet HTML 7Page - Analog Devices ADM1051A_15 Datasheet HTML 8Page - Analog Devices ADM1051A_15 Datasheet HTML 9Page - Analog Devices ADM1051A_15 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
REV. 0
ADM1051/ADM1051A
–7–
For compatibility with the TYPEDET signal, the regulator output
voltage of Channel 1 may be selected using the Shutdown pin.
This is a multilevel, dual-function input that allows selection of
the regulator output voltage as well as shutdown of the regulator.
By setting
SHDN1 to different voltages, the regulator can be put
into four different operating modes.
Table I. Shutdown Functionality for 1.5 V Channel
SHDN1 Voltage
Mode
Function
< 0.8 V
1
Force Output Low, Regulator
Shutdown
2 V–3.9 V
2
1.5 V Output
4.3 V–5.3 V
3
Force Output High, VOUT = 3.3 V
>6.2 V or Floating
4
1.5 V Output
If the
SHDN1 pin is connected to a voltage less than 0.8 V, the
FORCE output will go low and the regulator will be shut down.
If the
SHDN1 pin is connected to a voltage greater than 6.2 V,
or simply left open-circuit, the regulator will operate normally
and provide 1.5 V out. This allows the regulator to operate
normally with no external connection to
SHDN1.
If the
SHDN1 pin is connected to a voltage between 2 V and 3.9 V,
the regulator will also operate normally and provide 1.5 V out.
If the
SHDN1 pin is connected to a voltage between 4.3 V and
5.3 V, the FORCE output will be high and the external MOSFET
will be turned hard on, making the output voltage equal to the 3.3 V
input (less any small drop due to the on-resistance of the MOSFET).
In this mode it is not actually regulating, but simply acting as a
switch for the 3.3 V supply. The voltage drop across the Channel 1
MOSFET in Mode 3 can be minimized by using a MOSFET
with very low on resistance, for which Channel 1 is optimized,
such as the PHD55N03LT.
The latter two modes allow the regulator to be controlled by the
TYPEDET signal simply by using potential divider, as shown in
Figure 2.
TYPEDET
SHDN1
PC 5V SUPPLY
3k
3k
Figure 2. Using
SHDN1 with TYPEDET Signal
A shutdown function can be added by connecting an open-drain/
open-collector logic output to
SHDN1, or by using a totem-pole
logic output with a Schottky diode, as shown in Figure 3.
ADM1051/
ADM1051A
OPEN-DRAIN OR
OPEN-COLLECTOR
OUTPUT
TYPEDET
SHDN1
PC 5V SUPPLY
3k
3k
EN
TYPEDET
ADM1051/
ADM1051A
SHDN1
PC 5V SUPPLY
3k
3k
SCHOTTKY
DIODE
COMPLEMENTARY
OR TOTEM-POLE
OUTPUT
EN
Figure 3. TYPEDET Voltage Selection Combined with
Shutdown Function
When the logic output is high or turned off, the regulator mode
will be controlled by TYPEDET. When the logic output is low,
the regulator will be shut down.
Table II. TYPEDET and Shutdown Truth Table
TYPEDET
EN
Regulator Mode
X
0
Shutdown
0
1
1.5 V
1
1
3.3 V
X = Don’t care.
Note that when Channel 1 of the ADM1051 is set to 3.3 V,
Channel 2 should not be shut down while Channel 1 is active.
12V SUPPLY
VREF TURN-ON
THRESHOLD
POR THRESHOLD
4V – 7V
GATE DRIVE TO
EXTERNAL
MOSFET
MOSFET GATE
THRESHOLD
3.3V SUPPLY
TO EXTERNAL
MOSFET DRAIN
CHANNEL 1
OR CHANNEL 2
OUTPUT VOLTAGE
NORMAL
OUTPUT VOLTAGE
FAULT
REMOVED
OUTPUT < 0.8
VREG
CHANNEL 1
OR CHANNEL 2
OUTPUT CURRENT
HICCUP MODE
HOLD-OFF TIME
2 AMPS
DEVICE ENTERS HICCUP MODE
FAULT CURRENT
1:40 DUTY CYCLE
OFF
ON
Figure 4. Power-On Reset and Hiccup Mode


Similar Part No. - ADM1051A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1051AJR AD-ADM1051AJR Datasheet
176Kb / 10P
   Precision Dual Voltage Regulator Controllers
REV. 0
More results

Similar Description - ADM1051A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1051 AD-ADM1051_15 Datasheet
182Kb / 10P
   Precision Dual Voltage Regulator Controllers
REV. 0
ADM1051 AD-ADM1051 Datasheet
176Kb / 10P
   Precision Dual Voltage Regulator Controllers
REV. 0
ADM1052 AD-ADM1052 Datasheet
164Kb / 8P
   Precision Dual Voltage Regulator Controller
REV. A
ADM1052 AD-ADM1052_15 Datasheet
163Kb / 8P
   Precision Dual Voltage Regulator Controller
REV. A
logo
Maxim Integrated Produc...
MAX8737 MAXIM-MAX8737 Datasheet
749Kb / 15P
   Dual, Low-Voltage Linear Regulator Controllers with External MOSFETs
Rev 0; 5/05
logo
New Japan Radio
NJM723 NJRC-NJM723 Datasheet
163Kb / 4P
   PRECISION VOLTAGE REGULATOR
logo
Hitachi Semiconductor
HA17723 HITACHI-HA17723 Datasheet
91Kb / 17P
   Precision Voltage Regulator
logo
NXP Semiconductors
MA723 PHILIPS-MA723 Datasheet
67Kb / 6P
   Precision voltage regulator
1994 Aug 31
logo
Fairchild Semiconductor
KA723 FAIRCHILD-KA723 Datasheet
46Kb / 8P
   Precision Voltage Regulator
logo
Microsemi Corporation
SG723 MICROSEMI-SG723 Datasheet
88Kb / 4P
   PRECISION VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com