Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2841-4A-F4 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PS2841-4A-F4
Description  WORLD?셎 SMALLEST CLASS, FOUR CHANNELS12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2841-4A-F4 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PS2841-4A-F4 Datasheet HTML 2Page - Renesas Technology Corp PS2841-4A-F4 Datasheet HTML 3Page - Renesas Technology Corp PS2841-4A-F4 Datasheet HTML 4Page - Renesas Technology Corp PS2841-4A-F4 Datasheet HTML 5Page - Renesas Technology Corp PS2841-4A-F4 Datasheet HTML 6Page - Renesas Technology Corp PS2841-4A-F4 Datasheet HTML 7Page - Renesas Technology Corp PS2841-4A-F4 Datasheet HTML 8Page - Renesas Technology Corp PS2841-4A-F4 Datasheet HTML 9Page - Renesas Technology Corp PS2841-4A-F4 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Data Sheet PN10202EJ04V0DS
6
PS2841-4A,PS2841-4B
Normalized to 1.0
at TA = 25˚C,
IF = 1 mA, VCE = 0.4 V
Ambient Temperature TA (˚C)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
1.6
1.0
1.2
1.4
0.8
0.6
0.4
0.2
0.0
–40
–25
0
25
50
75
100
Forward Current IF (mA)
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
0.01
0.1
1
10
100
0
50
150
100
200
250
300
350
400
VCE = 0.4 V
Load Resistance RL (
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
0.1
1
10
100
10
50 100
500 1 k
5 k 10 k
IC = 2 mA,
VCC = 5 V,
CTR = 160%
tf
tr
td
ts
Load Resistance RL (
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
1
1 000
100
10
10 000
1 k
5 k
10 k
50 k
100 k
IF = 1 mA,
VCC = 5 V,
CTR = 160%
tf
tr
td
ts
vs. FORWARD CURRENT
OPTICAL LEAKAGE CURRENT
Forward Current IF (mA)
1 000
100
10
1
5
10
15
20
25
0
10 V
5 V
VCE = 70 V
40 V
24 V
vs. AMBIENT TEMPERATURE
OPTICAL LEAKAGE CURRENT
Ambient Temperature TA (˚C)
50
45
30
25
40
35
20
15
10
5
0
–20 –10 0
10 20 30 40 50 60 70 80 90
–30
VCE = 24 V
IF = 5 mA
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS2841-4A-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2841-4A-F4 CEL-PS2841-4A-F4 Datasheet
361Kb / 11P
   WORLDS SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SMALL SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2841-4A-F4 RENESAS-PS2841-4A-F4 Datasheet
236Kb / 14P
   WORLD?셎 SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
More results

Similar Description - PS2841-4A-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2845-4A RENESAS-PS2845-4A Datasheet
228Kb / 14P
   WORLD?셎 SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
PS2845-4A RENESAS-PS2845-4A_15 Datasheet
235Kb / 14P
   WORLD?셎 SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
PS2841-4A RENESAS-PS2841-4A_15 Datasheet
236Kb / 14P
   WORLD?셎 SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2845-4A CEL-PS2845-4A Datasheet
344Kb / 11P
   WORLDS SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SMALL SOP PHOTOCOUPLER
PS2841-4A CEL-PS2841-4A Datasheet
361Kb / 11P
   WORLDS SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SMALL SOP PHOTOCOUPLER
logo
Everlight Electronics C...
EL357NC-G EVERLIGHT-EL357NC-G Datasheet
374Kb / 11P
   4 PIN ULTRA SMALL SOP PHOTOTRANSISTOR PHOTOCOUPLER
logo
Renesas Technology Corp
PS2761B-1 RENESAS-PS2761B-1_15 Datasheet
282Kb / 15P
   4-PIN SOP PHOTOCOUPLER
logo
Everlight Electronics C...
EL357NCTA-VG EVERLIGHT-EL357NCTA-VG Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357NB-G EVERLIGHT-EL357NB-G Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357 EVERLIGHT-EL357_08 Datasheet
321Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com