Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2841-4B-F3 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PS2841-4B-F3
Description  WORLD?셎 SMALLEST CLASS, FOUR CHANNELS12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2841-4B-F3 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PS2841-4B-F3 Datasheet HTML 5Page - Renesas Technology Corp PS2841-4B-F3 Datasheet HTML 6Page - Renesas Technology Corp PS2841-4B-F3 Datasheet HTML 7Page - Renesas Technology Corp PS2841-4B-F3 Datasheet HTML 8Page - Renesas Technology Corp PS2841-4B-F3 Datasheet HTML 9Page - Renesas Technology Corp PS2841-4B-F3 Datasheet HTML 10Page - Renesas Technology Corp PS2841-4B-F3 Datasheet HTML 11Page - Renesas Technology Corp PS2841-4B-F3 Datasheet HTML 12Page - Renesas Technology Corp PS2841-4B-F3 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet PN10202EJ04V0DS
9
PS2841-4A,PS2841-4B
NOTES ON HANDLING
1. Recommended soldering conditions
(1) Infrared reflow soldering
• Peak reflow temperature
260
°C or below (package surface temperature)
• Time of peak reflow temperature
10 seconds or less
• Time of temperature higher than 220
°C
60 seconds or less
• Time to preheat temperature from 120 to 180
°C
120
±30 s
• Number of reflows
Three
• Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 Wt% is recommended.)
120±30 s
(preheating)
220˚C
180˚C
Time (s)
Recommended Temperature Profile of Infrared Reflow
(heating)
to 10 s
to 60 s
260˚C MAX.
120˚C
(2) Wave soldering
• Temperature
260
°C or below (molten solder temperature)
• Time
10 seconds or less
• Preheating conditions
120
°C or below (package surface temperature)
• Number of times
One (Allowed to be dipped in solder including plastic mold portion.)
• Flux
Rosin flux containing small amount of chlorine (The flux with a maximum chlorine
content of 0.2 Wt% is recommended.)
(3) Soldering by soldering iron
• Peak temperature (lead part temperature)
350
°C or below
• Time (each pins)
3 seconds or less
• Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 Wt% is recommended.)
(a) Soldering of leads should be made at the point 1.5 to 2.0 mm from the root of the lead.
(b) Please be sure that the temperature of the package would not be heated over 100
°C.


Similar Part No. - PS2841-4B-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2841-4B-F3 CEL-PS2841-4B-F3 Datasheet
361Kb / 11P
   WORLDS SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SMALL SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2841-4B-F3 RENESAS-PS2841-4B-F3 Datasheet
236Kb / 14P
   WORLD?셎 SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
More results

Similar Description - PS2841-4B-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2845-4A RENESAS-PS2845-4A Datasheet
228Kb / 14P
   WORLD?셎 SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
PS2845-4A RENESAS-PS2845-4A_15 Datasheet
235Kb / 14P
   WORLD?셎 SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
PS2841-4A RENESAS-PS2841-4A_15 Datasheet
236Kb / 14P
   WORLD?셎 SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2845-4A CEL-PS2845-4A Datasheet
344Kb / 11P
   WORLDS SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SMALL SOP PHOTOCOUPLER
PS2841-4A CEL-PS2841-4A Datasheet
361Kb / 11P
   WORLDS SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SMALL SOP PHOTOCOUPLER
logo
Everlight Electronics C...
EL357NC-G EVERLIGHT-EL357NC-G Datasheet
374Kb / 11P
   4 PIN ULTRA SMALL SOP PHOTOTRANSISTOR PHOTOCOUPLER
logo
Renesas Technology Corp
PS2761B-1 RENESAS-PS2761B-1_15 Datasheet
282Kb / 15P
   4-PIN SOP PHOTOCOUPLER
logo
Everlight Electronics C...
EL357NCTA-VG EVERLIGHT-EL357NCTA-VG Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357NB-G EVERLIGHT-EL357NB-G Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357 EVERLIGHT-EL357_08 Datasheet
321Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com