Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W632GU6KB-11 Datasheet(PDF) 5 Page - Winbond

Part # W632GU6KB-11
Description  16M X 8 BANKS X 16 BIT DDR3L SDRAM
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W632GU6KB-11 Datasheet(HTML) 5 Page - Winbond

  W632GU6KB-11 Datasheet HTML 1Page - Winbond W632GU6KB-11 Datasheet HTML 2Page - Winbond W632GU6KB-11 Datasheet HTML 3Page - Winbond W632GU6KB-11 Datasheet HTML 4Page - Winbond W632GU6KB-11 Datasheet HTML 5Page - Winbond W632GU6KB-11 Datasheet HTML 6Page - Winbond W632GU6KB-11 Datasheet HTML 7Page - Winbond W632GU6KB-11 Datasheet HTML 8Page - Winbond W632GU6KB-11 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 160 page
background image
W632GU6KB
Publication Release Date: Jan. 20, 2015
Revision: A06
- 5 -
1.
GENERAL DESCRIPTION
The W632GU6KB is a 2G bits DDR3L SDRAM, organized as 16,777,216 words
 8 banks  16 bits.
This device achieves high speed transfer rates up to 1866 Mb/sec/pin (DDR3L-1866) for various
applications. The W632GU6KB is sorted into the following speed grades: -11, -12, 12I, -15 and 15I.
The -11 speed grade is compliant to the DDR3L-1866 (13-13-13) specification. The -12 and 12I speed
grades are compliant to the DDR3L-1600 (11-11-11) specification (the 12I industrial grade which is
guaranteed to support -40°C
≤ TCASE ≤ 95°C). The -15 and 15I speed grades are compliant to the
DDR3L-1333 (9-9-9) specification (the 15I industrial grade which is guaranteed to support -40°C
TCASE
≤ 95°C).
The W632GU6KB is designed to comply with the following key DDR3L SDRAM features such as
posted CAS#, programmable CAS# Write Latency (CWL), ZQ calibration, on die termination and
asynchronous reset. All of the control and address inputs are synchronized with a pair of externally
supplied differential clocks. Inputs are latched at the cross point of differential clocks (CK rising and
CK# falling). All I/Os are synchronized with a differential DQS-DQS# pair in a source synchronous
fashion.
2.
FEATURES
Power Supply: 1.35V (typ.), VDD, VDDQ = 1.283V to 1.45V
Backward compatible to VDD, VDDQ = 1.5V ± 0.075V
Double Data Rate architecture: two data transfers per clock cycle
Eight internal banks for concurrent operation
8 bit prefetch architecture
CAS Latency: 6, 7, 8, 9, 10, 11 and 13
Burst length 8 (BL8) and burst chop 4 (BC4) modes: fixed via mode register (MRS) or selectable On-
The-Fly (OTF)
Programmable read burst ordering: interleaved or nibble sequential
Bi-directional, differential data strobes (DQS and DQS#) are transmitted / received with data
Edge-aligned with read data and center-aligned with write data
DLL aligns DQ and DQS transitions with clock
Differential clock inputs (CK and CK#)
Commands entered on each positive CK edge, data and data mask are referenced to both edges of
a differential data strobe pair (double data rate)
Posted CAS with programmable additive latency (AL = 0, CL - 1 and CL - 2) for improved command,
address and data bus efficiency
Read Latency = Additive Latency plus CAS Latency (RL = AL + CL)
Auto-precharge operation for read and write bursts
Refresh, Self-Refresh, Auto Self-refresh (ASR) and Partial array self refresh (PASR)
Precharged Power Down and Active Power Down
Data masks (DM) for write data
Programmable CAS Write Latency (CWL) per operating frequency
Write Latency WL = AL + CWL
Multi purpose register (MPR) for readout a predefined system timing calibration bit sequence


Similar Part No. - W632GU6KB-11

ManufacturerPart #DatasheetDescription
logo
Winbond
W632GU8KB WINBOND-W632GU8KB Datasheet
3Mb / 160P
   32M X 8 BANKS X 8 BIT DDR3L SDRAM
W632GU8KB-11 WINBOND-W632GU8KB-11 Datasheet
3Mb / 160P
   32M X 8 BANKS X 8 BIT DDR3L SDRAM
W632GU8KB-12 WINBOND-W632GU8KB-12 Datasheet
3Mb / 160P
   32M X 8 BANKS X 8 BIT DDR3L SDRAM
W632GU8KB-15 WINBOND-W632GU8KB-15 Datasheet
3Mb / 160P
   32M X 8 BANKS X 8 BIT DDR3L SDRAM
W632GU8KB12I WINBOND-W632GU8KB12I Datasheet
3Mb / 160P
   32M X 8 BANKS X 8 BIT DDR3L SDRAM
More results

Similar Description - W632GU6KB-11

ManufacturerPart #DatasheetDescription
logo
Winbond
W632GG6KB WINBOND-W632GG6KB Datasheet
3Mb / 159P
   16M X 8 BANKS X 16 BIT DDR3 SDRAM
logo
Elite Semiconductor Mem...
M15F2G16128A ESMT-M15F2G16128A Datasheet
4Mb / 130P
   16M x 16 Bit x 8 Banks DDR3 SDRAM
logo
Winbond
W632GU8KB WINBOND-W632GU8KB Datasheet
3Mb / 160P
   32M X 8 BANKS X 8 BIT DDR3L SDRAM
logo
Elite Semiconductor Mem...
M15T2G16128A ESMT-M15T2G16128A Datasheet
4Mb / 141P
   16M x 16 Bit x 8 Banks DDR3(L) SDRAM
logo
Winbond
W971GG8JB WINBOND-W971GG8JB_12 Datasheet
1Mb / 87P
   16M x 8 BANKS x 8 BIT DDR2 SDRAM
W631GU6KB-12-TR WINBOND-W631GU6KB-12-TR Datasheet
4Mb / 160P
   8M ??8 BANKS ??16 BIT DDR3L SDRAM
W9751G8KB WINBOND-W9751G8KB Datasheet
1Mb / 87P
   16M x 4 BANKS 瑗?8 BIT DDR2 SDRAM
logo
Elite Semiconductor Mem...
M16U4G16256A ESMT-M16U4G16256A Datasheet
1Mb / 53P
   32M x 16 Bit x 8 Banks DDR4 SDRAM
M15F4G16256A ESMT-M15F4G16256A Datasheet
7Mb / 164P
   32M x 16 Bit x 8 Banks DDR3 SDRAM
logo
Winbond
W972GG6JB-18-TR WINBOND-W972GG6JB-18-TR Datasheet
1Mb / 87P
   16M 8 BANKS 16 BIT DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com