Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W632GU8KB Datasheet(PDF) 10 Page - Winbond

Part # W632GU8KB
Description  32M X 8 BANKS X 8 BIT DDR3L SDRAM
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W632GU8KB Datasheet(HTML) 10 Page - Winbond

Back Button W632GU8KB Datasheet HTML 6Page - Winbond W632GU8KB Datasheet HTML 7Page - Winbond W632GU8KB Datasheet HTML 8Page - Winbond W632GU8KB Datasheet HTML 9Page - Winbond W632GU8KB Datasheet HTML 10Page - Winbond W632GU8KB Datasheet HTML 11Page - Winbond W632GU8KB Datasheet HTML 12Page - Winbond W632GU8KB Datasheet HTML 13Page - Winbond W632GU8KB Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 160 page
background image
W632GU8KB
Publication Release Date: Jan. 20, 2015
Revision: A05
- 10 -
B3, C7,C2, C8, E3,
E8, D2, E7
DQ0
−DQ7
Input/Output
Data Input/Output: Lower byte of Bi-directional data bus.
C3, D3
DQS, DQS#
Input/Output
Data Strobe: Output with read data, input with write data. Edge-
aligned with read data, centered in write data. DQS is paired with
DQS# to provide differential pair signaling to the system during read
and write data transfer. DDR3L SDRAM supports differential data
strobe only and does not support single-ended.
B7, A7
TDQS, TDQS#
Output
Termination Data Strobe: When TDQS enabled via Mode Register
A11 = 1 in MR1, the DRAM will enable the same termination
resistance function on TDQS/TDQS# that is applied to DQS/DQS#.
When TDQS disabled via mode register A11 = 0 in MR1, DM/TDQS
will provide the data mask function and TDQS# is not used.
A2, A9, D7, G2, G8,
K1, K9, M1, M9
VDD
Supply
Power Supply: 1.283V to 1.45V operational.
A1, A8, B1, D8, F2,
F8, J1, J9, L1, L9,
N1, N9
VSS
Supply
Ground.
B9, C1, E2, E9
VDDQ
Supply
DQ Power Supply: 1.283V to 1.45V operational.
B2, B8, C9, D1, D9
VSSQ
Supply
DQ Ground.
E1
VREFDQ
Supply
Reference voltage for DQ.
J8
VREFCA
Supply
Reference voltage for Control, Command and Address inputs.
H8
ZQ
Supply
External reference ball for output drive and On-Die Termination
Impedance calibration: This ball needs an external 240
Ω ± 1%
external resistor (RZQ), connected from this ball to ground to perform
ZQ calibration.
A3, F1, F9, H1, H9,
J7
NC
No Connect: No internal electrical connection is present.
Note:
Input only balls (BA0-BA2, A0-A14, RAS#, CAS#, WE#, CS#, CKE, ODT and RESET#) do not supply termination.


Similar Part No. - W632GU8KB

ManufacturerPart #DatasheetDescription
logo
Winbond
W632GU6KB WINBOND-W632GU6KB Datasheet
3Mb / 160P
   16M X 8 BANKS X 16 BIT DDR3L SDRAM
W632GU6KB-11 WINBOND-W632GU6KB-11 Datasheet
3Mb / 160P
   16M X 8 BANKS X 16 BIT DDR3L SDRAM
W632GU6KB-12 WINBOND-W632GU6KB-12 Datasheet
3Mb / 160P
   16M X 8 BANKS X 16 BIT DDR3L SDRAM
W632GU6KB-15 WINBOND-W632GU6KB-15 Datasheet
3Mb / 160P
   16M X 8 BANKS X 16 BIT DDR3L SDRAM
W632GU6KB12I WINBOND-W632GU6KB12I Datasheet
3Mb / 160P
   16M X 8 BANKS X 16 BIT DDR3L SDRAM
More results

Similar Description - W632GU8KB

ManufacturerPart #DatasheetDescription
logo
Winbond
W632GG8KB WINBOND-W632GG8KB Datasheet
3Mb / 159P
   32M X 8 BANKS X 8 BIT DDR3 SDRAM
W972GG8JB WINBOND-W972GG8JB_12 Datasheet
1Mb / 87P
   32M x 8 BANKS x 8 BIT DDR2 SDRAM
logo
Elite Semiconductor Mem...
M15T2G8256A ESMT-M15T2G8256A Datasheet
4Mb / 140P
   32M x 8 Bit x 8 Banks DDR3(L) SDRAM
logo
Winbond
W632GU6KB WINBOND-W632GU6KB Datasheet
3Mb / 160P
   16M X 8 BANKS X 16 BIT DDR3L SDRAM
logo
Elite Semiconductor Mem...
M16U4G16256A ESMT-M16U4G16256A Datasheet
1Mb / 53P
   32M x 16 Bit x 8 Banks DDR4 SDRAM
M15F4G16256A ESMT-M15F4G16256A Datasheet
7Mb / 164P
   32M x 16 Bit x 8 Banks DDR3 SDRAM
M15T4G16256A ESMT-M15T4G16256A Datasheet
8Mb / 174P
   32M x 16 Bit x 8 Banks DDR3(L) SDRAM
logo
Winbond
W972GG8JB-3-TR WINBOND-W972GG8JB-3-TR Datasheet
1Mb / 87P
   32M 8 BANKS 8 BIT DDR2 SDRAM
W972GG8JB WINBOND-W972GG8JB Datasheet
1Mb / 86P
   32M ??8 BANKS ??8 BIT DDR2 SDRAM
W971GG8JB WINBOND-W971GG8JB_12 Datasheet
1Mb / 87P
   16M x 8 BANKS x 8 BIT DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com