Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1070 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1070
Description  48 V Hot Swap Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1070 Datasheet(HTML) 4 Page - Analog Devices

  ADM1070_15 Datasheet HTML 1Page - Analog Devices ADM1070_15 Datasheet HTML 2Page - Analog Devices ADM1070_15 Datasheet HTML 3Page - Analog Devices ADM1070_15 Datasheet HTML 4Page - Analog Devices ADM1070_15 Datasheet HTML 5Page - Analog Devices ADM1070_15 Datasheet HTML 6Page - Analog Devices ADM1070_15 Datasheet HTML 7Page - Analog Devices ADM1070_15 Datasheet HTML 8Page - Analog Devices ADM1070_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. 0
–4–
ADM1070
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
6
5
4
SENSE
VIN
GATE
UV/OV
TIMER
ADM1070ART
1
2
3
VEE
PIN FUNCTION DESCRIPTION
Pin No.
Mnemonic
Function
1
SENSE
Connection to External FET Source Voltage. A sense resistor is connected in the supply path
between the SENSE Pin and VEE, and the voltage across this resistor is monitored to detect current
faults. This voltage is fed as an input to the linear current regulator. When it reaches 100 mV for
a specified period, tON, the regulator reduces the gate voltage and drives the FET as a linear pass
device. If current monitoring is not required, this feature can be turned off by shorting the
SENSE Pin and VEE together.
2VEE
Device Negative Supply Voltage. This pin should be connected to the lower potential of the
power supply.
3VIN
Shunt Regulated On-Chip Supply, Nominally VEE + 12.3 V. This pin should be current fed
through a dropper resistor that is connected to the higher potential of the power supply inputs.
4TIMER
Allows User Control over Timing Functions by Determining Frequency of Oscillator. Fre-
quency set by connecting external capacitor to VEE. Tying pin directly to VEE causes oscillator to
default to internally set value.
5
UV/OV
Input Pin for Overvoltage and Undervoltage Detection Circuitry. The voltage appearing on the
UV/OV Pin is proportional to board supply and is determined by external resistors. When the
voltage on UV/OV falls below the undervoltage threshold of 0.86 V, the GATE Pin is driven low.
When the voltage appearing at the UV/OV Pin rises above the overvoltage threshold of 1.97 V,
the GATE Pin is also driven low. If the external resistor ratio of R1/R2 = 40 is used, then this
gives an operating range of –36 V to –77 V.
6
GATE
Output to External FET Gate Drive. Controlled by linear current regulator. The gate is driven
low if an overvoltage or undervoltage fault occurs or if a current fault lasts for longer than the
time, tON. When in linear regulation, the GATE Pin voltage is controlled as part of the servo loop.
No external compensation is required. When the FET is fully enhanced and the load capacitance
has been charged, the GATE Pin reaches a high level of typically 12 V.


Similar Part No. - ADM1070_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1070ART AD-ADM1070ART Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070EB AD-ADM1070EB Datasheet
239Kb / 12P
   ADM1070 Hot Swap Controller Evaluation Kit Documentation
REV. 0
More results

Similar Description - ADM1070_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
TPS2390 TI-TPS2390 Datasheet
283Kb / 16P
[Old version datasheet]   SIMPLE-48-V HOT SWAP CONTROLLER
logo
Analog Devices
ADM1073 AD-ADM1073_15 Datasheet
376Kb / 24P
   Full-Feature 48 V Hot Swap Controller
REV. B
logo
Texas Instruments
TPS2399DGKG4 TI1-TPS2399DGKG4 Datasheet
993Kb / 28P
[Old version datasheet]   -48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
logo
ON Semiconductor
TPS2398 ONSEMI-TPS2398 Datasheet
363Kb / 15P
   -48 V Hot Swap Controller for Redundant Supply Systems
August, 2017 ??Rev. 0
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com