Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1171 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM1171
Description  2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1171 Datasheet(HTML) 2 Page - Analog Devices

  ADM1171_15 Datasheet HTML 1Page - Analog Devices ADM1171_15 Datasheet HTML 2Page - Analog Devices ADM1171_15 Datasheet HTML 3Page - Analog Devices ADM1171_15 Datasheet HTML 4Page - Analog Devices ADM1171_15 Datasheet HTML 5Page - Analog Devices ADM1171_15 Datasheet HTML 6Page - Analog Devices ADM1171_15 Datasheet HTML 7Page - Analog Devices ADM1171_15 Datasheet HTML 8Page - Analog Devices ADM1171_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADM1171
Data Sheet
Rev. A | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
Thermal Characteristics .............................................................. 4
ESD Caution.................................................................................. 4
Pin Configurations and Function Descriptions ........................... 5
Typical Performance Characteristics ............................................. 6
Theory of Operation ...................................................................... 12
Overview...................................................................................... 12
UVLO........................................................................................... 12
ON (ON-CLR) Pin..................................................................... 12
GATE ........................................................................................... 12
Current Limit Function............................................................. 12
Calculating the Current Limit .................................................. 12
Circuit Breaker Function........................................................... 12
Timer Function........................................................................... 13
Power-Up Timing Cycle............................................................ 13
Circuit Breaker Timing Cycle................................................... 13
Automatic Retry or Latched Off............................................... 14
Soft Start ...................................................................................... 14
CSOUT Pin ................................................................................. 14
Outline Dimensions....................................................................... 15
Ordering Guide .......................................................................... 15
REVISION HISTORY
11/13—Rev. 0 to Rev. A
Changes to Figure 39...................................................................... 14
7/06—Revision 0: Initial Version


Similar Part No. - ADM1171_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1171-1AUJZ-RL7 AD-ADM1171-1AUJZ-RL7 Datasheet
255Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
REV. 0
More results

Similar Description - ADM1171_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1171 AD-ADM1171 Datasheet
255Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
REV. 0
ADM1172 AD-ADM1172 Datasheet
228Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Power-Fail Comparator
REV. 0
ADM1172 AD-ADM1172_15 Datasheet
264Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Power-Fail Comparator
REV. A
ADM1170 AD-ADM1170 Datasheet
266Kb / 16P
   1.6 V to 16.5 V Hot Swap Controller with Soft Start
REV. 0
ADM1170 AD-ADM1170_15 Datasheet
248Kb / 16P
   1.6 V to 16.5 V Hot Swap Controller with Soft Start
REV. A
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
LT4239 AD-LT4239 Datasheet
1Mb / 24P
   High Current Hot Swap Controller with Current Monitor Output
Rev. 0
logo
Texas Instruments
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
TPS24720 TI1-TPS24720 Datasheet
2Mb / 37P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Adjustable Power-Limiting Hot-Swap Controller With Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com