Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB-X29NXXX-X Datasheet(PDF) 3 Page - Nel Frequency Controls,inc

Part # AB-X29NXXX-X
Description  PECL/LVPECL UHF XO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

AB-X29NXXX-X Datasheet(HTML) 3 Page - Nel Frequency Controls,inc

  AB-X29NXXX-X Datasheet HTML 1Page - Nel Frequency Controls,inc AB-X29NXXX-X Datasheet HTML 2Page - Nel Frequency Controls,inc AB-X29NXXX-X Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CRYSTAL OSCILLATORS
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Data Sheet 0645A
AB-X29NXXX-X Series
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Operating Temperature Range
To
-40 to +85
ºC
Storage Temperature Range
Tst
-50 to +90
ºC
Supply Voltage
Vcc
-0.5 to 5.5
V
Enable/Disable Voltage
Ven/dis
0 to Vcc
V
Electrical Parameters (1)
Parameter
Symb
Conditions, Note
MIN
TYP
MAX
Unit
Nominal Frequency
Fo
200
1,000
MHz
Supply Voltage
Vcc
Code 0
Code A
4.75
3.135
5.0
3.3
5.25
3.465
V
Supply current
Icc
60
80
mA
Output Logic Type
PECL/
LVPECL
Load
Output to Vcc-2V, or
Thevenin Equivalent
50
Ohm
Output Levels
Voh
Vol
overall
Vcc-1.025
Vcc-1.620
V
Duty Cycle
(Symmetry)
At 50% of output voltage
swing
45/55
50/50
55/45
%
Rise/Fall Time
Tr/Tf
20 to 80, 80 to 20 %
0.5
0.7
ns
Integrated from Phase
Noise, 12 KHz to 20 MHz
, RMS
0.1
0.2
ps
100Hz to 80KHz,RMS
1.0
ps
Integrated
50 KHz to 80 MHz
0.3
ps
Random
period,
2.5
ps
Accumul.,
pk-to-pk
25
ps
Jitter
Wavecrest
characterized
J
Determin.
1
ps
Phase Noise
£(Δf)
622.080MHz
APR 50 ppm
or less
@ 10 Hz
@100 Hz
@1 KHz
@10KHz
@100KHz
@>1MHz
-60
-90
-118
-135
-140
-145
-55
-85
-113
-130
-135
-140
dBc/Hz
Sub-harmonics
At 622.08 MHz
-50
-46
dBc
Frequency Stability
ΔF/F
Overall, including initial
calibration, temperature,
aging 10 years, shock and
vibration
From ±20,
see table
for part
number
ppm
Enable
Pin 2 = Low, 0 to Vcc-
1.62 V or floating
Enabled
V
Disable
Pin 2 = High, Vcc-1.025 V
to Vcc
Disabled, Pin4 = Logic “1”,
Pin5 = Logic “0”
V
Note 1. All parameters, unless otherwise specified, are at nominal conditions, ie: T=25°C, Nominal Vcc & Nominal Load.
Rev. K


Similar Part No. - AB-X29NXXX-X

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AB-X29NXXX NEL-AB-X29NXXX Datasheet
142Kb / 3P
   PECL/LVPECL UHF XO
More results

Similar Description - AB-X29NXXX-X

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AB-X29NXXX NEL-AB-X29NXXX Datasheet
142Kb / 3P
   PECL/LVPECL UHF XO
SU-X29PXXX-X NEL-SU-X29PXXX-X Datasheet
160Kb / 4P
   PECL/LVPECL UHF XO
AB-X29SXXX-X NEL-AB-X29SXXX-X Datasheet
148Kb / 3P
   PECL/LVPECL HF XO
SD-X29JXXX-X NEL-SD-X29JXXX-X Datasheet
163Kb / 3P
   LVPECL UHF CLOCK (XO)
SD-X29KXXX-X NEL-SD-X29KXXX-X Datasheet
163Kb / 3P
   LVPECL UHF CLOCK (XO)
SD-A29KXXX NEL-SD-A29KXXX Datasheet
243Kb / 3P
   LVPECL UHF CLOCK (XO)
SD-A29JXXX NEL-SD-A29JXXX Datasheet
355Kb / 3P
   LVPECL UHF CLOCK (XO)
AB-X36DXXX NEL-AB-X36DXXX Datasheet
140Kb / 3P
   PECL/LVPECL UHF VCXO
AB-X36DXX-X NEL-AB-X36DXX-X Datasheet
159Kb / 3P
   PECL/LVPECL UHF VCXO
AA-X29LXXX NEL-AA-X29LXXX Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com