Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1486 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM1486
Description  5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1486 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM1486_15 Datasheet HTML 6Page - Analog Devices ADM1486_15 Datasheet HTML 7Page - Analog Devices ADM1486_15 Datasheet HTML 8Page - Analog Devices ADM1486_15 Datasheet HTML 9Page - Analog Devices ADM1486_15 Datasheet HTML 10Page - Analog Devices ADM1486_15 Datasheet HTML 11Page - Analog Devices ADM1486_15 Datasheet HTML 12Page - Analog Devices ADM1486_15 Datasheet HTML 13Page - Analog Devices ADM1486_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADM1486
Rev. A | Page 10 of 16
OUTPUT VOLTAGE (V)
90
70
30
60
40
50
0
10
20
0
1.5
1.0
0.5
2.5
2.0
3.5
3.0
4.0
Figure 19. Output Current vs. Driver Output Low Voltage
OUTPUT VOLTAGE (V)
0
–10
–50
–20
–40
–30
–80
–70
–60
0
1.5
1.0
0.5
3.0
2.5
2.0
4.5
4.0
3.5
5.0
Figure 20. Output Current vs. Driver Output High Voltage
TEMPERATURE (
°C)
1.30
1.25
1.00
1.20
1.05
1.10
1.15
0.80
0.85
0.90
0.95
–50
–25
25
0
100
75
50
125
DRIVER ENABLED
DRIVER DISABLED
Figure 21. Supply Current vs. Temperature
TEMPERATURE (
°C)
1.4
1.3
1.0
1.1
1.2
0.6
0.7
0.8
0.9
–50
–25
25
0
100
75
50
125
Figure 22. Receiver Skew vs. Temperature
TEMPERATURE (
°C)
5.0
4.5
2.5
3.0
3.5
4.0
0
0.5
1.0
1.5
2.0
–75
–50
25
0
–25
125
100
75
50
150
|TPLHA–TPLHB|
|TPHLA–TPHLB|
CROSSPOINT A, B
Figure 23. Driver Skew vs. Temperature
TEMPERATURE (
°C)
1.0
0.9
0.5
0.6
0.7
0.8
0
0.1
0.2
0.3
0.4
–75
–50
25
0
–25
125
100
75
50
150
|TPLH–TPHL|
Figure 24. Tx Pulse Width Distortion


Similar Part No. - ADM1486_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1486AN AD-ADM1486AN Datasheet
151Kb / 8P
   5 V Low Power RS-485 PROFIBUS Transceiver
REV Pr. B
ADM1486AQ AD-ADM1486AQ Datasheet
151Kb / 8P
   5 V Low Power RS-485 PROFIBUS Transceiver
REV Pr. B
ADM1486AR AD-ADM1486AR Datasheet
151Kb / 8P
   5 V Low Power RS-485 PROFIBUS Transceiver
REV Pr. B
ADM1486AR AD-ADM1486AR Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
ADM1486AR AD-ADM1486AR Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Rev. A
More results

Similar Description - ADM1486_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1486 AD-ADM1486_05 Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
ADM1486 AD-ADM1486_V01 Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Rev. A
ADM1486 AD-ADM1486 Datasheet
151Kb / 8P
   5 V Low Power RS-485 PROFIBUS Transceiver
REV Pr. B
logo
Texas Instruments
ISO1176T TI1-ISO1176T_15 Datasheet
1Mb / 35P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver
ISO1176 TI-ISO1176_1 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176 TI1-ISO1176_15 Datasheet
1Mb / 37P
[Old version datasheet]   Isolated RS-485 Profibus Transceiver
ISO1176 TI-ISO1176 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
logo
Maxim Integrated Produc...
MAX14770E MAXIM-MAX14770E_11 Datasheet
1Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 2; 1/11
MAX14770E MAXIM-MAX14770E Datasheet
1Mb / 15P
   High-ESD Profibus RS-485 Transceiver
Rev 3; 10/12
MAX14770E MAXIM-MAX14770E_13 Datasheet
2Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 4; 2/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com