Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1487E Datasheet(PDF) 8 Page - Analog Devices

Part # ADM1487E
Description  Half-Duplex, RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1487E Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM1487E_15 Datasheet HTML 4Page - Analog Devices ADM1487E_15 Datasheet HTML 5Page - Analog Devices ADM1487E_15 Datasheet HTML 6Page - Analog Devices ADM1487E_15 Datasheet HTML 7Page - Analog Devices ADM1487E_15 Datasheet HTML 8Page - Analog Devices ADM1487E_15 Datasheet HTML 9Page - Analog Devices ADM1487E_15 Datasheet HTML 10Page - Analog Devices ADM1487E_15 Datasheet HTML 11Page - Analog Devices ADM1487E_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADM485E/ADM487E/ADM1487E
Rev. B | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
0
0.5
1.0
1.5
2.0
2.5
OUTPUT LOW VOLTAGE (V)
0
5
10
15
20
25
30
35
40
45
50
Figure 3. Output Current vs. Receiver Output Low Voltage
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
OUTPUT HIGH VOLTAGE (V)
0
–5
–10
–15
–20
–25
–30
Figure 4. Output Current vs. Receiver Output High Voltage
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
3.9
4.0
4.1
4.2
4.3
4.4
4.5
IRO = –8mA
Figure 5. Receiver Output High Voltage vs. Temperature
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
IRO = 8mA
Figure 6. Receiver Output Low Voltage vs. Temperature
DIFFERENTIAL OUTPUT VOLTAGE (V)
0
5
10
15
20
25
30
35
40
45
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Figure 7. Driver Output Current vs. Differential Output Voltage
TEMPERATURE (°C)
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
–40
–20
0
20
40
60
80
Figure 8. Driver Differential Output Voltage vs. Temperature


Similar Part No. - ADM1487E_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1487EARZ AD-ADM1487EARZ Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM1487EARZ AD-ADM1487EARZ Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM1487EARZ-REEL7 AD-ADM1487EARZ-REEL7 Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM1487EARZ-REEL7 AD-ADM1487EARZ-REEL7 Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
More results

Similar Description - ADM1487E_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM487E AD-ADM487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM485E AD-ADM485E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
logo
Maxim Integrated Produc...
MAX13485E MAXIM-MAX13485E Datasheet
276Kb / 16P
   Half-Duplex RS-485/RS-422 Transceivers in uDFN
Rev 0; 1/07
logo
Analog Devices
ADM3070E AD-ADM3070E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3488 AD-ADM3488_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3490 AD-ADM3490_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3073E AD-ADM3073E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3485 AD-ADM3485_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491E AD-ADM3491E_15 Datasheet
650Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3071E AD-ADM3071E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com