Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-5521-HF000 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # 5082-5521-HF000
Description  14.2 mm (0.56 inch) Seven Segment Displays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-5521-HF000 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button 5082-5521-HF000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-5521-HF000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-5521-HF000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-5521-HF000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-5521-HF000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-5521-HF000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-5521-HF000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5082-5521-HF000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5082-5521-HF000 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Figure 3. Maximum Allowable DC Current vs.
Ambient Temperature.
Figure 4. Forward Current vs.
Forward Voltage.
HER, Yellow, Green, Orange
Figure 7. Maximum Tolerable Peak Current
vs. Pulse Duration – HER, Orange.
Figure 8. Maximum Tolerable Peak Current
vs. Pulse Duration – Yellow.
Figure 5. Relative Luminous Intensity
vs. DC Forward Current.
Figure 6. Relative Efficiency (Luminous Intensity per
Unit Current) vs. Peak Current.
20
0
TA – AMBIENT TEMPERATURE – °C
30
90
120
50
30
70
50
AlGaAs RED
10
20
5
15
25
35
40
60
80
100 110
40
45
R
θ
J-A = 770°C/W
0
0
VF – FORWARD VOLTAGE – V
160
100
60
2.0
4.0
80
20
1.0
3.0
40
AlGaAs RED
0.5
1.5
2.5
3.5
120
140
0
0
IF – FORWARD CURRENT PER SEGMENT – mA
2.00
1.50
1.25
0.75
0.25
20
40
1.75
1.00
0.50
10
30
515
25
35
AlGaAs RED
0.5
0.6
IPEAK – PEAK FORWARD CURRENT
PER SEGMENT – mA
50.0
150.0
1.4
0.8
5.0
1.0
1.2
AlGaAs RED


Similar Part No. - 5082-5521-HF000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-5551-00000 HP-5082-5551-00000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-5551-0A000 HP-5082-5551-0A000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-5551-0B000 HP-5082-5551-0B000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-5551-0C000 HP-5082-5551-0C000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-5551-0D000 HP-5082-5551-0D000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
More results

Similar Description - 5082-5521-HF000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-50XB AVAGO-HDSP-50XB Datasheet
195Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
HDSP-512E AVAGO-HDSP-512E Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP5303 HP-HDSP5303 Datasheet
328Kb / 9P
   14.2 MM SEVEN SEGMENT DISPLAYS
HDSP-52 HP-HDSP-52 Datasheet
76Kb / 8P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-52XE AVAGO-HDSP-52XE Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com