Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM2490E Datasheet(PDF) 3 Page - Analog Devices

Part # ADM2490E
Description  High Speed, ESD-Protected, Full-Duplex
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2490E Datasheet(HTML) 3 Page - Analog Devices

  ADM2490E_15 Datasheet HTML 1Page - Analog Devices ADM2490E_15 Datasheet HTML 2Page - Analog Devices ADM2490E_15 Datasheet HTML 3Page - Analog Devices ADM2490E_15 Datasheet HTML 4Page - Analog Devices ADM2490E_15 Datasheet HTML 5Page - Analog Devices ADM2490E_15 Datasheet HTML 6Page - Analog Devices ADM2490E_15 Datasheet HTML 7Page - Analog Devices ADM2490E_15 Datasheet HTML 8Page - Analog Devices ADM2490E_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADM2490E
Rev. A | Page 3 of 16
SPECIFICATIONS
All voltages are relative to their respective ground; 2.7 ≤ VDD1 ≤ 5.5 V, 4.5 V ≤ VDD2 ≤ 5.5 V. All minimum/maximum specifications apply
over the entire recommended operation range, unless otherwise noted. All typical specifications are at TA = 25°C, VDD1 = VDD2 = 5.0 V,
unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
SUPPLY CURRENT
Power Supply Current, Logic Side
TxD/RxD Data Rate < 2 Mbps
IDD1
3.0
mA
2.7 V ≤ VDD1 ≤ 5.5 V, unloaded
TxD/RxD Data Rate = 16 Mbps
IDD1
6
mA
100 Ω load between Y and Z
Power Supply Current, Bus Side
TxD/RxD Data Rate < 2 Mbps
IDD2
4.0
mA
2.7 V ≤ VDD1 ≤ 5.5 V, unloaded
TxD/RxD Data Rate = 16 Mbps
IDD2
60
mA
100 Ω load between Y and Z
DRIVER
Differential Outputs
Differential Output Voltage, Loaded
|VOD2|
2.0
5.0
V
RL = 50 Ω (RS-422), see Figure 3
1.5
5.0
V
RL = 27 Ω (RS-485), see Figure 3
|VOD4|
1.5
5.0
V
−7 V ≤ VTEST1 ≤ +12 V, see Figure 4
∆|VOD| for Complementary Output States
∆|VOD|
0.2
V
RL = 54 Ω or 100 Ω, see Figure 3
Common-Mode Output Voltage
VOC
3.0
V
RL = 54 Ω or 100 Ω, see Figure 3
∆|VOC| for Complementary Output States
∆|VOC|
0.2
V
RL = 54 Ω or 100 Ω, see Figure 3
Short-Circuit Output Current
IOS
200
mA
Logic Inputs
Input Threshold Low
VIL
0.25 × VDD1
V
Input Threshold High
VIH
0.7 × VDD1
V
TxD Input Current
ITxD
−10
+0.01
+10
μA
RECEIVER
Differential Inputs
Differential Input Threshold Voltage
VTH
−0.2
+0.2
V
Input Voltage Hysteresis
VHYS
70
mV
VOC = 0 V
Input Current (A, B)
II
1.0
mA
VOC = 12 V
−0.8
mA
VOC = −7 V
Line Input Resistance
RIN
12
Logic Outputs
Output Voltage Low
VOLRxD
0.2
0.4
V
IORxD = 1.5 mA, VA − VB = −0.2 V
Output Voltage High
VOHRxD
VDD1 − 0.3
VDD1 − 0.2
V
IORxD = −1.5 mA, VA − VB = 0.2 V
Short-Circuit Current
100
mA
COMMON-MODE TRANSIENT IMMUNITY1
25
kV/μs
VCM = 1 kV, transient
magnitude = 800 V
1 CM is the maximum common-mode voltage slew rate that can be sustained while maintaining specification-compliant operation. VCM is the common-mode potential
difference between the logic and bus sides. The transient magnitude is the range over which the common-mode is slewed. The common-mode voltage slew rates
apply to both rising and falling common-mode voltage edges.


Similar Part No. - ADM2490E_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2490EBRWZ AD-ADM2490EBRWZ Datasheet
559Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2490EBRWZ AD-ADM2490EBRWZ Datasheet
511Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. A
ADM2490EBRWZ-REEL7 AD-ADM2490EBRWZ-REEL7 Datasheet
511Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. A
ADM2490EBRWZ-REEL71 AD-ADM2490EBRWZ-REEL71 Datasheet
559Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2490E_VA AD-ADM2490E_VA Datasheet
511Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. A
More results

Similar Description - ADM2490E_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2490E_VA AD-ADM2490E_VA Datasheet
511Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. A
ADM2490E AD-ADM2490E Datasheet
559Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2491E AD-ADM2491E_V01 Datasheet
423Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex iCoupler Isolated RS-485 Transceiver
Rev. C
ADM2491E AD-ADM2491E Datasheet
572Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2491EBRWZ AD-ADM2491EBRWZ Datasheet
410Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex Coupler Isolated RS-485 Transceiver
REV. B
logo
Maxim Integrated Produc...
MAX14784E MAXIM-MAX14784E Datasheet
846Kb / 17P
   Full-Duplex, 짹35kV ESD-Protected, RS-485 Transceivers for High-Speed Communication
19-6863; Rev 2; 1/15
logo
Analog Devices
ADM1491E AD-ADM1491E Datasheet
304Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. 0
ADM1490E AD-ADM1490E Datasheet
341Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. B
ADM1490E AD-ADM1490E_V01 Datasheet
346Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Rev. D
logo
Maxim Integrated Produc...
MAX13181E MAXIM-MAX13181E Datasheet
297Kb / 18P
   5.0V, 짹15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in uDFN
Rev 0; 7/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com