Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3485 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM3485
Description  Full-Duplex, RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3485 Datasheet(HTML) 4 Page - Analog Devices

  ADM3485_15 Datasheet HTML 1Page - Analog Devices ADM3485_15 Datasheet HTML 2Page - Analog Devices ADM3485_15 Datasheet HTML 3Page - Analog Devices ADM3485_15 Datasheet HTML 4Page - Analog Devices ADM3485_15 Datasheet HTML 5Page - Analog Devices ADM3485_15 Datasheet HTML 6Page - Analog Devices ADM3485_15 Datasheet HTML 7Page - Analog Devices ADM3485_15 Datasheet HTML 8Page - Analog Devices ADM3485_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADM3483/ADM3485/ADM3488/ADM3490/ADM3491
Data Sheet
Rev. E | Page 4 of 20
SPECIFICATIONS
VCC = 3.3 V ± 0.3 V, TA = TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Differential Output Voltage (VOD)
2.0
V
RL = 100 Ω (RS-422), VCC = 3.3 V ± 5% (see Figure 17)
1.5
V
RL = 54 Ω (RS-485) (see Figure 17)
1.5
V
RL = 60 Ω (RS-485), VCC = 3.3 V (see Figure 18)
Δ |VOD| for Complementary Output States1
0.2
V
RL = 54 Ω or 100 Ω (see Figure 17)
Common-Mode Output Voltage (VOC)
3
V
RL = 54 Ω or 100 Ω (see Figure 17)
Δ |VOC| for Common-Mode Output Voltage1
0.2
V
RL = 54 Ω or 100 Ω (see Figure 17)
DRIVER INPUT LOGIC
CMOS Input Logic Threshold Low (VIL)
0.8
V
DE, DI, RE
CMOS Input Logic Threshold High (VIH)
2.0
V
DE, DI, RE
CMOS Logic Input Current (IIN1)
±2
μA
DE, DI, RE
1.0
mA
VIN = 12 V, DE = 0 V, VCC = 0 V or 3.6 V
Input Current—A, B (IIN2)
−0.8
mA
VIN = −7 V, DE = 0 V, VCC = 0 V or 3.6 V
0.1
μA
VIN = 12 V, DE = 0 V, RE = 0 V, VCC = 0 V or 3.6 V,
ADM3491 only
Output Leakage—Y, Z (IO)
−0.1
μA
VIN = −7 V, DE = 0 V, RE = 0 V, VCC = 0 V or 3.6 V,
ADM3491 only
0.01
μA
VIN = 12 V, DE = 0 V, RE = VCC, VCC = 0 V or 3.6 V,
ADM3491 only
Output Leakage (Y, Z) in Shutdown Mode (IO)
−0.01
μA
VIN = −7 V, DE = 0 V, RE = VCC, VCC = 0 V or 3.6 V,
ADM3491 only
RECEIVER
Differential Input Threshold Voltage (VTH)
−0.2
+0.2
V
−7 V < VCM < +12 V
Input Hysteresis (Δ VTH)
50
mV
VCM = 0 V
CMOS Output Voltage High (VOH)
VCC – 0.4
V
IOUT = −1.5 mA, VID = 200 mV (see Figure 19)
CMOS Output Voltage Low (VOL)
0.4
V
IOUT = 2.5 mA, VID = 200 mV (see Figure 19)
Three-State Output Leakage Current (IOZR)
±1
μA
VCC = 3.6 V, 0 V ≤ VOUT ≤ VCC
Input Resistance (RIN)
12
−7 V < VCM < +12 V
POWER SUPPLY CURRENT
1.1
2.2
mA
DE = VCC, RE = 0 V or VCC, no load, DI = 0 V or VCC
Supply Current (ICC)
0.95
1.9
mA
DE = 0 V, RE = 0 V, no load, DI = 0 V or VCC
Supply Current in Shutdown Mode (ISHDN)
0.002
1
μA
DE = 0 V, RE = VCC, DI = VCC or 0 V
−250
mA
VOUT = −7 V
Driver Short-Circuit Output Current (IOSD)
250
mA
VOUT = 12 V
Receiver Short-Circuit Output Current (IOSR)
±8
±60
mA
0 V < VRO < VCC
1
∆VOD and ∆VOC are the changes in VOD and VOC, respectively, when DI input changes state.


Similar Part No. - ADM3485_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3485ARZ AD-ADM3485ARZ Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3485ARZ AD-ADM3485ARZ Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3485ARZ-REEL7 AD-ADM3485ARZ-REEL7 Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3485E AD-ADM3485E Datasheet
119Kb / 11P
   ESD Protected, EMC Compliant, 3.3 V, 20 Mbps, EIA RS-485 Transceiver
REV. A
ADM3485E AD-ADM3485E Datasheet
303Kb / 16P
   ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
More results

Similar Description - ADM3485_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3070E AD-ADM3070E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3488 AD-ADM3488_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3490 AD-ADM3490_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3073E AD-ADM3073E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491E AD-ADM3491E_15 Datasheet
650Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3071E AD-ADM3071E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483E AD-ADM3483E_15 Datasheet
650Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3075E AD-ADM3075E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3078E AD-ADM3078E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491 AD-ADM3491_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com