Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7109MDL883B Datasheet(PDF) 6 Page - Intersil Corporation

Part # ICL7109MDL883B
Description  12-Bit, Microprocessor- Compatible A/D Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7109MDL883B Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ICL7109MDL883B Datasheet HTML 2Page - Intersil Corporation ICL7109MDL883B Datasheet HTML 3Page - Intersil Corporation ICL7109MDL883B Datasheet HTML 4Page - Intersil Corporation ICL7109MDL883B Datasheet HTML 5Page - Intersil Corporation ICL7109MDL883B Datasheet HTML 6Page - Intersil Corporation ICL7109MDL883B Datasheet HTML 7Page - Intersil Corporation ICL7109MDL883B Datasheet HTML 8Page - Intersil Corporation ICL7109MDL883B Datasheet HTML 9Page - Intersil Corporation ICL7109MDL883B Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
Design Information Summary Sheet
• OSCILLATOR FREQUENCY
fOSC = 0.45/RC
COSC > 50pF; ROSC > 50kΩ
fOSC (Typ) = 60kHz
or
fOSC (Typ) = 3.58MHz Crystal
• OSCILLATOR PERIOD
tOSC = RC/0.45
tOSC = 1/3.58MHz (Crystal)
• INTEGRATION CLOCK FREQUENCY
fCLOCK = fOSC (RC Mode)
fCLOCK = fOSC/58 (Crystal)
tCLOCK = 1/fCLOCK
• INTEGRATION PERIOD
tINT = 2048 x tCLOCK
• 60/50Hz REJECTION CRITERION
tINT/t60Hz or tlNT/t50Hz = Integer
• OPTIMUM INTEGRATION CURRENT
IINT = 20µA
• FULL-SCALE ANALOG INPUT VOLTAGE
VlNFS Typically = 200mV or 2V
• INTEGRATE RESISTOR
• INTEGRATE CAPACITOR
• INTEGRATOR OUTPUT VOLTAGE SWING
•VINT MAXIMUM SWING
(V- + 0.5V) < VINT < (V+ - 0.5V)
VINT (Typ) = 2V
• DISPLAY COUNT
• CONVERSION CYCLE
tCYC = tCL0CK x 8192
(In Free Run Mode, Run/HOLD = 1)
when fCLOCK = 60kHz, tCYC = 133ms
• COMMON MODE INPUT VOLTAGE
(V- + 2.0V) < VlN < (V+ - 2V)
• AUTO-ZERO CAPACITOR
0.01
µF < CAZ < 1µF
• REFERENCE CAPACITOR
0.1
µF < CREF < 1µF
•VREF
Biased between V+ and V-
VREF ≅ V+ - 2.8V
Regulation lost when V+ to V-
≤ 6.4V.
If VREF is not used, float output pin.
• POWER SUPPLY: DUAL
±5.0V
V+ = +5V to GND
V- = -5V to GND
• OUTPUT TYPE
Binary Amplitude with Polarity and Overrange Bits
Tips: Always tie TEST pin HIGH.
Don’t leave any inputs floating.
RINT
VINFS
IINT
-----------------
=
CINT
tINT
() IINT
()
VINT
--------------------------------
=
VINT
tINT
() IINT
()
CINT
--------------------------------
=
COUNT
2048
VIN
VREF
-----------------
×
=
ICL7109


Similar Part No. - ICL7109MDL883B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7109MDL INTERSIL-ICL7109MDL Datasheet
6Mb / 180P
   Data Acquisition
More results

Similar Description - ICL7109MDL883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SD AD-AD667SD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767KNZ AD-AD767KNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD567SD AD-AD567SD Datasheet
7Mb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
AD667JNZ AD-AD667JNZ Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667 AD-AD667_15 Datasheet
759Kb / 8P
   Microprocessor Compatible 12 bit D/A Converter
REV. A
AD667 AD-AD667 Datasheet
327Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com