Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7107SCPLZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICL7107SCPLZ
Description  3 1/2 Digit, LCD/LED Display, A/D Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7107SCPLZ Datasheet(HTML) 1 Page - Intersil Corporation

  ICL7107SCPLZ Datasheet HTML 1Page - Intersil Corporation ICL7107SCPLZ Datasheet HTML 2Page - Intersil Corporation ICL7107SCPLZ Datasheet HTML 3Page - Intersil Corporation ICL7107SCPLZ Datasheet HTML 4Page - Intersil Corporation ICL7107SCPLZ Datasheet HTML 5Page - Intersil Corporation ICL7107SCPLZ Datasheet HTML 6Page - Intersil Corporation ICL7107SCPLZ Datasheet HTML 7Page - Intersil Corporation ICL7107SCPLZ Datasheet HTML 8Page - Intersil Corporation ICL7107SCPLZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
FN3082.7
ICL7106, ICL7107, ICL7107S
31/2 Digit, LCD/LED Display, A/D
Converters
The Intersil ICL7106 and ICL7107 are high performance, low
power, 31/2 digit A/D converters. Included are seven
segment decoders, display drivers, a reference, and a clock.
The ICL7106 is designed to interface with a liquid crystal
display (LCD) and includes a multiplexed backplane drive;
the ICL7107 will directly drive an instrument size light
emitting diode (LED) display.
The ICL7106 and ICL7107 bring together a combination of
high accuracy, versatility, and true economy. It features auto-
zero to less than 10
µV, zero drift of less than 1µV/oC, input
bias current of 10pA (Max), and rollover error of less than
one count. True differential inputs and reference are useful in
all systems, but give the designer an uncommon advantage
when measuring load cells, strain gauges and other bridge
type transducers. Finally, the true economy of single power
supply operation (ICL7106), enables a high performance
panel meter to be built with the addition of only 10 passive
components and a display.
Features
• Guaranteed Zero Reading for 0V Input on All Scales
• True Polarity at Zero for Precise Null Detection
• 1pA Typical Input Current
• True Differential Input and Reference, Direct Display Drive
- LCD ICL7106, LED lCL7107
• Low Noise - Less Than 15
µV
P-P
• On Chip Clock and Reference
• Low Power Dissipation - Typically Less Than 10mW
• No Additional Active Circuits Required
• Enhanced Display Stability
• Pb-Free Plus Anneal Available (RoHS Compliant)
Ordering Information
PART NO.
PART MARKING
TEMP. RANGE
(°C)
PACKAGE
PKG. DWG. #
ICL7106CPL
ICL7106CPL
0 to 70
40 Ld PDIP
E40.6
ICL7106CPLZ (Note 2)
ICL7106CPLZ
0 to 70
40 Ld PDIP(Pb-free) (Note 3)
E40.6
ICL7106CM44
ICL7106CM44
0 to 70
44 Ld MQFP
Q44.10x10
ICL7106CM44Z (Note 2)
ICL7106CM44Z
0 to 70
44 Ld MQFP (Pb-free)
Q44.10x10
ICL7106CM44ZT (Note 2)
ICL7106CM44Z
0 to 70
44 Ld MQFP Tape and Reel (Pb-free) Q44.10x10
ICL7107CPL
ICL7107CPL
0 to 70
40 Ld PDIP
E40.6
ICL7107CPLZ (Note 2)
ICL7107CPLZ
0 to 70
40 Ld PDIP(Pb-free) (Note 3)
E40.6
ICL7107RCPL
ICL7107RCPL
0 to 70
40 Ld PDIP (Note 1)
E40.6
ICL7107RCPLZ (Note 2)
ICL7107RCPLZ
0 to 70
40 Ld PDIP (Pb-free) (Notes 1, 3)
E40.6
ICL7107SCPL
ICL7107SCPL
0 to 70
40 Ld PDIP (Notes 1, 3)
E40.6
ICL7107SCPLZ (Note 2)
ICL7107SCPLZ
0 to 70
40 Ld PDIP (Pb-free) (Notes 1, 3)
E40.6
ICL7107CM44
ICL7107CM44
0 to 70
44 Ld MQFP
Q44.10x10
ICL7107CM44T
ICL7107CM44
0 to 70
44 Ld MQFP Tape and Reel
Q44.10x10
ICL7107CM44Z (Note 2)
ICL7107CM44Z
0 to 70
44 Ld MQFP (Pb-free)
Q44.10x10
ICL7107CM44ZT (Note 2)
ICL7107CM44Z
0 to 70
44 Ld MQFP Tape and Reel (Pb-free) Q44.10x10
NOTES:
1. “R” indicates device with reversed leads for mounting to PC board underside. “S” indicates enhanced stability.
2. Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
Data Sheet
September 15, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2002, 2004, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ICL7107SCPLZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7107SCPLZ INTERSIL-ICL7107SCPLZ Datasheet
533Kb / 16P
   3쩍 Digit, LCD/LED Display, A/D Converters
ICL7107SCPLZ INTERSIL-ICL7107SCPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
Renesas Technology Corp
ICL7107SCPLZ RENESAS-ICL7107SCPLZ Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
logo
ARTSCHIP ELECTRONICS CO...
ICL7107SCPLZ ARTSCHIP-ICL7107SCPLZ Datasheet
956Kb / 17P
   LCD/LED Display, A/D Converters
More results

Similar Description - ICL7107SCPLZ

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
logo
Unisonic Technologies
M7206 UTC-M7206_15 Datasheet
311Kb / 8P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
logo
Intersil Corporation
HI7131 INTERSIL-HI7131_02 Datasheet
939Kb / 25P
   3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
ICL7136 INTERSIL-ICL7136 Datasheet
497Kb / 15P
   3 1/2 Digit LCD/LED, Low Power Display, A/D Converters with Overrange Recovery
logo
Unisonic Technologies
M7206 UTC-M7206 Datasheet
311Kb / 8P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
M7240 UTC-M7240 Datasheet
211Kb / 7P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com