Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7149CM44 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ICL7149CM44
Description  33/4 Digit, Autoranging Multimeter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7149CM44 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ICL7149CM44 Datasheet HTML 4Page - Intersil Corporation ICL7149CM44 Datasheet HTML 5Page - Intersil Corporation ICL7149CM44 Datasheet HTML 6Page - Intersil Corporation ICL7149CM44 Datasheet HTML 7Page - Intersil Corporation ICL7149CM44 Datasheet HTML 8Page - Intersil Corporation ICL7149CM44 Datasheet HTML 9Page - Intersil Corporation ICL7149CM44 Datasheet HTML 10Page - Intersil Corporation ICL7149CM44 Datasheet HTML 11Page - Intersil Corporation ICL7149CM44 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
3-40
FIGURE 6. AC VOLTAGE MEASUREMENT USING OPTIONAL AVERAGING CIRCUIT
FIGURE 7. AC VOLTAGE MEASUREMENT USING OPTIONAL RMS CONVERTER CIRCUIT
ICL7652
20M
VIN
100k
50k
V+
4
11
7
10
5
1
8
2
0.1
µF
1.0
µF
COM
43.2k
12
FULL
INT (V/
Ω)
ICL7149
COMMON
-
+
20M
0.1
µF
V-
ICL7652
V+
4
11
7
10
5
1
8
2
0.1
µF
-
+
0.1
µF
V-
100k
5k
SCALE
ADJUST
10
0VAC - 400VAC
0Hz - 1000Hz
AD736
V+
2
7
3
6
8
4
5
10
µF
1
12
INT (V/
Ω)
ICL7149
COMMON
+
+
2.2
µF
COM
FULL
10M
V-
SCALE
ADJUST
4.99k
2.2
µF
5k
30k
10
V+
VIN
0VAC - 400VAC
50Hz - 1000Hz
+
ICL7139, ICL7149


Similar Part No. - ICL7149CM44

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7145 INTERSIL-ICL7145 Datasheet
4Mb / 122P
   P-CHANNEL JFET
ICL7145JCJI INTERSIL-ICL7145JCJI Datasheet
6Mb / 180P
   Data Acquisition
ICL7145JIJI INTERSIL-ICL7145JIJI Datasheet
6Mb / 180P
   Data Acquisition
ICL7145KCJI INTERSIL-ICL7145KCJI Datasheet
6Mb / 180P
   Data Acquisition
ICL7145KIJI INTERSIL-ICL7145KIJI Datasheet
6Mb / 180P
   Data Acquisition
More results

Similar Description - ICL7149CM44

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MN26 EXTECH-MN26 Datasheet
156Kb / 10P
   Mini Autoranging MultiMeter
MN16 EXTECH-MN16 Datasheet
368Kb / 14P
   Autoranging Mini Multimeter
DM100 EXTECH-DM100 Datasheet
159Kb / 2P
   Pocket Multimeter 4000 Count Autoranging DMM
DM110 EXTECH-DM110 Datasheet
148Kb / 2P
   Pocket Multimeter 4000 Count Autoranging DMM
logo
Good Will Instrument Co...
GDM-906X GWINSTEK-GDM-906X Datasheet
3Mb / 2P
   Digit Measurement Multimeter
logo
TEKTRONIX, INC.
2001 TEKTRONIX-2001 Datasheet
402Kb / 6P
   7½-Digit High Performance Multimeter 8½-Digit High Performance Multimeter
logo
List of Unclassifed Man...
8808A ETC2-8808A Datasheet
517Kb / 1P
   8808A 5.5 Digit Multimeter
logo
New Japan Radio
NJU9214 NJRC-NJU9214 Datasheet
581Kb / 29P
   4.3/4 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI
NJU9210C NJRC-NJU9210C Datasheet
830Kb / 22P
   3.3/4 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI????
NJU9210 NJRC-NJU9210 Datasheet
833Kb / 22P
   3.3/4 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com