Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7107 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ICL7107
Description  3 1/2 Digit, LCD/LED Display, A/D Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7107 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ICL7107 Datasheet HTML 3Page - Intersil Corporation ICL7107 Datasheet HTML 4Page - Intersil Corporation ICL7107 Datasheet HTML 5Page - Intersil Corporation ICL7107 Datasheet HTML 6Page - Intersil Corporation ICL7107 Datasheet HTML 7Page - Intersil Corporation ICL7107 Datasheet HTML 8Page - Intersil Corporation ICL7107 Datasheet HTML 9Page - Intersil Corporation ICL7107 Datasheet HTML 10Page - Intersil Corporation ICL7107 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
FN3082.7
Analog COMMON
This pin is included primarily to set the common mode
voltage for battery operation (ICL7106) or for any system
where the input signals are floating with respect to the power
supply. The COMMON pin sets a voltage that is
approximately 2.8V more negative than the positive supply.
This is selected to give a minimum end-of-life battery voltage
of about 6V. However, analog COMMON has some of the
attributes of a reference voltage. When the total supply
voltage is large enough to cause the zener to regulate (>7V),
the COMMON voltage will have a low voltage coefficient
(0.001%/V), low output impedance (
≅15Ω), and a
temperature coefficient typically less than 80ppm/×oC.
The limitations of the on chip reference should also be
recognized, however. With the ICL7107, the internal heating
which results from the LED drivers can cause some
degradation in performance. Due to their higher thermal
resistance, plastic parts are poorer in this respect than
ceramic. The combination of reference Temperature
Coefficient (TC), internal chip dissipation, and package
thermal resistance can increase noise near full scale from
25
µV to 80µVP-P. Also the linearity in going from a high
dissipation count such as 1000 (20 segments on) to a low
dissipation count such as 1111(8 segments on) can suffer by
a count or more. Devices with a positive TC reference may
require several counts to pull out of an over-range condition.
This is because over-range is a low dissipation mode, with the
three least significant digits blanked. Similarly, units with a
negative TC may cycle between over-range and a non-over-
range count as the die alternately heats and cools. All these
problems are of course eliminated if an external reference is
used.
The ICL7106, with its negligible dissipation, suffers from
none of these problems. In either case, an external reference
can easily be added, as shown in Figure 4.
Analog COMMON is also used as the input low return during
auto-zero and de-integrate. If IN LO is different from analog
COMMON, a common mode voltage exists in the system
and is taken care of by the excellent CMRR of the converter.
However, in some applications IN LO will be set at a fixed
known voltage (power supply common for instance). In this
application, analog COMMON should be tied to the same
point, thus removing the common mode voltage from the
converter. The same holds true for the reference voltage. If
reference can be conveniently tied to analog COMMON, it
should be since this removes the common mode voltage
from the reference system.
Within the lC, analog COMMON is tied to an N-Channel FET
that can sink approximately 30mA of current to hold the
voltage 2.8V below the positive supply (when a load is trying
to pull the common line positive). However, there is only
10
µA of source current, so COMMON may easily be tied to a
more negative voltage thus overriding the internal reference.
TEST
The TEST pin serves two functions. On the ICL7106 it is
coupled to the internally generated digital supply through a
500
Ω resistor. Thus it can be used as the negative supply for
externally generated segment drivers such as decimal points
or any other presentation the user may want to include on
the LCD display. Figures 5 and 6 show such an application.
No more than a 1mA load should be applied.
The second function is a “lamp test”. When TEST is pulled
high (to V+) all segments will be turned on and the display
should read “1888”. The TEST pin will sink about 15mA
under these conditions.
CAUTION: In the lamp test mode, the segments have a constant DC
voltage (no square-wave). This may burn the LCD display if main-
tained for extended periods.
FIGURE 4A.
FIGURE 4B.
FIGURE 4. USING AN EXTERNAL REFERENCE
ICL7106
V
REF LO
ICL7107
REF HI
V+
V-
6.8V
ZENER
IZ
ICL7106
V
REF HI
REF LO
COMMON
V+
ICL8069
1.2V
REFERENCE
6.8k
20k
ICL7107
ICL7106
V+
BP
TEST
21
37
TO LCD
BACKPLANE
TO LCD
DECIMAL
POINT
1M
FIGURE 5. SIMPLE INVERTER FOR FIXED DECIMAL POINT
ICL7106, ICL7107, ICL7107S


Similar Part No. - ICL7107

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7107 INTERSIL-ICL7107 Datasheet
533Kb / 16P
   3쩍 Digit, LCD/LED Display, A/D Converters
ICL7107 INTERSIL-ICL7107 Datasheet
4Mb / 122P
   P-CHANNEL JFET
ICL7107 INTERSIL-ICL7107 Datasheet
6Mb / 180P
   Data Acquisition
logo
Renesas Technology Corp
ICL7107 RENESAS-ICL7107 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
logo
ARTSCHIP ELECTRONICS CO...
ICL7107 ARTSCHIP-ICL7107 Datasheet
956Kb / 17P
   LCD/LED Display, A/D Converters
More results

Similar Description - ICL7107

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
logo
Unisonic Technologies
M7206 UTC-M7206_15 Datasheet
311Kb / 8P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
logo
Intersil Corporation
HI7131 INTERSIL-HI7131_02 Datasheet
939Kb / 25P
   3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
ICL7136 INTERSIL-ICL7136 Datasheet
497Kb / 15P
   3 1/2 Digit LCD/LED, Low Power Display, A/D Converters with Overrange Recovery
logo
Unisonic Technologies
M7206 UTC-M7206 Datasheet
311Kb / 8P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
M7240 UTC-M7240 Datasheet
211Kb / 7P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com