Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL8038CCPD Datasheet(PDF) 6 Page - Intersil Corporation

Part # ICL8038CCPD
Description  Precision Waveform Generator/Voltage Controlled Oscillator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL8038CCPD Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ICL8038CCPD Datasheet HTML 2Page - Intersil Corporation ICL8038CCPD Datasheet HTML 3Page - Intersil Corporation ICL8038CCPD Datasheet HTML 4Page - Intersil Corporation ICL8038CCPD Datasheet HTML 5Page - Intersil Corporation ICL8038CCPD Datasheet HTML 6Page - Intersil Corporation ICL8038CCPD Datasheet HTML 7Page - Intersil Corporation ICL8038CCPD Datasheet HTML 8Page - Intersil Corporation ICL8038CCPD Datasheet HTML 9Page - Intersil Corporation ICL8038CCPD Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Neither time nor frequency are dependent on supply voltage,
even though none of the voltages are regulated inside the
integrated circuit. This is due to the fact that both currents
and thresholds are direct, linear functions of the supply
voltage and thus their effects cancel.
Reducing Distortion
To minimize sine wave distortion the 82k
Ω resistor between
pins 11 and 12 is best made variable. With this arrangement
distortion of less than 1% is achievable. To reduce this even
further, two potentiometers can be connected as shown in
Figure 4; this configuration allows a typical reduction of sine
wave distortion close to 0.5%.
Selecting RA, RB and C
For any given output frequency, there is a wide range of RC
combinations that will work, however certain constraints are
placed upon the magnitude of the charging current for
optimum performance. At the low end, currents of less than
1
µA are undesirable because circuit leakages will contribute
significant errors at high temperatures. At higher currents
(I > 5mA), transistor betas and saturation voltages will
contribute increasingly larger errors. Optimum performance
will, therefore, be obtained with charging currents of 10
µAto
1mA. If pins 7 and 8 are shorted together, the magnitude of
the charging current due to RA can be calculated from:
R1 and R2 are shown in the Detailed Schematic.
A similar calculation holds for RB.
The capacitor value should be chosen at the upper end of its
possible range.
Waveform Out Level Control and Power Supplies
The waveform generator can be operated either from a
single power supply (10V to 30V) or a dual power supply
(
±5V to ±15V). With a single power supply the average levels
of the triangle and sine wave are at exactly one-half of the
supply voltage, while the square wave alternates between
V+ and ground. A split power supply has the advantage that
all waveforms move symmetrically about ground.
The square wave output is not committed. A load resistor
can be connected to a different power supply, as long as the
applied voltage remains within the breakdown capability of
the waveform generator (30V). In this way, the square wave
output can be made TTL compatible (load resistor
connected to +5V) while the waveform generator itself is
powered from a much higher voltage.
Frequency Modulation and Sweeping
The frequency of the waveform generator is a direct function
of the DC voltage at Terminal 8 (measured from V+). By
altering this voltage, frequency modulation is performed. For
small deviations (e.g.
±10%) the modulating signal can be
applied directly to pin 8, merely providing DC decoupling
with a capacitor as shown in Figure 5A. An external resistor
between pins 7 and 8 is not necessary, but it can be used to
increase input impedance from about 8k
Ω (pins 7 and 8
connected together), to about (R + 8k
Ω).
For larger FM deviations or for frequency sweeping, the
modulating signal is applied between the positive supply
voltage and pin 8 (Figure 5B). In this way the entire bias for
the current sources is created by the modulating signal, and
a very large (e.g. 1000:1) sweep range is created (f = 0 at
VSWEEP = 0). Care must be taken, however, to regulate the
supply voltage; in this configuration the charge current is no
longer a function of the supply voltage (yet the trigger
thresholds still are) and thus the frequency becomes
dependent on the supply voltage. The potential on Pin 8 may
be swept down from V+ by (1/3 VSUPPLY - 2V).
ICL8038
456
9
2
12
11
10
8
7
C
100k
RA
RL
V- OR GND
3
RB
V+
1k
1
10k
100k
10k
FIGURE 4. CONNECTION TO ACHIEVE MINIMUM SINE WAVE
DISTORTION
I
R
1
V+
V-
()
×
R
1
R
2
+
()
----------------------------------------
1
R
A
--------
×
0.22 V+
V-
()
R
A
------------------------------------
==
ICL8038


Similar Part No. - ICL8038CCPD

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
ICL8038CCPD HARRIS-ICL8038CCPD Datasheet
149Kb / 10P
   Precision Waveform Generator/ Voltage Controlled Oscillator
logo
Intersil Corporation
ICL8038CCPD INTERSIL-ICL8038CCPD Datasheet
353Kb / 12P
   Precision Waveform Generator/Voltage Controlled Oscillator
logo
Renesas Technology Corp
ICL8038CCPD RENESAS-ICL8038CCPD Datasheet
651Kb / 12P
   Precision Waveform Generator/Voltage Controlled Oscillator
More results

Similar Description - ICL8038CCPD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8038 INTERSIL-ICL8038_01 Datasheet
353Kb / 12P
   Precision Waveform Generator/Voltage Controlled Oscillator
logo
Harris Corporation
ICL8038 HARRIS-ICL8038 Datasheet
149Kb / 10P
   Precision Waveform Generator/ Voltage Controlled Oscillator
logo
Renesas Technology Corp
ICL8038 RENESAS-ICL8038 Datasheet
651Kb / 12P
   Precision Waveform Generator/Voltage Controlled Oscillator
logo
Exar Corporation
XR8038 EXAR-XR8038 Datasheet
150Kb / 16P
   Precision Waveform Generator
XR-8038A EXAR-XR-8038A Datasheet
26Kb / 4P
   Precision Waveform Generator
logo
NTE Electronics
NTE864 NTE-NTE864 Datasheet
26Kb / 3P
   Integrated Circuit Precision Waveform Generator
logo
ASM GmbH
7075 ASM-SENSOR-7075 Datasheet
1Mb / 8P
   WAVEFORM GENERATOR
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
logo
Analog Devices
AD9837 AD-AD9837_12 Datasheet
755Kb / 28P
   Programmable Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com