Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2711-1 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PS2711-1
Description  HIGH CTR 4-PIN SOP PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2711-1 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS2711-1_15 Datasheet HTML 1Page - Renesas Technology Corp PS2711-1_15 Datasheet HTML 2Page - Renesas Technology Corp PS2711-1_15 Datasheet HTML 3Page - Renesas Technology Corp PS2711-1_15 Datasheet HTML 4Page - Renesas Technology Corp PS2711-1_15 Datasheet HTML 5Page - Renesas Technology Corp PS2711-1_15 Datasheet HTML 6Page - Renesas Technology Corp PS2711-1_15 Datasheet HTML 7Page - Renesas Technology Corp PS2711-1_15 Datasheet HTML 8Page - Renesas Technology Corp PS2711-1_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
PHOTOCOUPLER
PS2711-1
HIGH CTR
4-PIN SOP PHOTOCOUPLER
−NEPOC Series−
Document No. PN10246EJ03V0DS (3rd edition)
Date Published March 2006 CP(K)
Printed in Japan
The mark
shows major revised points.
NEC Compound Semiconductor Devices, Ltd. 2000, 2006
DESCRIPTION
The PS2711-1 is an optically coupled isolator containing a GaAs light emitting diode and an NPN silicon
phototransistor in a plastic SOP for high density applications.
The package is an SOP (Small Outline Package) type for high density mounting applications.
FEATURES
• High current transfer ratio (CTR = 200% TYP. @ IF = 1mA)
• High isolation voltage (BV = 3 750 Vr.m.s.)
• Small and thin package (4-pin SOP)
• Ordering number of tape product: PS2711-1-F3, F4
• Pb-free product
• Safety standards
• UL approved: File No. E72422
• DIN EN60747-5-2 (VDE0884 Part2) approved (Option)
APPLICATIONS
• Programmable logic controllers
• Small power supply
• Hybrid IC
• Modem/FAX
PIN CONNECTION
(Top View)
1. Anode
2. Cathode
3. Emitter
4. Collector
43
12


Similar Part No. - PS2711-1_15

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2711-1-A CEL-PS2711-1-A Datasheet
204Kb / 11P
   HIGH CTR 4-PIN SOP PHOTOCOUPLER
logo
NEC
PS2711-1-F3 NEC-PS2711-1-F3 Datasheet
92Kb / 7P
   HIGH CTR 4-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2711-1-F3 CEL-PS2711-1-F3 Datasheet
204Kb / 11P
   HIGH CTR 4-PIN SOP PHOTOCOUPLER
PS2711-1-F3-A CEL-PS2711-1-F3-A Datasheet
204Kb / 11P
   HIGH CTR 4-PIN SOP PHOTOCOUPLER
logo
NEC
PS2711-1-F4 NEC-PS2711-1-F4 Datasheet
92Kb / 7P
   HIGH CTR 4-PIN SOP PHOTOCOUPLER
More results

Similar Description - PS2711-1_15

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2711-1 CEL-PS2711-1 Datasheet
204Kb / 11P
   HIGH CTR 4-PIN SOP PHOTOCOUPLER
logo
NEC
PS2711-1 NEC-PS2711-1 Datasheet
92Kb / 7P
   HIGH CTR 4-PIN SOP PHOTOCOUPLER
PS2811-1 NEC-PS2811-1 Datasheet
108Kb / 12P
   HIGH CTR 4, 16-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2715-1 CEL-PS2715-1 Datasheet
349Kb / 10P
   HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
logo
NEC
PS2715-1 NEC-PS2715-1 Datasheet
92Kb / 7P
   HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2715-1 RENESAS-PS2715-1_15 Datasheet
223Kb / 13P
   HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
logo
NEC
PS2815-1 NEC-PS2815-1 Datasheet
106Kb / 12P
   HIGH CTR, AC INPUT 4, 16-PIN SOP PHOTOCOUPLER
PS2711 NEC-PS2711 Datasheet
142Kb / 6P
   NECs HIGH CTR, 4 PIN SOP OPTOCOUPLER
logo
Renesas Technology Corp
PS2761B-1 RENESAS-PS2761B-1_15 Datasheet
282Kb / 15P
   4-PIN SOP PHOTOCOUPLER
logo
Everlight Electronics C...
EL357NCTA-VG EVERLIGHT-EL357NCTA-VG Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com