Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2802-1 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PS2802-1
Description  HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2802-1 Datasheet(HTML) 4 Page - Renesas Technology Corp

  PS2802-1 Datasheet HTML 1Page - Renesas Technology Corp PS2802-1 Datasheet HTML 2Page - Renesas Technology Corp PS2802-1 Datasheet HTML 3Page - Renesas Technology Corp PS2802-1 Datasheet HTML 4Page - Renesas Technology Corp PS2802-1 Datasheet HTML 5Page - Renesas Technology Corp PS2802-1 Datasheet HTML 6Page - Renesas Technology Corp PS2802-1 Datasheet HTML 7Page - Renesas Technology Corp PS2802-1 Datasheet HTML 8Page - Renesas Technology Corp PS2802-1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet PN10252EJ02V0DS
4
PS2802-1,PS2802-4
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 5 mA
1.1
1.4
V
Reverse Current
IR
VR = 5 V
5
µA
Terminal Capacitance
Ct
V = 0 V, f = 1.0 MHz
15
pF
Transistor
Collector to Emitter Dark
Current
ICEO
VCE = 40 V, IF = 0 mA
400
nA
Coupled
Current Transfer Ratio
(IC/IF)
*1
CTR
IF = 1 mA, VCE = 2 V
200
2 000
%
Collector Saturation
Voltage
VCE(sat)
IF = 1 mA, IC = 2 mA
1.0
V
Isolation Resistance
RI-O
VI-O = 1.0 kVDC
10
11
Isolation Capacitance
CI-O
V = 0 V, f = 1.0 MHz
0.4
pF
Rise Time
*2
tr
VCC = 5 V, IC = 2 mA, RL = 100
200
µs
Fall Time
*2
tf
200
*1 CTR rank (PS2802-1 only)
K : 2 000 to (%)
L : 700 to 3 400 (%)
M : 200 to 1 000 (%)
N : 200 to (%)
*2 Test circuit for switching time
VCC
Vout
RL = 100
IF
50
Pulse Input
PW = 1 ms
Duty Cycle = 1/10


Similar Part No. - PS2802-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2802-1 NEC-PS2802-1 Datasheet
153Kb / 12P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2802-1 CEL-PS2802-1 Datasheet
395Kb / 14P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
PS2802-1-A CEL-PS2802-1-A Datasheet
395Kb / 14P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
NEC
PS2802-1-F3 NEC-PS2802-1-F3 Datasheet
153Kb / 12P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2802-1-F3 CEL-PS2802-1-F3 Datasheet
395Kb / 14P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
More results

Similar Description - PS2802-1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2806-1 RENESAS-PS2806-1_15 Datasheet
266Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
PS2801C-1-F3-A RENESAS-PS2801C-1-F3-A Datasheet
511Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1 RENESAS-PS2801-1 Datasheet
294Kb / 18P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
April 1st, 2010
PS2801A-1 RENESAS-PS2801A-1_15 Datasheet
285Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2801C-4 CEL-PS2801C-4 Datasheet
380Kb / 14P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801A-1-A CEL-PS2801A-1-A Datasheet
363Kb / 12P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801A-1 RENESAS-PS2801A-1 Datasheet
986Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
July 12, 2019
logo
California Eastern Labs
PS2801A-1 CEL-PS2801A-1 Datasheet
357Kb / 12P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1 CEL-PS2801-1 Datasheet
429Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1-A CEL-PS2801-1-A Datasheet
238Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com