Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2833-1 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PS2833-1
Description  HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SSOP PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2833-1 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PS2833-1 Datasheet HTML 1Page - Renesas Technology Corp PS2833-1 Datasheet HTML 2Page - Renesas Technology Corp PS2833-1 Datasheet HTML 3Page - Renesas Technology Corp PS2833-1 Datasheet HTML 4Page - Renesas Technology Corp PS2833-1 Datasheet HTML 5Page - Renesas Technology Corp PS2833-1 Datasheet HTML 6Page - Renesas Technology Corp PS2833-1 Datasheet HTML 7Page - Renesas Technology Corp PS2833-1 Datasheet HTML 8Page - Renesas Technology Corp PS2833-1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
PHOTOCOUPLER
PS2832-1,-4,PS2833-1,-4
HIGH COLLECTOR TO EMITTER VOLTAGE
4, 16-PIN SSOP PHOTOCOUPLER
−NEPOC Series−
Document No. PN10257EJ03V0DS (3rd edition)
Date Published November 2008 NS
Printed in Japan
1999, 2008
PS2832-1, PS2833-1
PS2832-4, PS2833-4
PIN CONNECTION
(Top View)
1. Anode
2. Cathode
3. Emitter
4. Collector
Anode
Cathode
Emitter
Collector
1. 3. 5. 7.
2. 4. 6. 8.
9. 11. 13. 15.
10. 12. 14. 16.
43
12
1 2 34
5 67 8
16 15 14 13 12 11 10 9
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The PS2832-1, -4 and PS2833-1, -4 are optically coupled isolators containing a GaAs light emitting diode and an
NPN silicon darlington-connected phototransistor.
The package is a Shrink SOP (Small Outline Package) type for high density mounting applications.
FEATURES
• High collector to emitter voltage (VCEO = 300 V: PS2832-1, -4)
(VCEO = 350 V: PS2833-1, -4)
• Small and thin package (4, 16-pin SSOP, Pin pitch 1.27 mm)
• High isolation voltage (BV = 2 500 Vr.m.s.)
• High current transfer ratio (CTR = 2 000% TYP.)
• Ordering number of tape product: PS2832-1-F3, F4, PS2832-4-F3, F4
PS2833-1-F3, F4, PS2833-4-F3, F4
• Safety standards: PS2832-1, -4
• UL approved: No. E72422
• BSI approved: No. 8315, 8316
• CSA approved: No. CA 101391
• DIN EN60747-5-2 (VDE0884 Part2) approved
No. 40008905 (Option)
PS2833-1, -4
• UL approved: No. E72422
• CSA approved: No. CA 101391
• DIN EN60747-5-2 (VDE0884 Part2) approved
No. 40008905 (Option)
APPLICATIONS
• Hybrid IC
• Telephone/Telegraph Receiver
• FAX
<R>


Similar Part No. - PS2833-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2833-1 NEC-PS2833-1 Datasheet
75Kb / 7P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI OPTOCOUPLER
logo
California Eastern Labs
PS2833-1 CEL-PS2833-1 Datasheet
431Kb / 13P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SOP PHOTOCOUPLER
PS2833-1-A CEL-PS2833-1-A Datasheet
431Kb / 13P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SOP PHOTOCOUPLER
logo
NEC
PS2833-1-F3 NEC-PS2833-1-F3 Datasheet
75Kb / 7P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI OPTOCOUPLER
logo
California Eastern Labs
PS2833-1-F3 CEL-PS2833-1-F3 Datasheet
431Kb / 13P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SOP PHOTOCOUPLER
More results

Similar Description - PS2833-1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2832-1 CEL-PS2832-1 Datasheet
431Kb / 13P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SOP PHOTOCOUPLER
PS2933-1 CEL-PS2933-1 Datasheet
1Mb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2933-1 RENESAS-PS2933-1_16 Datasheet
411Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2933-1 RENESAS-PS2933-1_V01 Datasheet
466Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
logo
California Eastern Labs
PS2732-1 CEL-PS2732-1 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2732-1 RENESAS-PS2732-1_15 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Sharp Corporation
PC703V SHARP-PC703V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
logo
List of Unclassifed Man...
PS2732-1-F3 ETC2-PS2732-1-F3 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com