Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2711-1-V-F4 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PS2711-1-V-F4
Description  HIGH CTR 4-PIN SOP PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2711-1-V-F4 Datasheet(HTML) 5 Page - Renesas Technology Corp

  PS2711-1-V-F4 Datasheet HTML 1Page - Renesas Technology Corp PS2711-1-V-F4 Datasheet HTML 2Page - Renesas Technology Corp PS2711-1-V-F4 Datasheet HTML 3Page - Renesas Technology Corp PS2711-1-V-F4 Datasheet HTML 4Page - Renesas Technology Corp PS2711-1-V-F4 Datasheet HTML 5Page - Renesas Technology Corp PS2711-1-V-F4 Datasheet HTML 6Page - Renesas Technology Corp PS2711-1-V-F4 Datasheet HTML 7Page - Renesas Technology Corp PS2711-1-V-F4 Datasheet HTML 8Page - Renesas Technology Corp PS2711-1-V-F4 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Data Sheet PN10246EJ03V0DS
3
PS2711-1
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application Part
Number
*1
PS2711-1
PS2711-1-A
Pb-Free
Magazine case 100 pcs
Standard products
PS2711-1
PS2711-1-F3
PS2711-1-F3-A
Embossed Tape 3 500 pcs/reel
(UL approved)
PS2711-1-F4
PS2711-1-F4-A
PS2711-1-V
PS2711-1-V-A
Magazine case 100 pcs
DIN EN60747-5-2
PS2711-1-V-F3
PS2711-1-V-F3-A
Embossed Tape 3 500 pcs/reel
(VDE0884 Part2)
PS2711-1-V-F4
PS2711-1-V-F4-A
Approved (Option)
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (Unless otherwise specified, TA = 25
°C)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current (DC)
IF
50
mA
Reverse Voltage
VR
6
V
Power Dissipation Derating
PD/°C
0.8
mW/
°C
Power Dissipation
PD
80
mW
Peak Forward Current
*1
IFP
0.5
A
Transistor
Collector to Emitter Voltage
VCEO
40
V
Emitter to Collector Voltage
VECO
5
V
Collector Current
IC
40
mA
Power Dissipation Derating
PC/°C
1.5
mW/
°C
Power Dissipation
PC
150
mW
Isolation Voltage
*2
BV
3 750
Vr.m.s.
Operating Ambient Temperature
TA
–55 to +100
°C
Storage Temperature
Tstg
–55 to +150
°C
*1 PW = 100
µs, Duty Cycle = 1%
*2 AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output.
Pins 1-2 shorted together, 3-4 shorted together.


Similar Part No. - PS2711-1-V-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2711-1-V-F4 CEL-PS2711-1-V-F4 Datasheet
204Kb / 11P
   HIGH CTR 4-PIN SOP PHOTOCOUPLER
PS2711-1-V-F4-A CEL-PS2711-1-V-F4-A Datasheet
204Kb / 11P
   HIGH CTR 4-PIN SOP PHOTOCOUPLER
More results

Similar Description - PS2711-1-V-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2711-1 CEL-PS2711-1 Datasheet
204Kb / 11P
   HIGH CTR 4-PIN SOP PHOTOCOUPLER
logo
NEC
PS2711-1 NEC-PS2711-1 Datasheet
92Kb / 7P
   HIGH CTR 4-PIN SOP PHOTOCOUPLER
PS2811-1 NEC-PS2811-1 Datasheet
108Kb / 12P
   HIGH CTR 4, 16-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2715-1 CEL-PS2715-1 Datasheet
349Kb / 10P
   HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
logo
NEC
PS2715-1 NEC-PS2715-1 Datasheet
92Kb / 7P
   HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2715-1 RENESAS-PS2715-1_15 Datasheet
223Kb / 13P
   HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
logo
NEC
PS2815-1 NEC-PS2815-1 Datasheet
106Kb / 12P
   HIGH CTR, AC INPUT 4, 16-PIN SOP PHOTOCOUPLER
PS2711 NEC-PS2711 Datasheet
142Kb / 6P
   NECs HIGH CTR, 4 PIN SOP OPTOCOUPLER
logo
Renesas Technology Corp
PS2761B-1 RENESAS-PS2761B-1_15 Datasheet
282Kb / 15P
   4-PIN SOP PHOTOCOUPLER
logo
Everlight Electronics C...
EL357NCTA-VG EVERLIGHT-EL357NCTA-VG Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com