Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2802-4-F3 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PS2802-4-F3
Description  HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2802-4-F3 Datasheet(HTML) 5 Page - Renesas Technology Corp

  PS2802-4-F3 Datasheet HTML 1Page - Renesas Technology Corp PS2802-4-F3 Datasheet HTML 2Page - Renesas Technology Corp PS2802-4-F3 Datasheet HTML 3Page - Renesas Technology Corp PS2802-4-F3 Datasheet HTML 4Page - Renesas Technology Corp PS2802-4-F3 Datasheet HTML 5Page - Renesas Technology Corp PS2802-4-F3 Datasheet HTML 6Page - Renesas Technology Corp PS2802-4-F3 Datasheet HTML 7Page - Renesas Technology Corp PS2802-4-F3 Datasheet HTML 8Page - Renesas Technology Corp PS2802-4-F3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet PN10252EJ02V0DS
5
PS2802-1,PS2802-4
TYPICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
VCE = 2 V
5 V
10 V
24 V
40 V
–50
–25
0
25
50
75
100
10 000
1 000
100
10
1
Ambient Temperature TA (˚C)
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
25
50
75
100
100
80
60
40
20
0
0.8 mW/˚C
0.6 mW/˚C
PS2802-4
PS2802-1
1.2 mW/˚C
PS2802-1
PS2802-4
25
50
75
100
120
100
80
60
40
20
0
Ambient Temperature TA (˚C)
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
100
50
10
5
1
0.5
0.1
0.7
0.9
1.1
1.3
1.5
0.8
1.0
1.2
1.4
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
0 ˚C
–25 ˚C
–50 ˚C
TA = +100 ˚C
+60 ˚C
+25 ˚C
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
24
6
8
10
160
140
120
100
80
60
40
20
0
5 mA
1 mA
IF = 0.5 mA
2 mA
IF = 10 mA
5 mA
1 mA
0.5 mA
0.2 mA
0.1 mA
0.4
0.6
0.8
1.0
1.2
1.4
1.6
200
100
50
10
5
1
0.5
0.2
Collector Saturation Voltage VCE(sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS2802-4-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS2802-4-F3 NEC-PS2802-4-F3 Datasheet
153Kb / 12P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2802-4-F3 CEL-PS2802-4-F3 Datasheet
395Kb / 14P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
PS2802-4-F3-A CEL-PS2802-4-F3-A Datasheet
395Kb / 14P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
More results

Similar Description - PS2802-4-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2806-1 RENESAS-PS2806-1_15 Datasheet
266Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
PS2801C-1-F3-A RENESAS-PS2801C-1-F3-A Datasheet
511Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1 RENESAS-PS2801-1 Datasheet
294Kb / 18P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
April 1st, 2010
PS2801A-1 RENESAS-PS2801A-1_15 Datasheet
285Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2801C-4 CEL-PS2801C-4 Datasheet
380Kb / 14P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801A-1-A CEL-PS2801A-1-A Datasheet
363Kb / 12P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801A-1 RENESAS-PS2801A-1 Datasheet
986Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
July 12, 2019
logo
California Eastern Labs
PS2801A-1 CEL-PS2801A-1 Datasheet
357Kb / 12P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1 CEL-PS2801-1 Datasheet
429Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1-A CEL-PS2801-1-A Datasheet
238Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com