Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7134UKMJI Datasheet(PDF) 5 Page - Intersil Corporation

Part # ICL7134UKMJI
Description  14-Bit Multiplying Microprocessor-Compatible D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7134UKMJI Datasheet(HTML) 5 Page - Intersil Corporation

  ICL7134UKMJI Datasheet HTML 1Page - Intersil Corporation ICL7134UKMJI Datasheet HTML 2Page - Intersil Corporation ICL7134UKMJI Datasheet HTML 3Page - Intersil Corporation ICL7134UKMJI Datasheet HTML 4Page - Intersil Corporation ICL7134UKMJI Datasheet HTML 5Page - Intersil Corporation ICL7134UKMJI Datasheet HTML 6Page - Intersil Corporation ICL7134UKMJI Datasheet HTML 7Page - Intersil Corporation ICL7134UKMJI Datasheet HTML 8Page - Intersil Corporation ICL7134UKMJI Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
REFERENCE INPUT
Input Resistance
VRFL = VRFM, IOUT at Ground
4
7
10
k
ANALOG OUTPUT
Output Capacitance
(IOUT Terminal)
DAC Register Outputs All LOW
-
160
-
pF
DAC Register Outputs All HIGH
-
235
-
pF
DIGITAL INPUTS
Low State Threshold
Operating Temperature Range
-
-
0.8
V
High State Threshold
2.4
-
-
V
Input Current
Inputs between DGND to V+
-
-
±1
µA
Input Capacitance
(Note 5)
-
15
-
pF
POWER SUPPLY
Supply Voltage Range
Functional Operation, (Note 6)
3.5
-
6.0
V
Supply Current
Excluding Ladder Network (Note 7)
-
1.0
2.5
mA
NOTES:
3. Full-Scale Range (FSR) is 10V for unipolar mode, 20V (
±10V) for bipolar mode.
4. Using internal feedback and reference inverting resistors.
5. Guaranteed by design, not production tested.
6. Gain error tested to 0.040% FSR, Specifications are not guaranteed.
7. D0 - D13 connected to 2.4V.
Switching Specifications V+ = 5V, TA = 25oC, See Timing Diagram
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Address-WRITE Set-Up Time
tAWs
150
-
-
ns
Address-WRITE Hold Time
tAWh
Note 5
0
-
-
ns
CHIP SELECT-WRITE Set-Up Time
tCWs
Note 5
0
-
-
ns
CHIP SELECT-WRITE Hold Time
tCWh
Note 5
0
-
-
ns
WRITE Pulse Width Low
tWR
200
-
-
ns
Data-WRITE Set-Up Time
tDWs
200
-
-
ns
Data-WRITE Hold Time
tDWh
Note 5
0
-
-
ns
Electrical Specification V+ = +5V, VREF = +10V, TA = 25oC, AGND = DGND, IOUT at Ground Potential,
Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICL7134


Similar Part No. - ICL7134UKMJI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7134 INTERSIL-ICL7134 Datasheet
4Mb / 122P
   P-CHANNEL JFET
More results

Similar Description - ICL7134UKMJI

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
DAC-7134B CANDD-DAC-7134B Datasheet
584Kb / 6P
   14-BIT MICROPROCESSOR-COMPATIBLE MULTIPLYING D/A CONVERTERS
logo
Intersil Corporation
ICL7121 INTERSIL-ICL7121 Datasheet
607Kb / 10P
   16-Bit Multiplying Microprocessor-Compatible D/A Converter
logo
Analog Devices
AD396 AD-AD396 Datasheet
644Kb / 8P
   uP Compatible Multiplying Quad 14-Bit D/A Converter?
logo
Intersil Corporation
ICL7104 INTERSIL-ICL7104 Datasheet
946Kb / 19P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
ICL8052 INTERSIL-ICL8052 Datasheet
198Kb / 21P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
   8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
logo
Analog Devices
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD394 AD-AD394_15 Datasheet
626Kb / 12P
   Compatible Multiplying Quad 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com