Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2832-1-V-F4 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PS2832-1-V-F4
Description  HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SSOP PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2832-1-V-F4 Datasheet(HTML) 5 Page - Renesas Technology Corp

  PS2832-1-V-F4 Datasheet HTML 1Page - Renesas Technology Corp PS2832-1-V-F4 Datasheet HTML 2Page - Renesas Technology Corp PS2832-1-V-F4 Datasheet HTML 3Page - Renesas Technology Corp PS2832-1-V-F4 Datasheet HTML 4Page - Renesas Technology Corp PS2832-1-V-F4 Datasheet HTML 5Page - Renesas Technology Corp PS2832-1-V-F4 Datasheet HTML 6Page - Renesas Technology Corp PS2832-1-V-F4 Datasheet HTML 7Page - Renesas Technology Corp PS2832-1-V-F4 Datasheet HTML 8Page - Renesas Technology Corp PS2832-1-V-F4 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet PN10257EJ03V0DS
5
PS2832-1,-4,PS2833-1,-4
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA
1.2
1.4
V
Reverse Current
IR
VR = 5 V
5
μA
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz
15
pF
Transistor
Collector to Emitter Dark
Current
ICEO
IF = 0 mA, VCE = 300 V
400
nA
Coupled
Current Transfer Ratio
(IC/IF)
CTR
IF = 1 mA, VCE = 2 V
400
2 000
4 500
%
Collector Saturation Voltage
VCE (sat)
IF = 1 mA, IC = 2 mA
1.0
V
Isolation Resistance
RI-O
VI-O = 1 kVDC
10
11
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
0.4
pF
Rise Time
*1
tr
VCC = 5 V, IC = 10 mA, RL = 100
Ω
20
μs
Fall Time
*1
tf
5
*1 Test circuit for switching time
Input
Output
90%
10%
tr
td
tf
ts
ton
toff
VCC
VOUT
RL = 100
Ω
IF
50
Ω
Pulse Input
PW = 1 ms
Duty cycle = 1/10
In monitor
<R>


Similar Part No. - PS2832-1-V-F4

ManufacturerPart #DatasheetDescription
logo
NEC
PS2832-1-V-F4 NEC-PS2832-1-V-F4 Datasheet
75Kb / 7P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI OPTOCOUPLER
logo
California Eastern Labs
PS2832-1-V-F4 CEL-PS2832-1-V-F4 Datasheet
431Kb / 13P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SOP PHOTOCOUPLER
PS2832-1-V-F4-A CEL-PS2832-1-V-F4-A Datasheet
431Kb / 13P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SOP PHOTOCOUPLER
More results

Similar Description - PS2832-1-V-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2832-1 CEL-PS2832-1 Datasheet
431Kb / 13P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SOP PHOTOCOUPLER
PS2933-1 CEL-PS2933-1 Datasheet
1Mb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2933-1 RENESAS-PS2933-1_16 Datasheet
411Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2933-1 RENESAS-PS2933-1_V01 Datasheet
466Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
logo
California Eastern Labs
PS2732-1 CEL-PS2732-1 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2732-1 RENESAS-PS2732-1_15 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Sharp Corporation
PC703V SHARP-PC703V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
logo
List of Unclassifed Man...
PS2732-1-F3 ETC2-PS2732-1-F3 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com