Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL8211CPA Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICL8211CPA
Description  Programmable Voltage Detectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL8211CPA Datasheet(HTML) 1 Page - Intersil Corporation

  ICL8211CPA Datasheet HTML 1Page - Intersil Corporation ICL8211CPA Datasheet HTML 2Page - Intersil Corporation ICL8211CPA Datasheet HTML 3Page - Intersil Corporation ICL8211CPA Datasheet HTML 4Page - Intersil Corporation ICL8211CPA Datasheet HTML 5Page - Intersil Corporation ICL8211CPA Datasheet HTML 6Page - Intersil Corporation ICL8211CPA Datasheet HTML 7Page - Intersil Corporation ICL8211CPA Datasheet HTML 8Page - Intersil Corporation ICL8211CPA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
7-161
TM
Description
The Intersil ICL8211/8212 are micropower bipolar monolithic
integrated circuits intended primarily for precise voltage
detection and generation. These circuits consist of an
accurate voltage reference, a comparator and a pair of
output buffer/drivers.
Specifically, the ICL8211 provides a 7mA current limited out-
put sink when the voltage applied to the ‘THRESHOLD’
terminal is less than 1.15V (the internal reference). The
ICL8212 requires a voltage in excess of 1.15V to switch its
output on (no current limit). Both devices have a low current
output (HYSTERESIS) which is switched on for input
voltages in excess of 1.15V. The HYSTERESIS output may
be used to provide positive and noise free output switching
using a simple feedback network.
Ordering Information
PART NUMBER
TEMPERATURE
RANGE
PACKAGE
ICL8211CPA
0
oC to +70oC
8 Lead Plastic DIP
ICL8211CBA
0oC to +70oC
8 Lead SOlC (N)
ICL8211CTY
0oC to +70oC
8 Pin Metal Can
ICL8211MTY
(Note 1)
-55
oC to +125oC
8 Pin Metal Can
ICL8212CPA
0
oC to +70oC
8 Lead Plastic DIP
ICL8212CBA
0oC to +70oC
8 Lead SOlC (N)
ICL8212CTY
0oC to +70oC
8 Pin Metal Can
ICL8212MTY
(Note 1)
-55
oC to +125oC
8 Pin Metal Can
NOTE:
1. Add /883B to part number if 883B processing is required
Features
• High Accuracy Voltage Sensing and Generation
• Internal Reference 1.15V Typical
• Low Sensitivity to Supply Voltage and Temperature
Variations
• Wide Supply Voltage Range Typ. 1.8V to 30V
• Essentially Constant Supply Current Over Full Supply
Voltage Range
• Easy to Set Hysteresis Voltage Range
• Defined Output Current Limit ICL8211
• High Output Current Capability ICL8212
Applications
• Low Voltage Sensor/Indicator
• High Voltage Sensor/Indicator
• Nonvolatile Out-of-Voltage Range Sensor/Indicator
• Programmable Voltage Reference or Zener Diode
• Series or Shunt Power Supply Regulator
• Fixed Value Constant Current Source
FN3184.2
October 1999
Pinouts
ICL8211 (PDIP, SOIC)
TOP VIEW
ICL8211 (CAN)
TOP VIEW
NC
HYSTERESIS
THRESHOLD
OUTPUT
1
2
3
4
8
7
6
5
V+
NC
NC
GROUND
HYSTERESIS
NC
OUTPUT
GROUND
THRESHOLD
NC
V+
NC
2
4
6
1
3
7
5
8
ICL8211, ICL8212
Programmable Voltage Detectors
OBSO
LETE
PROD
UCT
NO RE
COMM
ENDE
D REP
LACE
MENT
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved


Similar Part No. - ICL8211CPA

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
ICL8211CPA HARRIS-ICL8211CPA Datasheet
153Kb / 14P
   Programmable Voltage Detectors
More results

Similar Description - ICL8211CPA

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
ICL8211 HARRIS-ICL8211 Datasheet
153Kb / 14P
   Programmable Voltage Detectors
logo
Richtek Technology Corp...
RT9801A RICHTEK-RT9801A_11 Datasheet
130Kb / 9P
   User Programmable Micro-Power Voltage Detectors
RT9801A RICHTEK-RT9801A Datasheet
127Kb / 9P
   User Programmable Micro-Power Voltage Detectors
RT9802 RICHTEK-RT9802_11 Datasheet
83Kb / 5P
   User Programmable Micro-Power Voltage Detectors
RT9802 RICHTEK-RT9802 Datasheet
80Kb / 5P
   User Programmable Micro-Power Voltage Detectors
RT9801 RICHTEK-RT9801 Datasheet
136Kb / 6P
   USER PROGRAMMABLE MICRO POWER VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com