Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL8052ACDD Datasheet(PDF) 16 Page - Intersil Corporation

Part # ICL8052ACDD
Description  14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL8052ACDD Datasheet(HTML) 16 Page - Intersil Corporation

Back Button ICL8052ACDD Datasheet HTML 12Page - Intersil Corporation ICL8052ACDD Datasheet HTML 13Page - Intersil Corporation ICL8052ACDD Datasheet HTML 14Page - Intersil Corporation ICL8052ACDD Datasheet HTML 15Page - Intersil Corporation ICL8052ACDD Datasheet HTML 16Page - Intersil Corporation ICL8052ACDD Datasheet HTML 17Page - Intersil Corporation ICL8052ACDD Datasheet HTML 18Page - Intersil Corporation ICL8052ACDD Datasheet HTML 19Page - Intersil Corporation ICL8052ACDD Datasheet HTML 20Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
5-21
Run/Hold Input
When the Run/Hold input is connected to V+ or left open
(this input has pullup resistor to ensure a high level when the
pin is left open), the circuit will continuously perform
conversion cycles, updating the output latches at the end of
every Deintegrate (Phase III) portion of the conversion cycle
(See
Figure
8).
(See
under
“Handshake
Mode”
for
exception.) In this mode of operation, the conversion cycle
will be performed in 131,072 for 7104-16 and 32768 for
7104-14 clock periods, regardless of the resulting value.
If Run/Hold goes low at any time during Deintegrate (Phase
III) after the zero crossing has occurred, the circuit will
immediately terminate Deintegrate and jump to Auto-Zero.
This feature can be used to eliminate the time spent in
Deintegrate after the zero-crossing. If Run/Hold stays or
goes low, the converter will ensure a minimum Auto-Zero
time, and then wait in Auto-Zero until the Run/Hold input
goes high. The converter will begin the Integrate (Phase II)
portion of the next conversion (and the STATUS output will
go high) seven clock periods after the high level is detected
at Run/Hold. See Figure 10 for details.
Using the Run/Hold input in this manner allows an easy
“convert on demand” interface to be used. The converter
may be held at idle in Auto-Zero with Run/Hold low. When
Run/Hold goes high the conversion is started, and when the
STATUS output goes low the new data is valid (or trans-
ferred) to the UART - see Handshake Mode). Run/Hold may
now go low terminating Deintegrate and ensuring a minimum
Auto-Zero time before stopping to wait for the next
conversion. Alternately, Run/Hold can be used to minimize
conversion time by ensuring that it goes low during Deinte-
grate, after zero crossing, and goes high after the hold point
is reached. The required activity on the Run/Hold input can
be provided by connecting it to the CLOCK3 (-14), CLOCK2
(-16) Output. In this mode the conversion time is dependent
on the input value measured. Also refer to Intersil Application
Bulletin A030 for a discussion of the effects this will have on
Auto-Zero performance.
If the Run/Hold input goes low and stays low during Auto-
Zero (Phase I), the converter will simply stop at the end of
the Auto-Zero and wait for Run/Hold to go high. As above,
Integrate (Phase II) begins seven clock periods after the high
level is detected.
Direct Mode
When the MODE pin is left at a low level, the data outputs
[bits 1 through 8 low order byte, See Table 3 for format of
middle (-16) and high order bytes] are accessible under
control of the byte and CHIP ENABLE terminals as inputs.
These ENABLE inputs are all active low, and are provided
with pullup resistors to ensure an inactive high level when
left open. When the CHIP ENABLE input is low, taking a byte
ENABLE input low will allow the outputs of that byte to
become active (three-stated on). This allows a variety of
parallel data accessing techniques to be used. The timing
requirements for these outputs are shown under AC
Specifications and Table 1.
It should be noted that these control inputs are asynchro-
nous with respect to the converter clock - the data may be
accessed at any time. Thus it is possible to access the data
while it is being updated, which could lead to scrambled
data. Synchronizing the access of data with the conversion
cycle by monitoring the STATUS output will prevent this.
Data is never updated while STATUS is low. Also note the
potential bus conflict described under “Initial Clear Circuitry”.
Handshake Mode
The handshake output mode is provided as an alternative
means of interfacing the ICL7104 to digital systems, where
the A/D converter becomes active in controlling the flow of
data instead of passively responding to chip and byte
ENABLE inputs. This mode is specifically designed to allow
a direct interface between the ICL7104 and industry-stan-
dard UARTs (such as the Intersil CMOS UARTs, IM6402/3)
with no external logic required. When triggered into the
handshake mode, the ICL7104 provides all the control and
flag signals necessary to sequence the three (ICL7106-16)
or two (ICL7104-14) bytes of data into the UART and initiate
their transmission in serial form. This greatly eases the task
and reduces the cost of designing remote data acquisition
stations using serial data transmission to minimize the
number of lines to the central controlling processor.
FIGURE 10. RUN/HOLD OPERATION
DEINT TERMINATED
AT ZERO CROSSING
STATIC IN
HOLD STATE
INT
PHASE
7 COUNTS
INTEGRATOR
OUTPUT
INTERNAL
CLOCK
INTERNAL
LATCH
STATUS
OUTPUT
RUN/HOLD
INPUT
DETECTION
-14
7161
8185
-16
28665
32761
OPTION
MIN
MAX
ICL8052/ICL7104, ICL8068/ICL7104


Similar Part No. - ICL8052ACDD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8052ACDD INTERSIL-ICL8052ACDD Datasheet
168Kb / 19P
   Precision 4 1/2 Digit, A/D Converter
ICL8052ACDD INTERSIL-ICL8052ACDD Datasheet
935Kb / 11P
   Precision Chip Pairs for A/D Conversion
ICL8052ACDD INTERSIL-ICL8052ACDD Datasheet
6Mb / 180P
   Data Acquisition
More results

Similar Description - ICL8052ACDD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7104 INTERSIL-ICL7104 Datasheet
946Kb / 19P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
ICL7134 INTERSIL-ICL7134 Datasheet
773Kb / 16P
   14-Bit Multiplying Microprocessor-Compatible D/A Converter
ICL7121 INTERSIL-ICL7121 Datasheet
607Kb / 10P
   16-Bit Multiplying Microprocessor-Compatible D/A Converter
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
   8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
logo
Analog Devices
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD1148 AD-AD1148_15 Datasheet
2Mb / 6P
   MICROPROCESSOR COMPATIBLE 16 BIT D/A CONVERTERS
AD667SD AD-AD667SD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com