Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL8211CTY Datasheet(PDF) 4 Page - Intersil Corporation

Part # ICL8211CTY
Description  Programmable Voltage Detectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL8211CTY Datasheet(HTML) 4 Page - Intersil Corporation

  ICL8211CTY Datasheet HTML 1Page - Intersil Corporation ICL8211CTY Datasheet HTML 2Page - Intersil Corporation ICL8211CTY Datasheet HTML 3Page - Intersil Corporation ICL8211CTY Datasheet HTML 4Page - Intersil Corporation ICL8211CTY Datasheet HTML 5Page - Intersil Corporation ICL8211CTY Datasheet HTML 6Page - Intersil Corporation ICL8211CTY Datasheet HTML 7Page - Intersil Corporation ICL8211CTY Datasheet HTML 8Page - Intersil Corporation ICL8211CTY Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
7-164
ICL8211, ICL8212
Hysteresis Sat Voltage
VHYS(MAX)
IHYST = -7µA,
measured with
respect to V+
VTH = 1.3V
-
-0.1
-0.2
-
-0.1
-0.2
V
Max Available
Hysteresis Current
IHYS (MAX)
VTH = 1.3V
-15
-21
-
-15
-21
-
µA
Electrical Specifications
ICL8211MTY/8212MTY
V+ = 5V, TA = -55
oC to +125oC
PARAMETER
SYMBOL
TEST CONDITIONS
ICL8211
ICL8212
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Supply Current
I+
2.8 < V+ < 30
------
-
VT = 1.3V
-
-
100
-
350
350
µA
VT = 0.8V
-
-
350
-
100
100
µA
Threshold Trip Voltage
VTH
IOUT = 2mA
VOUT = 2V
V+ = 2.8V
0.80
-
1.30
0.80
-
1.30
V
V+ = 30V
0.80
-
1.30
0.80
-
1.30
V
Guaranteed Operating
Supply Voltage Range
VSUPPLY
(Note 5)
2.8
-
30
2.8
-
30
V
Threshold Input Current
ITH
VTH = 1.15V
-
-
400
-
-
400
nA
Output Leakage Current
IOLK
VOUT = 30V
VTH = 0.8V
-----
20
µA
VTH = 1.3V
--
20
---
µA
Output Saturation
Voltage
VSAT
IOUT = 3mA
VTH = 0.8V
--
0.5
---
V
VTH = 1.3V
-----
0.5
V
Max Available Output
Current
IOH
(Notes 3 & 4)
VOUT = 5V
VTH = 0.8
3
-
15
-
-
-
mA
VTH = 1.3V
---
9
-
-
mA
Hysteresis Leakage
Current
ILHYS
V+ = 10V
VHYST = GND
VTH = 0.8V
-
-
0.2
-
-
0.2
µA
Hysteresis Saturation
Voltage
VHYS(MAX)
IHYST = -7µA
measured with
respect to V+
VTH = 1.3V
-
-
0.3
-
-
0.3
V
Max Available
Hysteresis Current
IHYS (MAX)
VTH = 1.3V
10
-
-
10
-
-
µA
NOTES:
1. The maximum output current of the ICL8211 is limited by design to 15mA under any operating conditions. The output voltage may be
sustained at any voltage up to +30V as long as the maximum power dissipation of the device is not exceeded.
2. The maximum output current of the ICL8212 is not defined. And systems using the ICL8212 must therefore ensure that the output current
does not exceed 30mA and that the maximum power dissipation of the device is not exceeded.
3. Threshold Trip Voltage is 0.80V(min) to 1.30V(mas). At IOUT = 3mA.
Electrical Specifications V+ = 5V, TA = +25
oC Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
ICL8211
ICL8212
UNITS
MIN
TYP
MAX
MIN
TYP
MAX


Similar Part No. - ICL8211CTY

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
ICL8211CTY HARRIS-ICL8211CTY Datasheet
153Kb / 14P
   Programmable Voltage Detectors
More results

Similar Description - ICL8211CTY

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
ICL8211 HARRIS-ICL8211 Datasheet
153Kb / 14P
   Programmable Voltage Detectors
logo
Richtek Technology Corp...
RT9801A RICHTEK-RT9801A_11 Datasheet
130Kb / 9P
   User Programmable Micro-Power Voltage Detectors
RT9801A RICHTEK-RT9801A Datasheet
127Kb / 9P
   User Programmable Micro-Power Voltage Detectors
RT9802 RICHTEK-RT9802_11 Datasheet
83Kb / 5P
   User Programmable Micro-Power Voltage Detectors
RT9802 RICHTEK-RT9802 Datasheet
80Kb / 5P
   User Programmable Micro-Power Voltage Detectors
RT9801 RICHTEK-RT9801 Datasheet
136Kb / 6P
   USER PROGRAMMABLE MICRO POWER VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com