Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7170AIPG Datasheet(PDF) 7 Page - Intersil Corporation

Part # ICM7170AIPG
Description  Microprocessor-Compatible, Real-Time Clock
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7170AIPG Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ICM7170AIPG Datasheet HTML 3Page - Intersil Corporation ICM7170AIPG Datasheet HTML 4Page - Intersil Corporation ICM7170AIPG Datasheet HTML 5Page - Intersil Corporation ICM7170AIPG Datasheet HTML 6Page - Intersil Corporation ICM7170AIPG Datasheet HTML 7Page - Intersil Corporation ICM7170AIPG Datasheet HTML 8Page - Intersil Corporation ICM7170AIPG Datasheet HTML 9Page - Intersil Corporation ICM7170AIPG Datasheet HTML 10Page - Intersil Corporation ICM7170AIPG Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
12-11
TABLE 3. ADDRESS CODES AND FUNCTIONS
ADDRESS
FUNCTION
DATA
VALUE
A4
A3
A2
Al
A0
HEX
D7
D6
D5
D4
D3
D2
D1
D0
00000
00
Counter-1/100 seconds
-
0 - 99
00001
01
Counter-hours
-
-
-
0 - 23
12 Hour Mode
-
-
-
1 - 12
00010
02
Counter-minutes
-
-
0 - 59
00011
03
Counter-seconds
-
-
0 - 59
00100
04
Counter-month
----
1 - 12
00101
05
Counter-date
-
-
-
1 - 31
00110
06
Counter-year
-
0 - 99
00111
07
Counter-day of week
-----
0 - 6
01000
08
RAM-1/100 seconds
M
0 - 99
01001
09
RAM-hours
-
M
-
0 - 23
12 Hour Mode
M
-
-
1 - 12
01010
0A
RAM-minutes
M
-
.
.
0 - 59
01011
0B
RAM-seconds
M
-
.
.
0 - 59
01100
0C
RAM-month
M
-
-
-
1 - 12
01101
0D
RAM-date
M
-
-
1 - 31
01110
0E
RAM-year
M
0 - 99
01111
0F
RAM-day of week
M
----
0 - 6
10000
10
Interrupt Status and Mask
Register
+
10001
11
Command register
-
-
NOTES:
Addresses 10010 to 11111 (12h to 1Fh) are unused.
‘+’ Unused bit for interrupt Mask Register, MSB bit for interrupt Status Register.
‘-’ Indicates unused bits.
’ AM/PM indicator bit in 12 hour format Logic “0” indicates AM, logic “1” indicates PM.
‘M’ Alarm compare for particular counter will be enabled if bit is set to logic “0”.
TABLE 4. INTERRUPT AND STATUS REGISTERS FORMAT
INTERRUPT MASK REGISTER ADDRESS (10000b, 10h) WRITE-ONLY
D7
D6
D5
D4
D3
D2
D1
D0
NOT USED
DAY
HOUR
MIN
SEC
1/10 SEC
1/100 SEC
ALARM
Periodic Interrupt Mask Bits
Alarm/Compare Mask Bit
INTERRUPT STATUS REGISTER ADDRESS (10000b, 10h) READ-ONLY
D7
D6
D5
D4
D3
D2
D1
D0
GLOBAL INTERRUPT
DAY
HOUR
MIN
SEC
1/10 SEC
1/100 SEC
ALARM
Periodic and Alarm Flags
Periodic Interrupt Flags
Alarm Compare Flag
ICM7170


Similar Part No. - ICM7170AIPG

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7170AIPG INTERSIL-ICM7170AIPG Datasheet
713Kb / 14P
   Microprocessor-Compatible, Real-Time짰lock
logo
Rochester Electronics
ICM7170AIPG ROCHESTER-ICM7170AIPG Datasheet
688Kb / 14P
   Microprocessor-Compatible, Real-Time Clock 8-Bit, uP Bus Compatible
logo
Renesas Technology Corp
ICM7170AIPG RENESAS-ICM7170AIPG Datasheet
736Kb / 14P
   Microprocessor-Compatible, Real-Time Clock
Nov 2003
More results

Similar Description - ICM7170AIPG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM58274C-12 NSC-MM58274C-12 Datasheet
904Kb / 13P
   MICROPROCESSOR COMPATIBLE REAL TIME CLOCK
MM58274C NSC-MM58274C Datasheet
228Kb / 16P
   Microprocessor Compatible Real Time Clock
MM58174A NSC-MM58174A Datasheet
130Kb / 8P
   Microprocessor-Compatible Real-Time Clock
logo
Renesas Technology Corp
ICM7170 RENESAS-ICM7170 Datasheet
736Kb / 14P
   Microprocessor-Compatible, Real-Time Clock
Nov 2003
logo
National Semiconductor ...
MM58167B NSC-MM58167B Datasheet
173Kb / 10P
   Microprocessor Real Time Clock
NS32FX211 NSC-NS32FX211 Datasheet
171Kb / 12P
   Microprocessor Compatible Real Time C
logo
OKI electronic componet...
MSM5832 OKI-MSM5832 Datasheet
544Kb / 6P
   MICROPROCESSOR REAL-TIME CLOCK/CALENDAR
logo
Rochester Electronics
ICM7170 ROCHESTER-ICM7170 Datasheet
688Kb / 14P
   Microprocessor-Compatible, Real-Time Clock 8-Bit, uP Bus Compatible
logo
Epson ToYoCom
RTC8583 EPSONTOYOCOM-RTC8583 Datasheet
56Kb / 2P
   I2C-BUS COMPATIBLE REAL TIME CLOCK MODULE
logo
Maxim Integrated Produc...
DS1347_1202 MAXIM-DS1347_1202 Datasheet
227Kb / 17P
   Low-Current, SPI-Compatible Real-Time Clock
Rev 2; 2/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com