Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7224 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ICM7224
Description  41/2 Digit LCD Display Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7224 Datasheet(HTML) 4 Page - Intersil Corporation

  ICM7224 Datasheet HTML 1Page - Intersil Corporation ICM7224 Datasheet HTML 2Page - Intersil Corporation ICM7224 Datasheet HTML 3Page - Intersil Corporation ICM7224 Datasheet HTML 4Page - Intersil Corporation ICM7224 Datasheet HTML 5Page - Intersil Corporation ICM7224 Datasheet HTML 6Page - Intersil Corporation ICM7224 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Typical Performance Curves
FIGURE 2. OPERATING SUPPLY CURRENT AS A FUNCTION
OF SUPPLY VOLTAGE
FIGURE 3. BACKPLANE FREQUENCY AS A FUNCTION OF
OSCILLATOR CAPACITOR COSC
FIGURE 4. MAXIMUM COUNT FREQUENCY (TYPICAL) AS A
FUNCTION OF SUPPLY VOLTAGE
FIGURE 5. SUPPLY CURRENT AS A FUNCTION OF COUNT
FREQUENCY
12
3
4
5
6
7
SUPPLY VOLTAGE (V)
30
25
20
15
10
5
0
LCD DEVICES, TEST CIRCUIT
DISPLAY BLANK
PIN 36 OPEN
TA = -20oC
TA = 25oC
TA = 70oC
LCD DEVICES
TA = 25oC
VSUPPLY = 5V
VSUPPLY = 6V
VSUPPLY = 3V
VSUPPLY = 4V
COSC (pF)
1
10
100
1000
1000
100
10
1
45
TA = -20oC
TA = 25oC
TA = 70oC
SINE WAVE INPUT
SWINGING FULL SUPPLY
40
35
30
25
20
15
45
6
SUPPLY VOLTAGE (V)
10
1
0.1
0.01
1kHz
10kHz
100kHz
1MHz
10MHz
100MHz
ƒCOUNT
V+ = 5V
TA = 25oC
TABLE 1. CONTROL INPUT DEFINITIONS
TERMINAL
INPUT
VOLTAGE
FUNCTION
29
Leading Zero Blanking
VDD or Floating
Leading Zero Blanking Enabled
INput
VSS
Leading Zeroes Displayed
31
COUNT INHIBIT
VDD or Floating
Counter Enabled
VSS
Counter Disabled
33
RESET
VDD or Floating
Inactive
VSS
Counter Reset to 0000
34
STORE
VDD or Floating
Output Latches not Updated
VSS
Output Latches Updated
ICM7224


Similar Part No. - ICM7224

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICM7224 MAXIM-ICM7224 Datasheet
327Kb / 8P
   4쩍 Digit Counter/Decoder/Driver
logo
Intersil Corporation
ICM7224 INTERSIL-ICM7224 Datasheet
4Mb / 122P
   P-CHANNEL JFET
ICM7224 INTERSIL-ICM7224 Datasheet
4Mb / 162P
   TIMERS COUNTERS AND DISPLAY DRIVERS
logo
Maxim Integrated Produc...
ICM7224-ICM7225 MAXIM-ICM7224-ICM7225 Datasheet
327Kb / 8P
   4쩍 Digit Counter/Decoder/Driver
logo
Intersil Corporation
ICM7224AIPL INTERSIL-ICM7224AIPL Datasheet
4Mb / 162P
   TIMERS COUNTERS AND DISPLAY DRIVERS
More results

Similar Description - ICM7224

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7129 INTERSIL-ICL7129 Datasheet
103Kb / 11P
   41/2 Digit LCD, Single-Chip A/D Converter
logo
List of Unclassifed Man...
SSCUB-200 ETC2-SSCUB-200 Datasheet
630Kb / 8P
   SUPER SUB-CUB - 8-DIGIT COMPONENT COUNTER WITH 6-DIGIT LCD DISPLAY
logo
Intersil Corporation
ICM7208 INTERSIL-ICM7208 Datasheet
621Kb / 7P
   7-Digit LED Display Counter
ICM7211AM INTERSIL-ICM7211AM_06 Datasheet
204Kb / 8P
   4-Digit, LCD Display Driver
ICM7211A INTERSIL-ICM7211A Datasheet
162Kb / 9P
   4-Digit, LCD Display Driver
ICM7211AM INTERSIL-ICM7211AM Datasheet
258Kb / 7P
   4-Digit, LCD Display Driver
ICM7211AMlM44 INTERSIL-ICM7211AMlM44 Datasheet
223Kb / 9P
   4-Digit, LCD Display Driver
October 22, 2015
logo
Renesas Technology Corp
ICM7211AM RENESAS-ICM7211AM Datasheet
459Kb / 9P
   4-Digit, LCD Display Driver
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
logo
Intersil Corporation
ICL7116 INTERSIL-ICL7116 Datasheet
140Kb / 14P
   31/2 Digit, LCD/LED Display, A/D Converter with Display Hold
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com