Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL8212CTY Datasheet(PDF) 8 Page - Intersil Corporation

Part # ICL8212CTY
Description  Programmable Voltage Detectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL8212CTY Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ICL8212CTY Datasheet HTML 4Page - Intersil Corporation ICL8212CTY Datasheet HTML 5Page - Intersil Corporation ICL8212CTY Datasheet HTML 6Page - Intersil Corporation ICL8212CTY Datasheet HTML 7Page - Intersil Corporation ICL8212CTY Datasheet HTML 8Page - Intersil Corporation ICL8212CTY Datasheet HTML 9Page - Intersil Corporation ICL8212CTY Datasheet HTML 10Page - Intersil Corporation ICL8212CTY Datasheet HTML 11Page - Intersil Corporation ICL8212CTY Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
7-168
ICL8211, ICL8212
Typical Performance Curves
(ICL8212 ONLY) (Continued)
FIGURE 18. OUTPUT SATURATION VOLTAGE AND CURRENT
AS A FUNCTION OF TEMPERATURE
FIGURE 19. OUTPUT CURRENT AS A FUNCTION OF OUTPUT
VOLTAGE
FIGURE 20. HYSTERESIS OUTPUT CURRENT AS A FUNCTION
OF HYSTERESIS OUTPUT VOLTAGE
-55
-25
+5
+35
+65
+95
+125
TEMPERATURE (oC)
0.6
0.5
0.4
0.3
0.2
0.1
0
OUTPUT SAT.
CURRENT
VOLTAGE SAT.
CURRENT
V+ = +5V
VTH = 1.2V
(VO = 4.0V)
(IO = 10mA)
40
30
20
10
0
0.1
1.0
10.0
30.0 100.0
OUTPUT VOLTAGE
VTH = 1.153V
VTH =1.25V
VTH = 1.158V
TA = +25
oC
V+ = +5V
0
-5
-10
-15
-20
-25
-30
-35
-40
-10.00
-1.00
-0.10
-0.01
HYSTERESIS OUTPUT VOLTAGE
VT = 1.18V
VT = 1.153V
VT = 1.152V
TA = +25
oC
V+ = +10V
Detailed Description
The ICL8211 and ICL8212 use standard linear bipolar
integrated circuit technology with high value thin film
resistors which define extremely low value currents.
Components Q1 through Q10 and R1, R2 and R3 set up an
accurate voltage reference of 1.15V. This reference voltage
is close to the value of the bandgap voltage for silicon and is
highly stable with respect to both temperature and supply
voltage. The deviation
from the
bandgap voltage
is
necessary due to the negative temperature coefficient of the
thin film resistors (-5000 ppm per oC).
Components Q2 through Q9 and R2 make up a constant
current source; Q2 and Q3 are identical and form a current
mirror. Q8 has 7 times the emitter area of Q9, and due to the
current mirror, the collector currents of Q8 and Q9 are forced
to be equal and it can be shown that the collector current in
Q8 and Q9 is
or approximately 1
µA at +25oC
Transistors Q5, Q6, and Q7 assure that the VCE of Q3, Q4,
and Q9 remain constant with supply voltage variations. This
ensures a constant current supply free from variations.
The base current of Q1 provides sufficient start up current for
the constant source; there being two stable states for this
type of circuit - either ON as defined above, or OFF if no start
up current is provided. Leakage current in the transistors is
not sufficient in itself to guarantee reliable startup.
Q4 is matched to Q3 and Q2; Q10 is matched to Q9. Thus the
IC and VBE of Q10 are identical to that of Q9 or Q8. To
generate the bandgap voltage, it is necessary to sum a
voltage equal to the base emitter voltage of Q9 to a voltage
proportional to the difference of the base emitter voltages of
two transistors Q8 and Q9 operating at two current densities.
The total supply current consumed by the voltage reference
section is approximately 6
µA at room temperature. A voltage
at the THRESHOLD input is compared to the reference 1.15V
by the comparator consisting of transistors Q11 through Q17.
The outputs from the comparator are limited to two diode
drops less than V+ or approximately 1.1V. Thus the base cur-
rent into the hysteresis output transistor is limited to about
500nA and the collector current of Q19 to 100µA.
In the case of the ICL8211, Q21 is proportioned to have 70
times the emitter area of Q20 thereby limiting the output
current to approximately 7mA, whereas for the ICL8212
IC (Q8 or Q9) =
1
x
kT
In7
R2
q
Where k = Boltzman’s Constant
q = Charge on an Electron
and T = Absolute Temperature in oK
Thus 1.5 = VBE (Q9 or Q10) +
R3
x
kT
R2
q
which provides:
R3
= 12 (approximately.)
R2


Similar Part No. - ICL8212CTY

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
ICL8212CTY HARRIS-ICL8212CTY Datasheet
153Kb / 14P
   Programmable Voltage Detectors
More results

Similar Description - ICL8212CTY

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
ICL8211 HARRIS-ICL8211 Datasheet
153Kb / 14P
   Programmable Voltage Detectors
logo
Richtek Technology Corp...
RT9801A RICHTEK-RT9801A_11 Datasheet
130Kb / 9P
   User Programmable Micro-Power Voltage Detectors
RT9801A RICHTEK-RT9801A Datasheet
127Kb / 9P
   User Programmable Micro-Power Voltage Detectors
RT9802 RICHTEK-RT9802_11 Datasheet
83Kb / 5P
   User Programmable Micro-Power Voltage Detectors
RT9802 RICHTEK-RT9802 Datasheet
80Kb / 5P
   User Programmable Micro-Power Voltage Detectors
RT9801 RICHTEK-RT9801 Datasheet
136Kb / 6P
   USER PROGRAMMABLE MICRO POWER VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com