Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL8212MTY Datasheet(PDF) 6 Page - Intersil Corporation

Part # ICL8212MTY
Description  Programmable Voltage Detectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL8212MTY Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ICL8212MTY Datasheet HTML 2Page - Intersil Corporation ICL8212MTY Datasheet HTML 3Page - Intersil Corporation ICL8212MTY Datasheet HTML 4Page - Intersil Corporation ICL8212MTY Datasheet HTML 5Page - Intersil Corporation ICL8212MTY Datasheet HTML 6Page - Intersil Corporation ICL8212MTY Datasheet HTML 7Page - Intersil Corporation ICL8212MTY Datasheet HTML 8Page - Intersil Corporation ICL8212MTY Datasheet HTML 9Page - Intersil Corporation ICL8212MTY Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
7-166
ICL8211, ICL8212
FIGURE 5. SUPPLY CURRENT AS A FUNCTION OF TEMPERA-
TURE
FIGURE 6. OUTPUT SATURATION CURRENTS AS A FUNC-
TION OF THRESHOLD VOLTAGE
FIGURE 7. THRESHOLD VOLTAGE TO TURN OUTPUTS “JUST
ON” AS A FUNCTION OF TEMPERATURE
FIGURE 8. THRESHOLD VOLTAGE TO TURN OUTPUTS “JUST
ON” AS A FUNCTION OF SUPPLY VOLTAGE
FIGURE 9. OUTPUT SATURATION CURRENT AS A FUNCTION
OF TEMPERATURE
FIGURE 10. OUTPUT CURRENT AS A FUNCTION OF OUTPUT
VOLTAGE
Typical Performance Curves
(ICL8211 ONLY)
(Continued)
150
125
100
75
50
25
-55
-25
+5
+35
+65
+95
+125
TEMPERATURE oC
VTH = 0.9V
VTH = 1.3V
0
12
8
6
4
2
0
10
1.12
1.13
1.14
1.15
1.16
1.17
1.18
THRESHOLD VOLTAGE
HYSTERESIS
OUTPUT
TA = +25
oC
V+ = +5V
VO = 0.5V
VHYS = V+ - 0.25V
0
-5
-10
-15
-20
-25
-30
8mV
OUTPUT
1.15
1.14
1.13
-55
-25
+5
+35
+65
+95
+125
TEMPERATURE (oC)
OUTPUT
HYSTERESIS OUTPUT
V+ = +5V
IO = 1mA, VOUT = +5V
IHYS = -7µA, VHST = 0V
1.18
1.17
1.16
1.15
1.14
1.13
1
2
3 4 5
10
20 30 4050
100
SUPPLY VOLTAGE
HYSTERESIS OUTPUT
OUTPUT
IO = 4mA, VO = 1V
IHYS = -7µA, VHYS = (V+ -2) V
8
7
6
5
-55
-25
+5
+35
+65
+95
+125
V+ = +5V
VTH = 1.1V
VO = 1.0V
TEMPERATURE (oC)
12
9
6
3
0
0.1
1.0
10.0
100.0
OUTPUT VOLTAGE
VTH = 1.0V
VTH = 1.152V
VTH = 1.147V
TA = +25
oC
V+ = +5V
0
-5
V = 1.143V


Similar Part No. - ICL8212MTY

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
ICL8212MTY HARRIS-ICL8212MTY Datasheet
153Kb / 14P
   Programmable Voltage Detectors
More results

Similar Description - ICL8212MTY

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
ICL8211 HARRIS-ICL8211 Datasheet
153Kb / 14P
   Programmable Voltage Detectors
logo
Richtek Technology Corp...
RT9801A RICHTEK-RT9801A_11 Datasheet
130Kb / 9P
   User Programmable Micro-Power Voltage Detectors
RT9801A RICHTEK-RT9801A Datasheet
127Kb / 9P
   User Programmable Micro-Power Voltage Detectors
RT9802 RICHTEK-RT9802_11 Datasheet
83Kb / 5P
   User Programmable Micro-Power Voltage Detectors
RT9802 RICHTEK-RT9802 Datasheet
80Kb / 5P
   User Programmable Micro-Power Voltage Detectors
RT9801 RICHTEK-RT9801 Datasheet
136Kb / 6P
   USER PROGRAMMABLE MICRO POWER VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com