Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM4852 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM4852
Description  5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM4852 Datasheet(HTML) 5 Page - Analog Devices

  ADM4852_15 Datasheet HTML 1Page - Analog Devices ADM4852_15 Datasheet HTML 2Page - Analog Devices ADM4852_15 Datasheet HTML 3Page - Analog Devices ADM4852_15 Datasheet HTML 4Page - Analog Devices ADM4852_15 Datasheet HTML 5Page - Analog Devices ADM4852_15 Datasheet HTML 6Page - Analog Devices ADM4852_15 Datasheet HTML 7Page - Analog Devices ADM4852_15 Datasheet HTML 8Page - Analog Devices ADM4852_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADM4850/ADM4851/ADM4852/ADM4853/ADM4854/ADM4855/ADM4856/ADM4857
Rev. D | Page 5 of 16
ADM4852/ADM4856 TIMING SPECIFICATIONS
VCC = 5 V ± 5%, TA = TMIN to TMAX, unless otherwise noted.
Table 5.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Maximum Data Rate
2.5
Mbps
Propagation Delay, tPLH, tPHL
50
180
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 20
Skew, tSKEW
50
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 20
Rise/Fall Times, tR, tF
140
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 20
Enable Time, tZH
180
ns
RL = 500 Ω, CL = 100 pF, see Figure 21, ADM4852
Disable Time, tZL
180
ns
RL = 500 Ω, CL = 15 pF, see Figure 21, ADM4852
Enable Time from Shutdown
4000
ns
RL = 500 Ω, CL = 100 pF, see Figure 21, ADM4852
RECEIVER
Propagation Delay, tPLH, tPHL
55
190
ns
CL = 15 pF, see Figure 22
Differential Skew, tSKEW
50
ns
CL = 15 pF, see Figure 22
Enable Time
5
50
ns
RL = 1 kΩ, CL = 15 pF, see Figure 23, ADM4852
Disable Time
20
50
ns
RL = 1 kΩ, CL = 15 pF, see Figure 23, ADM4852
Enable Time from Shutdown
4000
ns
RL = 1 kΩ, CL = 15 pF, see Figure 23, ADM4852
Time to Shutdown
50
330
3000
ns
ADM48521
1 The half-duplex device is put into shutdown mode by driving RE high and DE low. If these inputs are in this state for less than 50 ns, the device is guaranteed not to
enter shutdown mode. If the enable inputs are in this state for at least 3000 ns, the device is guaranteed to enter shutdown mode.
ADM4853/ADM4857 TIMING SPECIFICATIONS
VCC = 5 V ± 5%, TA = TMIN to TMAX, unless otherwise noted.
Table 6.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Maximum Data Rate
10
Mbps
Propagation Delay, tPLH, tPHL
0
30
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 20
Skew, tSKEW
10
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 20
Rise/Fall Times, tR, tF
30
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 20
Enable Time, tZH
35
ns
RL = 500 Ω, CL = 100 pF, see Figure 21, ADM4853
Disable Time, tZL
35
ns
RL = 500 Ω, CL = 15 pF, see Figure 21, ADM4853
Enable Time from Shutdown
4000
ns
RL = 500 Ω, CL = 100 pF, see Figure 21, ADM4853
RECEIVER
Propagation Delay, tPLH, tPHL
55
190
ns
CL = 15 pF, see Figure 22
Differential Skew, tSKEW
30
ns
CL = 15 pF, see Figure 22
Enable Time
5
50
ns
RL = 1 kΩ, CL = 15 pF, see Figure 23, ADM4853
Disable Time
20
50
ns
RL = 1 kΩ, CL = 15 pF, see Figure 23, ADM4853
Enable Time from Shutdown
4000
ns
RL = 1 kΩ, CL = 15 pF, see Figure 23, ADM4853
Time to Shutdown
50
330
3000
ns
ADM48531
1 The half-duplex device is put into shutdown mode by driving RE high and DE low. If these inputs are in this state for less than 50 ns, the device is guaranteed not to
enter shutdown mode. If the enable inputs are in this state for at least 3000 ns, the device is guaranteed to enter shutdown mode.


Similar Part No. - ADM4852_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM4852ACP-REEL AD-ADM4852ACP-REEL Datasheet
438Kb / 16P
   5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
REV. 0
ADM4852ACP-REEL7 AD-ADM4852ACP-REEL7 Datasheet
438Kb / 16P
   5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
REV. 0
ADM4852ACPZ-REEL7 AD-ADM4852ACPZ-REEL7 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4852ACPZ-REEL7 AD-ADM4852ACPZ-REEL7 Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
ADM4852AR AD-ADM4852AR Datasheet
438Kb / 16P
   5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
REV. 0
More results

Similar Description - ADM4852_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4850 AD-ADM4850 Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
ADM4851 AD-ADM4851_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4856 AD-ADM4856_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_12 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4853 AD-ADM4853_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4854 AD-ADM4854_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4857 AD-ADM4857_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4853 AD-ADM4853 Datasheet
438Kb / 16P
   5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com