Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM8692 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM8692
Description  Microprocessor Supervisory Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8692 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM8692_15 Datasheet HTML 2Page - Analog Devices ADM8692_15 Datasheet HTML 3Page - Analog Devices ADM8692_15 Datasheet HTML 4Page - Analog Devices ADM8692_15 Datasheet HTML 5Page - Analog Devices ADM8692_15 Datasheet HTML 6Page - Analog Devices ADM8692_15 Datasheet HTML 7Page - Analog Devices ADM8692_15 Datasheet HTML 8Page - Analog Devices ADM8692_15 Datasheet HTML 9Page - Analog Devices ADM8692_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADM8690/ADM8691/ADM8692/ADM8693/ADM8695
Rev. B | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
V
CC
−0.3 V to +6 V
V
BATT
−0.3 V to +6 V
All Other Inputs
−0.3 V to V
OUT + 0.5 V
Input Current
V
CC
200 mA
V
BATT
50 mA
GND
20 mA
Digital Output Current
20 mA
Power Dissipation, N-8 PDIP
400 mW
θ
JA Thermal Impedance
120°C/W
Power Dissipation, R-8 SOIC
400 mW
θ
JA Thermal Impedance
120°C/W
Power Dissipation, N-16 PDIP
600 mW
θ
JA Thermal Impedance
135°C/W
Power Dissipation, RU-16 TSSOP
600 mW
θ
JA Thermal Impedance
158°C/W
Power Dissipation, R-16 SOIC_N
600 mW
θ
JA Thermal Impedance
110°C/W
Power Dissipation, RW-16 SOIC_W
600 mW
θ
JA Thermal Impedance
73°C/W
Operating Temperature Range
Industrial (A Version)
−40°C to +85°C
Lead Temperature (Soldering, 10 sec)
300°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - ADM8692_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8692AN AD-ADM8692AN Datasheet
207Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8692AN AD-ADM8692AN Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8692ARN AD-ADM8692ARN Datasheet
207Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8692ARN AD-ADM8692ARN Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
More results

Similar Description - ADM8692_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com