Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM8830 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM8830
Description  Charge Pump Regulator for Color TFT Panel
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8830 Datasheet(HTML) 2 Page - Analog Devices

  ADM8830_15 Datasheet HTML 1Page - Analog Devices ADM8830_15 Datasheet HTML 2Page - Analog Devices ADM8830_15 Datasheet HTML 3Page - Analog Devices ADM8830_15 Datasheet HTML 4Page - Analog Devices ADM8830_15 Datasheet HTML 5Page - Analog Devices ADM8830_15 Datasheet HTML 6Page - Analog Devices ADM8830_15 Datasheet HTML 7Page - Analog Devices ADM8830_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
–2–
ADM8830–SPECIFICATIONS
ADM8830
–3–
(VCC = 2.6 V to 3.6 V, TA = –40C to +85C, unless otherwise noted, C1, C5, C6,
C7 = 2.2 F, C2, C3, C4, C8, C9 = 1 F, CLKIN = 1 kHz in blanking mode.)
Parameter
Min
Typ
Max
Unit
Test Conditions
INPUT VOLTAGE,VCC
2.6
3.6
V
SUPPLY CURRENT, ICC
150
400
µA
Unloaded, Scanning Period
70
140
µA
Unloaded, Blanking Period
1
µA
Shutdown Mode,TA = 25°C
+5.1 V OUTPUT
Output Voltage
5.0
5.1
5.2
V
IL = 10 µA to 8 mA
Output Current
4
5
mA
Scanning Period
5
8
mA
Scanning Period,VCC > 2.7 V
50
200
µA
Blanking Period
Power Efficiency
80
%
VCC = 3 V, IL = 5 mA (Scanning)
70
%
VCC = 3 V, IL = 200 µA (Blanking)
Output Ripple
10
mV p-p
8 mA Load
Transient Response
5
µs
IL Stepped from 10 µA to 8 mA
+15.3 V OUTPUT
Output Voltage
14.4
15.3
15.6
V
IL = 1 µA to 100 µA
Output Current
50
100
µA
Scanning Period
1
10
µA
Blanking Period
Output Ripple
50
mV p-p
IL = 100 µA
–10.2 V OUTPUT
Output Voltage
–10.4
–10.2
–9.6
V
IL = –1 µA to –100 µA
Output Current
–100
–50
µA
Scanning Period
–10
–1
µA
Blanking Period
Output Ripple
50
mV p-p
IL = –100 µA
POWER EFFICIENCY
90
%
Relative to 5.1 V Output, IL = 100 µA (Scanning)
(+15.3 V and –10.2 V Outputs)
80
%
Relative to 5.1 V Output, IL =10 µA (Blanking)
CHARGE PUMP FREQUENCY
60
100
140
kHz
Scanning Period
CONTROL PINS
SHDN
Input Voltage,VSHDN
0.3 VCC
V
SHDN Low = Shutdown Mode
0.7 VCC
V
SHDN High = Normal Mode
Digital Input Current
±1
µA
Digital Input Capacitance*
10
pF
SCAN/BLANK
Input Voltage
0.3 VCC
V
Low = BLANK Period
0.7 VCC
V
High = SCAN Period
Digital Input Current
±1
µA
Digital Input Capacitance*
10
pF
LDO_ON/OFF
Input Voltage
0.3 VCC
V
Low = External LDO
0.7 VCC
V
High = Internal LDO
Digital Input Current
±1
µA
Digital Input Capacitance*
10
pF
CLKIN
Minimum Frequency
0.9
1
kHz
Duty Cycle = 50%, Rise/FallTimes = 20 ns
Input Voltage
VIL
0.3 VCC
V
VIH
0.7 VCC
V
Digital Input Current
±1
µA
Digital Input Capacitance*
10
pF
*Guaranteed by design. Not 100% production tested.
Specifications are subject to change without notice.
REV. B
REV. B


Similar Part No. - ADM8830_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8830ACP AD-ADM8830ACP Datasheet
1Mb / 8P
   Charge Pump Regulator for Color TFT Panel
REV. B
ADM8830ACP-REEL7 AD-ADM8830ACP-REEL7 Datasheet
1Mb / 8P
   Charge Pump Regulator for Color TFT Panel
REV. B
ADM8830ARU AD-ADM8830ARU Datasheet
1Mb / 8P
   Charge Pump Regulator for Color TFT Panel
REV. B
ADM8830ARU-REEL AD-ADM8830ARU-REEL Datasheet
1Mb / 8P
   Charge Pump Regulator for Color TFT Panel
REV. B
ADM8830ARU-REEL7 AD-ADM8830ARU-REEL7 Datasheet
1Mb / 8P
   Charge Pump Regulator for Color TFT Panel
REV. B
More results

Similar Description - ADM8830_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8830 AD-ADM8830 Datasheet
1Mb / 8P
   Charge Pump Regulator for Color TFT Panel
REV. B
ADM8832 AD-ADM8832_15 Datasheet
212Kb / 12P
   Charge Pump Regulator for Color TFT Panel
REV. A
ADM8832 AD-ADM8832 Datasheet
202Kb / 12P
   Charge Pump Regulator for Color TFT Panel
REV. A
ADM8840 AD-ADM8840 Datasheet
166Kb / 10P
   Charge Pump Regulator & COM Driver for Color TFT Panel
REV. PrG 2/03
ADM8839 AD-ADM8839_15 Datasheet
372Kb / 12P
   Charge Pump Regulator for Color TFT Panels
REV. C
ADM8839 AD-ADM8839 Datasheet
233Kb / 8P
   Charge Pump Regulator for Color TFT Panels
REV. A
logo
Lowpower Semiconductor ...
LP3100 POWER-LP3100 Datasheet
918Kb / 8P
   Dual Channel Charge Pump Power Solution For TFT LCD Panel
logo
E-CMOS Corporation
ELP3100 E-CMOS-ELP3100 Datasheet
581Kb / 8P
   Dual Channel Charge Pump Power Solution For TFT LCD Panel
logo
Lowpower Semiconductor ...
LP3101A POWER-LP3101A Datasheet
895Kb / 8P
   Dual Channel Charge Pump Power Solution For TFT LCD Panel
LP3102 POWER-LP3102 Datasheet
743Kb / 7P
   Dual Channel Charge Pump Power Solution For TFT LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com