Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1121SDTL-H Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SA1121SDTL-H
Description  Silicon PNP Epitaxial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1121SDTL-H Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SA1121SDTL-H Datasheet HTML 1Page - Renesas Technology Corp 2SA1121SDTL-H Datasheet HTML 2Page - Renesas Technology Corp 2SA1121SDTL-H Datasheet HTML 3Page - Renesas Technology Corp 2SA1121SDTL-H Datasheet HTML 4Page - Renesas Technology Corp 2SA1121SDTL-H Datasheet HTML 5Page - Renesas Technology Corp 2SA1121SDTL-H Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SA1121
Preliminary
R07DS0271EJ0400 Rev.4.00
Page 4 of 5
Jan 10, 2014
Package Dimensions
MASS (Typ) [g]
0.011
Previous Code
RENESAS Code
PLSP0003ZB-A
MPAK(T) / MPAK(T)V
JEITA Package Code
SC-59A
© 2013 Renesas Electronics Corporation. All rights reserved.
D
e
A
AA
b
xS
A
M
E
HE
A
A2
A1
S
b
A-A Section
c
Qc
L
L1
LP
A3
A
A1
A2
A3
b
c
D
E
e
HE
L
L1
LP
x
Q
1.0
0
1.0
0.35
0.1
2.7
1.35
2.2
0.35
0.15
0.25
Min
Nom
Dimensions in millimeters
Reference
Symbol
Max
1.1
0.25
0.4
0.16
1.5
0.95
2.8
0.3
1.3
0.1
1.2
0.5
0.26
3.1
1.65
3.0
0.75
0.55
0.65
0.05


Similar Part No. - 2SA1121SDTL-H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SA1121SDTL-H RENESAS-2SA1121SDTL-H Datasheet
92Kb / 6P
   Silicon PNP Epitaxial
More results

Similar Description - 2SA1121SDTL-H

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SA1025 HITACHI-2SA1025 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1122 HITACHI-2SA1122 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1350 HITACHI-2SA1350 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1617 HITACHI-2SA1617 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SB1026 HITACHI-2SB1026 Datasheet
25Kb / 5P
   Silicon PNP Epitaxial
2SB1407 HITACHI-2SB1407 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB738 HITACHI-2SB738 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB791 HITACHI-2SB791 Datasheet
37Kb / 6P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA2080 RENESAS-2SA2080 Datasheet
85Kb / 8P
   SILICON PNP EPITAXIAL
HIT647 RENESAS-HIT647_15 Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SA495 NJSEMI-2SA495 Datasheet
137Kb / 2P
   SILICON PNP EPITAXIAL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com