Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1G125A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LV1G125A
Description  Bus Buffer Gate with 3?뱒tate Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1G125A Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74LV1G125A_15 Datasheet HTML 1Page - Renesas Technology Corp HD74LV1G125A_15 Datasheet HTML 2Page - Renesas Technology Corp HD74LV1G125A_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LV1G125A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LV1G125A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV1G125A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV1G125A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LV1G125A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LV1G125A_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HD74LV1G125A
R04DS0025EJ0800 Rev.8.00
Page 6 of 8
Jan 10, 2014
Test Circuit
L
Note: 1. C includes probe and jig capacitance.
Output
C =
15 or 50 pF
L
OPEN
*1 See under table
GND
S1
1 k
Ω
VCC
VCC
Input
VCC
TEST
S1
t
/ t
PLH
PHL
OPEN
GND
t
/ t
ZH
HZ
t
/ t
ZL
LZ
Pulse Generator
Z
= 50
OUT
Ω
Waveform
tPLH
tPHL
VOH
VOL
GND
VCC
50%
50%
50%
50%
tr
tf
tr
tf
50%
50%
50%
50%
Input A
Output Y
• Waveforms - 1
• Waveforms - 2
10 %
90 %
10 %
90 %
V
– 0.3 V
OH
V
+ 0.3 V
OL
tZL
tLZ
tZH
tHZ
VOH
VOL
Waveform - A
Input
OE
Waveform - B
GND
GND
VCC
VCC
10 %
10 %
90 %
90 %
Notes: 1. Input waveform : PRR
≤ 1 MHz, Zo = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
2. Waveform - A is for an output with internal conditions such that the output is low
except when disabled by the output control.
3. Waveform - B is for an output with internal conditions such that the output is high
except when disabled by the output control.
4. The output are measured one at a time with one transition per measurement.


Similar Part No. - HD74LV1G125A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1G125ACME RENESAS-HD74LV1G125ACME Datasheet
120Kb / 8P
   Bus Buffer Gate with 3-state Output
HD74LV1G125AVSE RENESAS-HD74LV1G125AVSE Datasheet
120Kb / 8P
   Bus Buffer Gate with 3-state Output
HD74LV1G125A RENESAS-HD74LV1G125A_08 Datasheet
120Kb / 8P
   Bus Buffer Gate with 3-state Output
More results

Similar Description - HD74LV1G125A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1G126A RENESAS-HD74LV1G126A_15 Datasheet
173Kb / 9P
   Bus Buffer Gate with 3?뱒tate Output
HD74LV1GT125A RENESAS-HD74LV1GT125A_15 Datasheet
151Kb / 10P
   Bus Buffer Gate with 3?뱒tate Output /
HD74LV1GT126A RENESAS-HD74LV1GT126A_15 Datasheet
149Kb / 10P
   Bus Buffer Gate with 3?뱒tate Output /
HD74LV2G126A RENESAS-HD74LV2G126A_15 Datasheet
116Kb / 12P
   Dual Bus Buffer with 3?뱒tate Output
HD74LV2G125A RENESAS-HD74LV2G125A_15 Datasheet
119Kb / 12P
   Dual Bus Buffer with 3?뱒tate Output
HD74LV2G240A RENESAS-HD74LV2G240A_15 Datasheet
121Kb / 12P
   Dual Bus Buffer Inverted with 3?뱒tate Output
HD74LV2G241A RENESAS-HD74LV2G241A_15 Datasheet
119Kb / 12P
   Dual Bus Buffer Noninverted with 3?뱒tate Output
HD74LV2GT125A RENESAS-HD74LV2GT125A_15 Datasheet
116Kb / 11P
   Dual Bus Buffer with 3?뱒tate Output / CMOS Logic Level Shifter
HD74ALVC1G125 RENESAS-HD74ALVC1G125_15 Datasheet
122Kb / 15P
   Bus Buffer Gate with 3-state Output
logo
Hitachi Semiconductor
HD74LV1G125A HITACHI-HD74LV1G125A Datasheet
59Kb / 11P
   Bus Buffer Gate with 3-state Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com