Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM6322DW25ARJZR7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM6322DW25ARJZR7
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6322DW25ARJZR7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM6322DW25ARJZR7 Datasheet HTML 3Page - Analog Devices ADM6322DW25ARJZR7 Datasheet HTML 4Page - Analog Devices ADM6322DW25ARJZR7 Datasheet HTML 5Page - Analog Devices ADM6322DW25ARJZR7 Datasheet HTML 6Page - Analog Devices ADM6322DW25ARJZR7 Datasheet HTML 7Page - Analog Devices ADM6322DW25ARJZR7 Datasheet HTML 8Page - Analog Devices ADM6322DW25ARJZR7 Datasheet HTML 9Page - Analog Devices ADM6322DW25ARJZR7 Datasheet HTML 10Page - Analog Devices ADM6322DW25ARJZR7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
Rev. F | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
10.0
9.0
9.5
8.0
7.5
8.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
VCC = 5V
VCC = 3V
VCC = 1.5V
Figure 7. Supply Current vs. Temperature
(ADM6316/ADM6317/ADM6318/ADM6320/ADM6321)
VCC (V)
5.5
0
2.0
1.5
1.0
0.5
2.5
3.0
3.5
4.0
4.5
5.0
80
70
75
60
55
65
50
45
40
35
30
20
10
25
15
5
0
Figure 8. Supply Current vs. Supply Voltage
TEMPERATURE (°C)
–40
40
20
0
–20
60
80
1.05
1.03
1.04
1.01
1.00
1.02
0.99
0.98
0.97
0.96
0.95
Figure 9. Normalized Reset Threshold vs. Temperature
TEMPERATURE (°C)
–40
40
20
0
–20
60
80
100
80
90
60
50
70
40
30
20
10
0
Figure 10. VCC Falling to Reset Propagation Delay vs. Temperature
TEMPERATURE (°C)
–40
40
20
0
–20
60
80
340
300
320
260
240
280
220
200
180
160
140
120
100
Figure 11. Manual Reset to Reset Propagation Delay vs. Temperature
(ADM6316/ADM6317/ADM6319/ADM6320/ADM6322)
TEMPERATURE (°C)
–40
40
20
0
–20
60
80
1.20
1.10
1.15
1.00
0.95
1.05
0.90
0.85
0.80
Figure 12. Normalized Reset Timeout Period vs. Temperature


Similar Part No. - ADM6322DW25ARJZR7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6322 AD-ADM6322 Datasheet
255Kb / 11P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev.PrC
ADM6322 AD-ADM6322 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6322 AD-ADM6322 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
ADM6322 AD-ADM6322 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6322 AD-ADM6322 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results

Similar Description - ADM6322DW25ARJZR7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6316 AD-ADM6316 Datasheet
255Kb / 11P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev.PrC
ADM8316WBX30ARJZR7 AD-ADM8316WBX30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8321WAY30ARJZR7 AD-ADM8321WAY30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6320 AD-ADM6320_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CY29ARJZ-R7 AD-ADM6320CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319C46ARJZ-RL7 AD-ADM6319C46ARJZ-RL7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CZ29ARJZ-R7 AD-ADM6320CZ29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6317 AD-ADM6317_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319 AD-ADM6319_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6321 AD-ADM6321_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com