Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM6316AX25ARJZR7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM6316AX25ARJZR7
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6316AX25ARJZR7 Datasheet(HTML) 5 Page - Analog Devices

  ADM6316AX25ARJZR7 Datasheet HTML 1Page - Analog Devices ADM6316AX25ARJZR7 Datasheet HTML 2Page - Analog Devices ADM6316AX25ARJZR7 Datasheet HTML 3Page - Analog Devices ADM6316AX25ARJZR7 Datasheet HTML 4Page - Analog Devices ADM6316AX25ARJZR7 Datasheet HTML 5Page - Analog Devices ADM6316AX25ARJZR7 Datasheet HTML 6Page - Analog Devices ADM6316AX25ARJZR7 Datasheet HTML 7Page - Analog Devices ADM6316AX25ARJZR7 Datasheet HTML 8Page - Analog Devices ADM6316AX25ARJZR7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
Rev. F | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VCC
−0.3 V to +6 V
RESET (ADM6320, ADM6321, ADM6322)
−0.3 V to +6 V
All Other Pins
−0.3 V to (VCC + 0.3 V)
Output Current (RESET, RESET)
20 mA
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +125°C
θJA Thermal Impedance, SOT-23
270°C/W
Lead Temperature
Soldering (10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - ADM6316AX25ARJZR7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6316AY27-ARJZ-R7 AD-ADM6316AY27-ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6316AY27ARJZ-R7 AD-ADM6316AY27ARJZ-R7 Datasheet
372Kb / 14P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. J
ADM6316AY29-ARJZ-R7 AD-ADM6316AY29-ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6316AY29ARJZ-R7 AD-ADM6316AY29ARJZ-R7 Datasheet
372Kb / 14P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. J
ADM6316AZ29ARJZ-R7 AD-ADM6316AZ29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results

Similar Description - ADM6316AX25ARJZR7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6316 AD-ADM6316 Datasheet
255Kb / 11P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev.PrC
ADM8316WBX30ARJZR7 AD-ADM8316WBX30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8321WAY30ARJZR7 AD-ADM8321WAY30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6320 AD-ADM6320_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CY29ARJZ-R7 AD-ADM6320CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319C46ARJZ-RL7 AD-ADM6319C46ARJZ-RL7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CZ29ARJZ-R7 AD-ADM6320CZ29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6317 AD-ADM6317_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319 AD-ADM6319_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6321 AD-ADM6321_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com