Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM9264 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM9264
Description  Quad Power Supply Monitor for Desktop PCs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM9264 Datasheet(HTML) 5 Page - Analog Devices

  ADM9264_15 Datasheet HTML 1Page - Analog Devices ADM9264_15 Datasheet HTML 2Page - Analog Devices ADM9264_15 Datasheet HTML 3Page - Analog Devices ADM9264_15 Datasheet HTML 4Page - Analog Devices ADM9264_15 Datasheet HTML 5Page - Analog Devices ADM9264_15 Datasheet HTML 6Page - Analog Devices ADM9264_15 Datasheet HTML 7Page - Analog Devices ADM9264_15 Datasheet HTML 8Page - Analog Devices ADM9264_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADM9264
–5–
REV. 0
CIRCUIT INFORMATION
Monitor Inputs SU1 to SU4
The ADM9624 is provided with four analog inputs, SU1 to
SU4, to monitor supply voltages of +12 V, +5 V, +3.3 V and
+2.8 V. Each input is connected to a window comparator con-
sisting of a pair of voltage comparators and a two-input NOR
gate. Each pair of comparators obtains a reference voltage
from a precision internal reference, and each input to be
monitored is connected to the comparators via a precision,
thin film attenuator, whose resistor ratios determine the trip
points of each comparator. As the input voltages are attenu-
ated before reaching the comparators, they may exceed the
supply voltage of the ADM9264 without exceeding the com-
mon-mode or differential input range of the comparators.
When the input voltage is within limits, the outputs of both
comparators are low, so the output of the NOR gate is high. If
the voltage on the inverting input of the low comparator falls
below the reference voltage, or the voltage on the noninverting
input of the high comparator rises above the reference voltage,
the output of the NOR gate will go low.
Error Outputs
Error outputs
ERR1 to ERR4 are open-drain outputs that are
OFF (high) when the corresponding input voltage is within
limits and ON (low) when the input is out of limit. Each error
output requires a 10 k
Ω pull-up resistor to a positive supply,
which may be different from VCC if required. The open-drain
construction allows two or more of these outputs to be wire-
ANDed together if required.
Auxiliary Inputs ERRX,
ERRY
ERRX and
ERRY are TTL-compatible auxiliary inputs that
allow external signals such as temperature alarms to be linked
into the ADM9264. ERRX is active high and forces PWROK
low when it is high.
ERRY is active low and forces PWROK low
when it is low.
DIS Input
The disable input, DIS, is a TTL-compatible input. It overrides
all other inputs to the PWROK logic and forces PWROK high
when it is high.
SU4DET Input
SU4DET is a TTL-compatible input that disables the
ERR4
output, causing
ERR4 to go high when SU4DET is high. This
allows the SU4 input to be disabled easily for systems that do
not have a 2.8 V supply.
PWROK Output
The PWROK output combines the four error outputs and the
auxiliary inputs to give a common “Power OK” output. If the
four error outputs are high, ERRX is low,
ERRY is high and
DIS is low then PWROK is high, otherwise PWROK is low.
PWROK is an open-drain output and requires a 10K pull-up
resistor to a positive supply, which may be different from VCC if
required. A truth table for the PWROK output is following.
Truth Table
DIS ERRX
ERRY ERR4 ERR3 ERR2 ERR1 PWROK
0
0
1
1111
1
0
X
X
XXX0
0
0
XXX
X
0
X0
0
XXX
0
X
X0
0
XX0
X
X
X
0
0
X
0
XXXX
0
0
1
X
XXXX
0
1
X
X
XXXX
1
X = don’t care.
Power Supply VCC
The ADM9264 can be powered from any supply voltage between
2.5 V and 6 V. This includes any of the supply voltages apart
from that connected to SU1, since this is greater than 6 V.
The logic outputs are open-drain and take their output high
level from the voltage connected to the pull-up resistor, so they
are not dependent on the value of VCC.


Similar Part No. - ADM9264_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM9264ARN AD-ADM9264ARN Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
ADM9264ARN-REEL AD-ADM9264ARN-REEL Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
ADM9264ARN-REEL7 AD-ADM9264ARN-REEL7 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
More results

Similar Description - ADM9264_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
logo
Texas Instruments
UC1903J TI1-UC1903J Datasheet
808Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
UC1903 TI1-UC1903_16 Datasheet
807Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
UC1903 TI-UC1903 Datasheet
477Kb / 8P
[Old version datasheet]   Quad Supply and Line Monitor
logo
Rohm
BD3523HFN ROHM-BD3523HFN_09 Datasheet
788Kb / 21P
   Nch FET Ultra LDOs for Desktop PCs
BD35281HFN ROHM-BD35281HFN_11 Datasheet
384Kb / 16P
   Nch FET Ultra LDO for Desktop PCs
logo
Vitec Power
SIDA25A Vitec-SIDA25A Datasheet
423Kb / 2P
   25W Desktop Power Supply for Industrial Equipment
SIDA40 Vitec-SIDA40 Datasheet
429Kb / 2P
   40W Desktop Power Supply for Industrial Equipment
STDA20B Vitec-STDA20B Datasheet
381Kb / 2P
   20W Desktop Power Supply for I.T. Equipment
SIDA45E-SERIES Vitec-SIDA45E-SERIES Datasheet
436Kb / 2P
   50W Desktop Power Supply for Industrial Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com