Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM9264 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM9264
Description  Quad Power Supply Monitor for Desktop PCs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM9264 Datasheet(HTML) 3 Page - Analog Devices

  ADM9264_15 Datasheet HTML 1Page - Analog Devices ADM9264_15 Datasheet HTML 2Page - Analog Devices ADM9264_15 Datasheet HTML 3Page - Analog Devices ADM9264_15 Datasheet HTML 4Page - Analog Devices ADM9264_15 Datasheet HTML 5Page - Analog Devices ADM9264_15 Datasheet HTML 6Page - Analog Devices ADM9264_15 Datasheet HTML 7Page - Analog Devices ADM9264_15 Datasheet HTML 8Page - Analog Devices ADM9264_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADM9264
–3–
REV. 0
ORDERING GUIDE
Temperature
Package
Model
Range
Option1
ADM9264ARN
–40
°C to +85°C
R-16A
ADM9264ARN-REEL
2
–40
°C to +85°C
R-16A
ADM9264ARN-REEL7
3
–40
°C to +85°C
R-16A
NOTES
1R = Small Outline IC.
22500 devices per reel.
31000 devices per reel.
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
SU1, SU2, SU3, SU4 . . . . . . . . . . . . . . . . . . –0.3 V to +15 V
All Other Inputs . . . . . . . . . . . . . . . . . . –0.3 V to VCC + 0.3 V
All Outputs . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
Output Current
ERR1-4, PWROK . . . . . . . . . . . . . . . . 20 mA
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Power Dissipation, R-16A . . . . . . . . . . . . . . . . . . . 700 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . 110
°C/W
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . +300
°C
Vapor Phase (60 secs) . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 secs) . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum ratings for
extended periods of time may affect device reliability.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADM9264 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.


Similar Part No. - ADM9264_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM9264ARN AD-ADM9264ARN Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
ADM9264ARN-REEL AD-ADM9264ARN-REEL Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
ADM9264ARN-REEL7 AD-ADM9264ARN-REEL7 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
More results

Similar Description - ADM9264_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
logo
Texas Instruments
UC1903J TI1-UC1903J Datasheet
808Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
UC1903 TI1-UC1903_16 Datasheet
807Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
UC1903 TI-UC1903 Datasheet
477Kb / 8P
[Old version datasheet]   Quad Supply and Line Monitor
logo
Rohm
BD3523HFN ROHM-BD3523HFN_09 Datasheet
788Kb / 21P
   Nch FET Ultra LDOs for Desktop PCs
BD35281HFN ROHM-BD35281HFN_11 Datasheet
384Kb / 16P
   Nch FET Ultra LDO for Desktop PCs
logo
Vitec Power
SIDA25A Vitec-SIDA25A Datasheet
423Kb / 2P
   25W Desktop Power Supply for Industrial Equipment
SIDA40 Vitec-SIDA40 Datasheet
429Kb / 2P
   40W Desktop Power Supply for Industrial Equipment
STDA20B Vitec-STDA20B Datasheet
381Kb / 2P
   20W Desktop Power Supply for I.T. Equipment
SIDA45E-SERIES Vitec-SIDA45E-SERIES Datasheet
436Kb / 2P
   50W Desktop Power Supply for Industrial Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com