Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMC326 Datasheet(PDF) 3 Page - Analog Devices

Part # ADMC326
Description  28-Lead ROM-Based DSP Motor Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC326 Datasheet(HTML) 3 Page - Analog Devices

  ADMC326_15 Datasheet HTML 1Page - Analog Devices ADMC326_15 Datasheet HTML 2Page - Analog Devices ADMC326_15 Datasheet HTML 3Page - Analog Devices ADMC326_15 Datasheet HTML 4Page - Analog Devices ADMC326_15 Datasheet HTML 5Page - Analog Devices ADMC326_15 Datasheet HTML 6Page - Analog Devices ADMC326_15 Datasheet HTML 7Page - Analog Devices ADMC326_15 Datasheet HTML 8Page - Analog Devices ADMC326_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
–3–
REV. C
ADMC326
VOLTAGE REFERENCE
Parameter
Min
Typ
Max
Unit
Conditions/Comments
Voltage Level (VREF)
2.40
2.50
2.60
V
2.45
2.50
2.55
V
TA = 25
°C to 125°C SOIC1
Output Voltage Drift
35
ppm/
°C
NOTES
1This specification for voltage level (V
REF) is for SOIC package only, at specified temperature range.
Specifications subject to change without notice.
POWER-ON RESET
Parameter
Min
Typ
Max
Unit
Conditions/Comments
Reset Threshold (VRST)
3.2
3.7
4.2
V
Hysteresis (VHYST)
100
mV
Reset Active Timeout Period (
tRST)
3.2
1
ms
NOTES
1216 CLKOUT Cycles.
Specifications subject to change without notice.


Similar Part No. - ADMC326_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMC326TN AD-ADMC326TN Datasheet
219Kb / 31P
   28-Lead ROM-Based DSP Motor Controller
REV. A
ADMC326TR AD-ADMC326TR Datasheet
219Kb / 31P
   28-Lead ROM-Based DSP Motor Controller
REV. A
ADMC326YN AD-ADMC326YN Datasheet
219Kb / 31P
   28-Lead ROM-Based DSP Motor Controller
REV. A
ADMC326YR AD-ADMC326YR Datasheet
219Kb / 31P
   28-Lead ROM-Based DSP Motor Controller
REV. A
More results

Similar Description - ADMC326_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMC326 AD-ADMC326 Datasheet
219Kb / 31P
   28-Lead ROM-Based DSP Motor Controller
REV. A
ADMC328 AD-ADMC328_15 Datasheet
248Kb / 32P
   28-Lead ROM-Based DSP Motor Controller with Current Sense
REV. C
ADMC328 AD-ADMC328 Datasheet
234Kb / 32P
   28-Lead ROM-Based DSP Motor Controller with Current Sense
REV. B
ADMCF326 AD-ADMCF326_15 Datasheet
528Kb / 36P
   28-Lead Flash Memory DSP Motor Controller
REV. B
ADMCF326 AD-ADMCF326 Datasheet
242Kb / 36P
   28-Lead Flash Memory DSP Motor Controller
REV. 0
ADMCF326BRZ AD-ADMCF326BRZ Datasheet
528Kb / 36P
   28-Lead Flash Memory DSP Motor Controller
REV. B
ADMCF327 AD-ADMCF327 Datasheet
253Kb / 36P
   28-Lead Flash Memory DSP Switched Reluctance Motor Controller
REV. 0
ADMCF327 AD-ADMCF327_15 Datasheet
241Kb / 36P
   28-Lead Flash Memory DSP Switched Reluctance Motor Controller
REV. 0
ADMC300 AD-ADMC300 Datasheet
297Kb / 42P
   High Performance DSP-Based Motor Controller
REV. B
ADMC300 AD-ADMC300_15 Datasheet
296Kb / 42P
   High Performance DSP-Based Motor Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com