Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB-X3A1XX-X Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part # AB-X3A1XX-X
Description  SINEWAVE UHF VCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

AB-X3A1XX-X Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  AB-X3A1XX-X Datasheet HTML 1Page - Nel Frequency Controls,inc AB-X3A1XX-X Datasheet HTML 2Page - Nel Frequency Controls,inc AB-X3A1XX-X Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CRYSTAL OSCILLATORS
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Data Sheet 0630C
AB-X3A1XX-X Series
Drawing Specification
OUTLINE TOLERANCE:
±0.015” / 0.4mm
(Unless otherwise
specified)
PIN FUNCTIONS:
[1] Vco
[2] N/C
[3] Gnd
[4] OUTPUT
[5] N/C
[6] Vcc
Environmental and Mechanical Characteristics
Operating temp.
range
see part # table
Mechanical Shock
Per MIL-STD-202, Method 213, Cond. A
Thermal Shock
Per MIL-STD-883, Method 1011, Cond. A
Vibration
Per MIL-STD-883, Method 2007, Cond. A
Hermetic Seal
Leak rate less than 1x10-8 atm.cc/s of helium
Soldering conditions
See MAX reflow profile below; The device may be reflowed once. Reflowing upside down is not
allowed. NO CLEAN assembly is recommended
MAX Reflow Profile
The device may be reflowed once. Reflowing upside down is not allowed. NO CLEAN assembly is recommended
Rev. N


Similar Part No. - AB-X3A1XX-X

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AB-X32AXXX-X NEL-AB-X32AXXX-X Datasheet
159Kb / 3P
   CMOS/LVCMOS HF VCXO
AB-X36CXXX-X NEL-AB-X36CXXX-X Datasheet
159Kb / 3P
   PECL/LVPECL HF VCXO
AB-X36DXX-X NEL-AB-X36DXX-X Datasheet
159Kb / 3P
   PECL/LVPECL UHF VCXO
AB-X36DXXX NEL-AB-X36DXXX Datasheet
140Kb / 3P
   PECL/LVPECL UHF VCXO
More results

Similar Description - AB-X3A1XX-X

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CVSS-940 CRYSTEKCRYSTAL-CVSS-940_15 Datasheet
164Kb / 2P
   High Frequency SineWave VCXO
CVSS-945 CRYSTEKCRYSTAL-CVSS-945 Datasheet
345Kb / 2P
   Ultra Low Noise SineWave VCXO
CVSS-945 CRYSTEKCRYSTAL-CVSS-945_15 Datasheet
242Kb / 2P
   Ultra Low Noise SineWave VCXO
logo
Nel Frequency Controls,...
SD-A3DBXXX NEL-SD-A3DBXXX Datasheet
155Kb / 3P
   LVDS UHF VCXO
AB-A3DBXXX NEL-AB-A3DBXXX Datasheet
140Kb / 3P
   LVDS UHF VCXO
SD-X36AXXX NEL-SD-X36AXXX Datasheet
155Kb / 3P
   LVPECL UHF VCXO
SD-A3DAXXX NEL-SD-A3DAXXX Datasheet
354Kb / 3P
   LVDS UHF VCXO
SD-X36BXXX NEL-SD-X36BXXX Datasheet
155Kb / 3P
   LVPECL UHF VCXO
logo
MTRONPTI
K1523BA MTRONPTI-K1523BA Datasheet
313Kb / 2P
   14 DIP, 5.0 Volt, Sinewave, VCXO
logo
Crystek Corporation
CVSS-945 CRYSTEKCRYSTAL-CVSS-945_18 Datasheet
511Kb / 3P
   Ultra-Low Phase Noise SineWave VCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com