Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB-X32AXXX-X Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part # AB-X32AXXX-X
Description  CMOS/LVCMOS HF VCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

AB-X32AXXX-X Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  AB-X32AXXX-X Datasheet HTML 1Page - Nel Frequency Controls,inc AB-X32AXXX-X Datasheet HTML 2Page - Nel Frequency Controls,inc AB-X32AXXX-X Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CRYSTAL OSCILLATORS
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Data Sheet 0629K
AB-X32AXXX-X Series
Drawing Specification
OUTLINE TOLERANCE:
±0.015” / 0.4mm
(Unless otherwise
specified)
PIN FUNCTIONS:
[1] Vco
[2] ENABLE / DISABLE
[3] GROUND
[4] OUTPUT
[5] NC
[6] Vcc
Environmental and Mechanical Characteristics
Operating temp.
range
see part # table
Mechanical Shock
Per MIL-STD-202, Method 213, Cond. A
Thermal Shock
Per MIL-STD-883, Method 1011, Cond. A
Vibration
Per MIL-STD-883, Method 2007, Cond. A
Hermetic Seal
Leak rate less than 1x10-8 atm.cc/s of helium
Soldering conditions
See MAX reflow profile below; The device may be reflowed once. Reflowing upside down is not
allowed. NO CLEAN assembly is recommended
MAX Reflow Profile
The device may be reflowed once. Reflowing upside down is not allowed. NO CLEAN assembly is recommended
Rev. R


Similar Part No. - AB-X32AXXX-X

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AB-X36CXXX-X NEL-AB-X36CXXX-X Datasheet
159Kb / 3P
   PECL/LVPECL HF VCXO
AB-X36DXX-X NEL-AB-X36DXX-X Datasheet
159Kb / 3P
   PECL/LVPECL UHF VCXO
AB-X36DXXX NEL-AB-X36DXXX Datasheet
140Kb / 3P
   PECL/LVPECL UHF VCXO
AB-X3A1XX-X NEL-AB-X3A1XX-X Datasheet
156Kb / 3P
   SINEWAVE UHF VCXO
More results

Similar Description - AB-X32AXXX-X

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SU-X32AXXX NEL-SU-X32AXXX Datasheet
139Kb / 3P
   CMOS/LVCMOS HF VCXO
AB-XC3XXX-X NEL-AB-XC3XXX-X Datasheet
161Kb / 4P
   CMOS/LVCMOS HF VCTCXO
logo
Skyworks Solutions Inc.
SU-A3DCXXX SKYWORKS-SU-A3DCXXX Datasheet
139Kb / 3P
   LVDS HF VCXO
logo
Nel Frequency Controls,...
SU-X36CXXX NEL-SU-X36CXXX Datasheet
140Kb / 3P
   PECL/LVPECL HF VCXO
AB-X36CXXX-X NEL-AB-X36CXXX-X Datasheet
159Kb / 3P
   PECL/LVPECL HF VCXO
logo
Integrated Device Techn...
ICS81006I IDT-ICS81006I Datasheet
678Kb / 14P
   VCXO-TO-LVCMOS OUTPUTS
logo
Integrated Circuit Syst...
ICS810-06I ICST-ICS810-06I Datasheet
146Kb / 13P
   VCXO-TO-6 LVCMOS OUTPUTS
logo
Renesas Technology Corp
81006 RENESAS-81006 Datasheet
595Kb / 19P
   VCXO-To-6 LVCMOS Outputs
REVISION B 7/29/16
logo
Integrated Circuit Syst...
ICS810-06 ICST-ICS810-06 Datasheet
165Kb / 14P
   VCXO-TO-6 LVCMOS OUTPUTS
logo
Integrated Device Techn...
ICS810525I IDT-ICS810525I Datasheet
251Kb / 12P
   VCXO-TO-LVCMOS/LVTTL OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com