Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB-XC3XXX-X Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part # AB-XC3XXX-X
Description  CMOS/LVCMOS HF VCTCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

AB-XC3XXX-X Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  AB-XC3XXX-X Datasheet HTML 1Page - Nel Frequency Controls,inc AB-XC3XXX-X Datasheet HTML 2Page - Nel Frequency Controls,inc AB-XC3XXX-X Datasheet HTML 3Page - Nel Frequency Controls,inc AB-XC3XXX-X Datasheet HTML 4Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CRYSTAL OSCILLATORS
Rev. J
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Data Sheet 0648B
CMOS/LVCMOS HF VCTCXO
AB-XC3XXX-X Series
Drawing Specification
OUTLINE TOLERANCE:
±0.015” / 0.4mm
(Unless otherwise
specified)
PIN FUNCTIONS:
[1] Vc
[2] EN / DIS or N/C
[3] CASE / GROUND
[4] OUTPUT
[5] N/C
[6] SUPPLY VOLTAGE
MARKING (EXAMPLE):
AB-XC3XXX
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Operating Temperature Range
To
-40 to +85
ºC
Storage Temperature Range
Tst
-50 to +90
ºC
Supply Voltage
Vcc
-0.5 to 5.5
V
Control Voltage
Vc
-0.5 to 5.5
V
Enable/Disable Voltage
Ven/dis
0 to Vcc
V


Similar Part No. - AB-XC3XXX-X

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AB-X0A3XX-X NEL-AB-X0A3XX-X Datasheet
155Kb / 3P
   SINE-WAVE UHF, Low Phase Noise XO
AB-X0A5XXX-X NEL-AB-X0A5XXX-X Datasheet
147Kb / 3P
   Sine wave or CMOS/TTL XO
AB-X29NXXX NEL-AB-X29NXXX Datasheet
142Kb / 3P
   PECL/LVPECL UHF XO
AB-X29NXXX-X NEL-AB-X29NXXX-X Datasheet
157Kb / 3P
   PECL/LVPECL UHF XO
AB-X29SXXX-X NEL-AB-X29SXXX-X Datasheet
148Kb / 3P
   PECL/LVPECL HF XO
More results

Similar Description - AB-XC3XXX-X

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SU-X32AXXX NEL-SU-X32AXXX Datasheet
139Kb / 3P
   CMOS/LVCMOS HF VCXO
AB-X32AXXX-X NEL-AB-X32AXXX-X Datasheet
159Kb / 3P
   CMOS/LVCMOS HF VCXO
logo
Connor-Winfield Corpora...
TVLD546 CONNOR-WINFIELD-TVLD546 Datasheet
94Kb / 2P
   SURFACE MOUNT 3.3V LVCMOS VCTCXO
logo
Nel Frequency Controls,...
AN-XA7XXXX-X NEL-AN-XA7XXXX-X Datasheet
162Kb / 3P
   HF SMD TCXO/VCTCXO Ultra Low Phase Noise
S9-X13AXXX-X NEL-S9-X13AXXX-X Datasheet
148Kb / 3P
   CMOS HF CLOCK (XO)
S9-X13AXXX NEL-S9-X13AXXX Datasheet
201Kb / 3P
   CMOS HF CLOCK (XO)
logo
Golledge Electronics Lt...
GTXO-C14V GOLLEDGE-GTXO-C14V Datasheet
548Kb / 4P
   3.3 & 5.0V Stratum 3 VCTCXO with CMOS Output
GTXO-C74V GOLLEDGE-GTXO-C74V Datasheet
593Kb / 5P
   3.3V VCTCXO with CMOS Output and Low Phase Noise
logo
IQD Frequency Products ...
CFPT-123 IQD-CFPT-123 Datasheet
791Kb / 2P
   VCTCXO Specification
IQXT-192 IQD-IQXT-192 Datasheet
128Kb / 2P
   VCTCXO Specification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com