Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2814 Datasheet(PDF) 9 Page - Analog Devices

Part # ADN2814
Description  Data Recovery IC with Integrated Limiting Amp
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2814 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADN2814_15 Datasheet HTML 5Page - Analog Devices ADN2814_15 Datasheet HTML 6Page - Analog Devices ADN2814_15 Datasheet HTML 7Page - Analog Devices ADN2814_15 Datasheet HTML 8Page - Analog Devices ADN2814_15 Datasheet HTML 9Page - Analog Devices ADN2814_15 Datasheet HTML 10Page - Analog Devices ADN2814_15 Datasheet HTML 11Page - Analog Devices ADN2814_15 Datasheet HTML 12Page - Analog Devices ADN2814_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
ADN2814
Rev. C | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
16
14
12
1
10
100
RTH (Ω)
1k
10k
100k
10
8
6
4
2
Figure 6. LOS Comparator Trip Point Programming


Similar Part No. - ADN2814_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2814XCPZ AD-ADN2814XCPZ Datasheet
336Kb / 28P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. PrA
More results

Similar Description - ADN2814_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2813 AD-ADN2813_15 Datasheet
435Kb / 28P
   Data Recovery IC with Integrated Limiting Amp
REV. C
ADN2812 AD-ADN2812_15 Datasheet
409Kb / 28P
   Data Recovery IC with Integrated Limiting Amp
Rev. E
ADN2807 AD-ADN2807_15 Datasheet
534Kb / 20P
   155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2807 AD-ADN2807 Datasheet
363Kb / 20P
   155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2819 AD-ADN2819 Datasheet
570Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2811 AD-ADN2811_15 Datasheet
485Kb / 20P
   OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2811 AD-ADN2811 Datasheet
359Kb / 16P
   OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2819 AD-ADN2819_15 Datasheet
585Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2804 AD-ADN2804 Datasheet
460Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. 0
ADN2804 AD-ADN2804_15 Datasheet
418Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com