Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2816 Datasheet(PDF) 10 Page - Analog Devices

Part # ADN2816
Description  Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2816 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADN2816_15 Datasheet HTML 6Page - Analog Devices ADN2816_15 Datasheet HTML 7Page - Analog Devices ADN2816_15 Datasheet HTML 8Page - Analog Devices ADN2816_15 Datasheet HTML 9Page - Analog Devices ADN2816_15 Datasheet HTML 10Page - Analog Devices ADN2816_15 Datasheet HTML 11Page - Analog Devices ADN2816_15 Datasheet HTML 12Page - Analog Devices ADN2816_15 Datasheet HTML 13Page - Analog Devices ADN2816_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADN2816
Data Sheet
Rev. C | Page 10 of 24
Table 6. Internal Register Map1
Reg Name
R/W
Address
D7
D6
D5
D4
D3
D2
D1
D0
FREQ0
R
0x0
MSB
LSB
FREQ1
R
0x1
MSB
LSB
FREQ2
R
0x2
0
MSB
LSB
RATE
R
0x3
COARSE_RD[8] MSB
Coarse Data Rate Readback
COARSE_RD[1]
MISC
R
0x4
x
x
x
Static
LOL
LOL
Status
Data Rate
Measure
Complete
x
COARSE_RD[0] LSB
CTRLA
W
0x8
FREF Range
Data Rate/DIV_FREF Ratio
Measure Data Rate
Lock to Reference
CTRLB
W
0x9
Config
LOL
Reset
MISC[4]
System
Reset
0
Reset
MISC[2]
0
0
0
CTRLC
W
0x11
0
0
0
0
0
0
SQUELCH Mode
Output Boost
1
All writeable registers default to 0x00.
Table 7. Miscellaneous Register, MISC
Static LOL
LOL Status
Data Rate Measurement Complete
Coarse Rate Readback LSB
D7
D6
D5
D4
D3
D2
D1
D0
x
x
x
0 = Waiting for next LOL
0 = Locked
0 = Measuring data rate
x
COARSE_RD[0]
1 = Static LOL until reset
1 = Acquiring
1 = Measurement complete
Table 8. Control Register, CTRLA1
FREF Range
Data Rate/Div_FREF Ratio
Measure Data Rate
Lock to Reference
D7
D6
D5
D4
D3
D2
D1
D0
0
0
10 MHz to 20 MHz
0
0
0
0
1
Set to 1 to measure data rate
0 = Lock to input data
0
1
20 MHz to 40 MHz
0
0
0
1
2
1 = Lock to reference clock
1
0
40 MHz to 80 MHz
0
0
1
0
4
1
1
80 MHz to 160 MHz
n
2n
1
0
0
0
256
1
Where DIV_FREF is the divided down reference referred to the 10 MHz to 20 MHz band (see the Reference Clock (Optional) section).
Table 9. Control Register, CTRLB
Config LOL
Reset MISC[4]
System Reset
Reset MISC[2]
D7
D6
D5
D4
D3
D2
D1
D0
0 = LOL pin normal operation
Write a 1 followed by
0 to reset MISC[4]
Write a 1 followed by
0 to reset ADN2816
Set to 0
Write a 1 followed by
0 to reset MISC[2]
Set to 0
Set to 0
Set to 0
1 = LOL pin is static LOL
Table 10. Control Register, CTRLC
SQUELCH Mode
Output Boost
D7
D6
D5
D4
D3
D2
D1
D0
Set to 0
Set to 0
Set to 0
Set to 0
Set to 0
Set to 0
0 = SQUELCH CLK and DATA
0 = Default output swing
1 = SQUELCH CLK or DATA
1 = Boost output swing


Similar Part No. - ADN2816_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2816ACPZ-500RL7 AD-ADN2816ACPZ-500RL7 Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2816ACPZ-RL7 AD-ADN2816ACPZ-RL7 Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2816XCPZ AD-ADN2816XCPZ Datasheet
299Kb / 27P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. PrA
More results

Similar Description - ADN2816_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2816 AD-ADN2816 Datasheet
299Kb / 27P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. PrA
ADN2814 AD-ADN2814 Datasheet
336Kb / 28P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. PrA
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. 0
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2813 AD-ADN2813 Datasheet
522Kb / 28P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2812 AD-ADN2812 Datasheet
478Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
logo
TriQuint Semiconductor
TQ8103 TRIQUINT-TQ8103 Datasheet
194Kb / 9P
   622 Mb/s Clock & Data Recovery
logo
Analog Devices
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com