Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL78I1D Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # RL78I1D
Description  RENESAS MCU
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78I1D Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button RL78I1D_15 Datasheet HTML 6Page - Renesas Technology Corp RL78I1D_15 Datasheet HTML 7Page - Renesas Technology Corp RL78I1D_15 Datasheet HTML 8Page - Renesas Technology Corp RL78I1D_15 Datasheet HTML 9Page - Renesas Technology Corp RL78I1D_15 Datasheet HTML 10Page - Renesas Technology Corp RL78I1D_15 Datasheet HTML 11Page - Renesas Technology Corp RL78I1D_15 Datasheet HTML 12Page - Renesas Technology Corp RL78I1D_15 Datasheet HTML 13Page - Renesas Technology Corp RL78I1D_15 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
RL78/I1D
1. OUTLINE
R01DS0244EJ0200 Rev. 2.00
Page 10 of 99
Jan 16, 2015
1.3.5
48-pin products
• 48-pin plastic LFQFP (7
 7 mm, 0.5 mm pitch)
Caution 1. Connect the REGC pin to VSS pin via a capacitor (0.47 to 1
F).
Caution 2. Make AVSS pin the same potential as VSS pin.
Caution 3. Make AVDD pin the same potential as VDD pin.
Remark 1.
For pin identification, see 1.4 Pin Identification.
Remark 2.
Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register 0
(PIOR0).
P30/(SCK00)/(SCL00)/TI00/TO01/IVREF0
P50/(TI00/TO01)/RTC1HZ
P51/KR0/SCK01/SCL01/TI02/TO02
P52/KR1/SI01/SDA01/TI03/TO03
P53/KR2/SO01/VCOUT0
P54/SO00/TxD0/INTP1/TOOLTXD
P55/SI00/RxD0/SDA00/INTP2/TOOLRXD
P56/SCK00/SCL00/INTP3
P57/(TI03/TO03)/INTP4/VCOUT1
P63/SSI00
P62
P61
P16/ANI6/AMP1-
P15/ANI5/AMP1+
P14/ANI4/IVCMP0/AMP0O
P13/ANI3/AMP0-
P12/ANI2/AMP0+
P11/ANI1/AVREFM
P10/ANI0/AVREFP
P130
P40/TOOL0
P04/ANI18
P03/ANI17
P02/ANI16
37
38
39
40
41
42
43
44
45
46
47
48
24
23
22
21
20
19
18
17
16
15
14
13
1 2 3 456 789 10 11 12
36 35 34 33 32 31 30 29 28 27 26 25


Similar Part No. - RL78I1D_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78I1A RENESAS-RL78I1A Datasheet
1Mb / 107P
   True Low Power Platform Ultra-Low Power Technology
RL78I1A RENESAS-RL78I1A_15 Datasheet
1Mb / 107P
   RENESAS MCU
More results

Similar Description - RL78I1D_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com