Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2880 Datasheet(PDF) 5 Page - Analog Devices

Part # ADN2880
Description  3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2880 Datasheet(HTML) 5 Page - Analog Devices

  ADN2880_15 Datasheet HTML 1Page - Analog Devices ADN2880_15 Datasheet HTML 2Page - Analog Devices ADN2880_15 Datasheet HTML 3Page - Analog Devices ADN2880_15 Datasheet HTML 4Page - Analog Devices ADN2880_15 Datasheet HTML 5Page - Analog Devices ADN2880_15 Datasheet HTML 6Page - Analog Devices ADN2880_15 Datasheet HTML 7Page - Analog Devices ADN2880_15 Datasheet HTML 8Page - Analog Devices ADN2880_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADN2880
Rev. 0 | Page 5 of 12
PAD LAYOUT AND FUNCTION DESCRIPTIONS
2
3
4
5
678
9
11
12
1
13
14
15
16
17
GND
IN
TEST
FILTER
FILTER
GND
OUTB
OUT
GND
10
GND
CAP
RSSI
GND
VCC
VCC
VCCFILTER
GND
Figure 2. Pad Layout
Table 3. Pad Function Descriptions
Pad No.
Mnemonic
Pin Type1
Description
1
GND
P
Ground. (Input return.)
2
IN
AI
Current Input. Bond directly to a photodiode (PD) anode.
3
TEST
AI
Test Probe Pad. Do not connect.
4, 5
FILTER
AO
Filter Output. Pad 4 and Pad 5 are metal connected. Optional bond to a PD cathode.
6
GND
P
Ground.
7
RSSI
AO
Voltage Output. Provides average input current monitoring. If not used, connect to ground.
8
CAP
AI
Low Frequency Cutoff (LFC) Setpoint. For SONET applications, see Figure 10 and contact sales
for assembly details.
9, 10, 13, 14
GND
P
Ground. (Output return.)
11
OUTB
AO
Negative Output, CML, On-Chip 50 Ω Termination (AC or DC Termination).
12
OUT
AO
Positive Output, CML, On-Chip 50 Ω Termination (AC or DC Termination).
15
VCCFILTER
P
On-Chip Filter Supply. Connect to VCC to Enable On-Chip RC Filter (200 Ω, 20 pF). Leave
unconnected if not used.
16, 17
VCC
P
3.3 V Supply. Place a 200 pF, RF decoupling capacitor close to the power pad to reduce
the power noise.
1 P = power; AI = analog input; and AO = analog output.


Similar Part No. - ADN2880_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2880ACHIPS AD-ADN2880ACHIPS Datasheet
355Kb / 12P
   3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
REV. 0
More results

Similar Description - ADN2880_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2880 AD-ADN2880 Datasheet
355Kb / 12P
   3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
REV. 0
ADN2882 AD-ADN2882_15 Datasheet
275Kb / 12P
   4.25 Gbps, 3.3 V Low Noise, Transimpedance Amplifier
REV. A
ADN2891ACP AD-ADN2891ACP Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891 AD-ADN2891_15 Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891 AD-ADN2891 Datasheet
602Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
logo
M/A-COM Technology Solu...
02013-BRF-001-A MA-COM-02013-BRF-001-A Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
logo
Analog Devices
ADN2882 AD-ADN2882 Datasheet
184Kb / 10P
   4.25 Gbps 3.3V Low Noise Transimpedance Amplifier
Rev. PrD November 04 2004
logo
Maxim Integrated Produc...
MAX3657 MAXIM-MAX3657_V01 Datasheet
755Kb / 15P
   155Mbps Low-Noise Transimpedance Amplifier
19-2834; Rev 3; 11/05
logo
Applied Micro Circuits ...
CS3170 AMCC-CS3170 Datasheet
159Kb / 11P
   2.5 Gbps Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com