Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN8820 Datasheet(PDF) 6 Page - Analog Devices

Part # ADN8820
Description  EDFA and CW Laser Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8820 Datasheet(HTML) 6 Page - Analog Devices

  ADN8820_15 Datasheet HTML 1Page - Analog Devices ADN8820_15 Datasheet HTML 2Page - Analog Devices ADN8820_15 Datasheet HTML 3Page - Analog Devices ADN8820_15 Datasheet HTML 4Page - Analog Devices ADN8820_15 Datasheet HTML 5Page - Analog Devices ADN8820_15 Datasheet HTML 6Page - Analog Devices ADN8820_15 Datasheet HTML 7Page - Analog Devices ADN8820_15 Datasheet HTML 8Page - Analog Devices ADN8820_15 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ADN8820
Preliminary Technical Data
Rev. PrB | Page 6 of 9
PIN FUNCTIONS
Name
Pin
Function
Connections
AMPLIFIER INPUTS
IPDIN
3
Input to TIA for EDFA input photodiode
EDFA input photodiode and feedback resistor
LPDIN
6
Input to TIA for laser photodiode
Laser photodiode and feedback resistor
OPDIN
9
Input to TIA for EDFA output photodiode
EDFA output photodiode and feedback resistor
VB
2
Bias voltage for EDFA input and output photodiodes
External bias voltage required
VBLP
5
Bias voltage for laser photodiode
External bias voltage required
CSP
37
Non-inverting input of current sense amplifier
High-side of laser current sense resistor (50 m
Ω typ.)
CSN
38
Inverting input of current sense amplifier
Low-side of laser current sense resistor (50 m
Ω typ.)
LIMIT INPUTS
VLIM
1
Laser diode voltage will not exceed VLIM
External voltage required
ILIM
45
Limits output voltage if LIO > ILIM
External voltage or no connection (defaults to 2.5 V)
OPLIM
47
Limits output voltage if OPO > OPLIM
External voltage or no connection (defaults to 2.5 V)
LPLIM
46
Limits output voltage if LPO > LPLIM
External voltage or no connection (defaults to 2.5 V)
IPMIN
48
Limits output voltage if IPO is lower than IPMIN
External voltage required
ERROR (COMPENSATION) AMPLIFIER (EA)
EANLP
41
Compensation network for laser diode loop
Internally connects inverting input of EA to laser diode
compensation network
EANOP
40
Compensation network for EDFA loop
Internally connects inverting input of EA to EDFA
compensation network
EAOUT
39
Output of compensation amplifier
Internal connection to linear output amplifier
MUX
42
Allows separate compensation for EDFA and laser
diode
Connects to two external compensation networks: one
for EDFA loop, one for laser diode loop
OPCMP
44
Compensation for limiter section
R-C network to ground
SET
8
Sets output power or current based on MODE
settings
External voltage or DAC
POWER OUTPUT AMPLIFIERS
LINOUT
33
Linear amplifier output
Laser diode through 1
Ω series resistor
PGATE
30
PWM switching for PMOS
Gate of external PMOS for PWM output
NGATE
31
PWM switching for NMOS
Gate of external NMOS for PWM output
SWITCH
28
PWM amplifier output
Drains of external NMOS, PMOS, and input of L-C filter
FB
24
Feedback input for PWM amplifier
Output of L-C filter and laser diode
PWMCMP1
23
Compensation for PWM amplifier
Series R-C networks to FB and PWMCMP2
PWMCMP2
22
Compensation for PWM amplifier
Series R-C to PWMCMP1
SS/SB
25
Constant current charges external capacitor to soft-
start PWM output from 0% duty cycle
Optional external FET can pull down and to engage
standby mode
OUTPUT MONITOR VOLTAGES
IPO
4
Output of EDFA input photodiode TIA
Feedback resistor to IPDIN
OPO
10
Output of EDFA output photodiode TIA
Feedback resistor to OPDIN
LPO
7
Output of laser diode photodiode TIA
Feedback resistor to LPDIN
LIO
11
Output of current sense amplifier
DUAL
12
Compares LIO to 90% of ILIM
To SET pin of additional ADN8820 device in multi-
pump optical amplifier applications
EAOUT
39
Output of compesnation amplifier
Internal connection to linear output amplifier
OSCILLATOR SECTION
SYNCIN
27
Optional clock input signal for PLL
Ground or external clock
SYNCOUT
26
Follows rising edge of SYNCIN plus phase shift
Optional connection to SYNCIN of additional ADN8820
device
CMPOSC
16
Compensation for synchronizing PLL
R-C network to ground
PHASE
17
Sets rising edge phase shift of SYNCOUT
External voltage or no connection (default is 0.7V)
RT
15
Sets PWM clock frequency
Resistor (RT) to ground


Similar Part No. - ADN8820_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8820-REEL7 AD-ADN8820-REEL7 Datasheet
288Kb / 9P
   EDFA and CW Laser Controller
Rev. PrB
More results

Similar Description - ADN8820_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8820 AD-ADN8820 Datasheet
288Kb / 9P
   EDFA and CW Laser Controller
Rev. PrB
logo
Hamamatsu Corporation
L9777-02 HAMAMATSU-L9777-02_15 Datasheet
256Kb / 2P
   CW laser diodes
L8933 HAMAMATSU-L8933 Datasheet
126Kb / 4P
   CW LASER DIODES
logo
Directed Energy, Inc.
PCO-6511 DEI-PCO-6511 Datasheet
588Kb / 2P
   CW Laser Diode Driver
logo
IC-Haus GmbH
IC-HT ICHAUS-IC-HT_15 Datasheet
949Kb / 45P
   DUAL CW LASER DIODE DRIVER
logo
Finisar Corporation.
S7500 FINISAR-S7500 Datasheet
395Kb / 8P
   CW Tunable Laser ??Butterfly Package
logo
IC-Haus GmbH
IC-HTG ICHAUS-IC-HTG Datasheet
1,003Kb / 40P
   POWER CW LASER DIODE DRIVER
logo
Analog Technologies, In...
CWD-01-V2-D ANALOGTECHNOLOGIES-CWD-01-V2-D Datasheet
333Kb / 7P
   Constant Current CW Laser Driver
1/24/2022
logo
IC-Haus GmbH
IC-HT ICHAUS-IC-HT Datasheet
972Kb / 42P
   DUAL CW LASER DIODE DRIVER
logo
List of Unclassifed Man...
CWD-01-V2 ETC2-CWD-01-V2 Datasheet
41Kb / 5P
   CONSTANT CURRENT CW LASER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com